データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CASD355SY データシート(PDF) 1 Page - Cystech Electonics Corp.

部品番号 CASD355SY
部品情報  80V/100mA SURFACE MOUNT SWITCHING DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

CASD355SY データシート(HTML) 1 Page - Cystech Electonics Corp.

  CASD355SY Datasheet HTML 1Page - Cystech Electonics Corp. CASD355SY Datasheet HTML 2Page - Cystech Electonics Corp. CASD355SY Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C332SY
Issued Date : 2004.04.16
Revised Date :
Page No. : 1/1
CASD355SY
CYStek Product Specification
80V/100mA SURFACE MOUNT SWITCHING DIODE
CASD355SY
Features:
● Designed for mounting on small surface
● Extremely thin / leadless package
● Low leakage current
● High mounting capability, strong surge withstand, high reliability
Mechanical data:
● Case: 1005(2512) standard package, molded plastic, JEDEC SOD-323
● Terminals : Gold plated, solderable per MIL-STD-750, method 2026.
● Polarity: Indicated by cathode band
● Mounting position: Any
● Weight: 0.006 gram (approximately)
Absolute Maximum Ratings(At Ta=25℃, unless otherwise noted)
Characteristics
Symbol
Min
Typ
Max
Unit
Repetitive Peak Reverse Voltage
VRRM
-
-
90
V
Reverse Voltage
VR
-
-
80
V
Average Forward Current
IO
-
-
100
mA
Peak Forward Surge Current @8.3ms, single half
sine-wave superimposed on rated load(JEDEC method)
IFSM
-
1000
-
mA
Repetitive Peak Forward Current
IFRM
-
-
225
mA
Power Dissipation
PD
-
-
300
mW
Junction Temperature
Tj
-55
-
+125
°C
Storage Temperature Range
Tstg
-55
-
+125
°C
Electrical Characteristics ( At Ta=25°C, unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Forward Voltage
IF=100mA
VF
-
-
1
V
Reverse Current
VR=80V
IR
-
-
100
nA
Diode Capacitance
VR=0.5V, f=1MHz
CD
-
-
3
pF
Reverse Recovery Time
IF=10mA,VR=6V,IRR=0.1×IR, RL=50Ω
trr
-
-
4
ns


同様の部品番号 - CASD355SY

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
CASD355SG CYSTEKEC-CASD355SG Datasheet
147Kb / 3P
   100V/100mA SURFACE MOUNT SWITCHING DIODE
More results

同様の説明 - CASD355SY

メーカー部品番号データシート部品情報
logo
SUNMATE electronic Co.,...
1SS181 SUNMATE-1SS181 Datasheet
1Mb / 2P
   100mA Surface Mount Switching Diode
1SS187 SUNMATE-1SS187 Datasheet
2Mb / 2P
   100mA Surface Mount Switching Diode
1SS190 SUNMATE-1SS190 Datasheet
2Mb / 2P
   100mA Surface Mount Switching Diode
1SS184 SUNMATE-1SS184 Datasheet
2Mb / 2P
   100mA Surface Mount Switching Diode
logo
Cystech Electonics Corp...
CASD355SG CYSTEKEC-CASD355SG Datasheet
147Kb / 3P
   100V/100mA SURFACE MOUNT SWITCHING DIODE
CDSS355ASN CYSTEKEC-CDSS355ASN Datasheet
140Kb / 3P
   100V/100mA SURFACE MOUNT SWITCHING DIODE
logo
SUNMATE electronic Co.,...
LL41 SUNMATE-LL41 Datasheet
240Kb / 2P
   100mA Surface Mount Schottky Barrier Diode
RB531S-30 SUNMATE-RB531S-30 Datasheet
248Kb / 3P
   100mA Surface Mount Schottky Barrier Diode
RB530S-30 SUNMATE-RB530S-30 Datasheet
365Kb / 3P
   100mA Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com