データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CASD501S2 データシート(PDF) 1 Page - Cystech Electonics Corp.

部品番号 CASD501S2
部品情報  Surface Mount Small Signal Schottky Barrier Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

CASD501S2 データシート(HTML) 1 Page - Cystech Electonics Corp.

  CASD501S2 Datasheet HTML 1Page - Cystech Electonics Corp. CASD501S2 Datasheet HTML 2Page - Cystech Electonics Corp. CASD501S2 Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C336S2
Issued Date : 2003.06.01
Revised Date :
Page No. : 1/1
CASD501S2
CYStek Product Specification
CASD501S2
Surface Mount Small Signal Schottky Barrier Diodes
Features
• For surface mounted application
• Extremely low VF
• Extremely Thin Package
• Low Stored Charge
• Majority Carrier Conduction
Mechanical Data
• Case: Molded Plastic, JEDEC SOD-323.
• Terminals: Solder plated, solderable per MIL-STD-750 Method 2026
• Polarity: Indicated by cathode band.
• Mounting Position : Any.
• Weight: 0.0045 gram, 0.000159 ounce
Maximum Ratings (Ta=25℃, unless otherwise noted)
Parameter
Symbol
Conditions
min
typ
max
unit
Repetitive Peak Reverse Voltage
VRM
45
V
Continuous Reverse Voltage
VR
40
V
Average Rectified Current
IO
100
mA
Peak Forward Surge Current
IFSM
8.3ms single half sine-wave
superimposed on rated load
(JEDEC method)
1000
mA
Typical Junction Capacitance
CD
f = 1MHz and applied 10VDC
Reverse Voltage
20
pF
Operating Temperature Range
TJ
-40
+125
°C
Storage Temperature Range
TSTG
-40
+125
°C
Electrical Characteristics (Ta=25℃, unless otherwise noted)
Parameter
Symbol
Conditions
min
typ
max
unit
Forward Voltage
VF
IF = 100mA DC
0.55
V
Reverse Leakage Current
IR
VR = 10V DC
30
µA


同様の部品番号 - CASD501S2

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
CASD501SG CYSTEKEC-CASD501SG Datasheet
130Kb / 3P
   Surface Mount Small Signal Schottky Barrier Diodes
More results

同様の説明 - CASD501S2

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
CASD501SG CYSTEKEC-CASD501SG Datasheet
130Kb / 3P
   Surface Mount Small Signal Schottky Barrier Diodes
logo
Diotec Semiconductor
BAT54WS DIOTEC-BAT54WS Datasheet
96Kb / 2P
   Surface Mount Small Signal Schottky Diodes
logo
SUNMATE electronic Co.,...
LL49 SUNMATE-LL49 Datasheet
472Kb / 3P
   SURFACE MOUNT SMALL SIGNAL SCHOTTKY DIODES
logo
Formosa MS
ASD751V-N2 FORMOSA-ASD751V-N2 Datasheet
89Kb / 2P
   Advanced Schottky Barrier Diodes - Surface mount small signal type
ASD751V-N FORMOSA-ASD751V-N Datasheet
87Kb / 2P
   Advanced Schottky Barrier Diodes - Surface mount small signal type
ASD501V-N FORMOSA-ASD501V-N Datasheet
77Kb / 2P
   Advanced Schottky Barrier Diodes - Surface mount small signal type
ASD500V-N FORMOSA-ASD500V-N Datasheet
87Kb / 2P
   Advanced Schottky Barrier Diodes - Surface mount small signal type
ASD723-N FORMOSA-ASD723-N Datasheet
77Kb / 2P
   Advanced Schottky Barrier Diodes - Surface mount small signal type
BAT43WS FORMOSA-BAT43WS Datasheet
84Kb / 2P
   Advanced Schottky Barrier Diodes - Surface mount small signal type
logo
SUNMATE electronic Co.,...
BAT81S SUNMATE-BAT81S Datasheet
119Kb / 2P
   150mA Surface Mount Small Signal Schottky Diodes
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com