データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CASD501SG データシート(PDF) 2 Page - Cystech Electonics Corp.

部品番号 CASD501SG
部品情報  Surface Mount Small Signal Schottky Barrier Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

CASD501SG データシート(HTML) 2 Page - Cystech Electonics Corp.

  CASD501SG Datasheet HTML 1Page - Cystech Electonics Corp. CASD501SG Datasheet HTML 2Page - Cystech Electonics Corp. CASD501SG Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C336SG
Issued Date : 2003.06.01
Revised Date :
Page No. : 2/3
CASD501SG
CYStek Product Specification
Characteristic Curves
Forward Characteristics
1
10
100
0
0.1
0.2
0.3
0.4
0.5
0.6
Forward Voltage---VF(V)
125℃
75℃
25℃
-25℃
Reverse Characteristics
0.1
1
10
100
1000
10000
0
10203040
Reverse Voltage---VR(V)
125℃
75℃
25℃
Forward Current Derating Curve
(Mounting on glass epoxy PCBs)
0
20
40
60
80
100
120
0
25
50
75
100
125
150
Ambient Temperature---Ta(℃)
Diode Capacitance vs Reverse Voltage
1
10
100
0
5
10
15
20
25
30
35
Reverse Voltage---VR(V)


同様の部品番号 - CASD501SG

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
CASD501S2 CYSTEKEC-CASD501S2 Datasheet
134Kb / 3P
   Surface Mount Small Signal Schottky Barrier Diodes
More results

同様の説明 - CASD501SG

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
CASD501S2 CYSTEKEC-CASD501S2 Datasheet
134Kb / 3P
   Surface Mount Small Signal Schottky Barrier Diodes
logo
Diotec Semiconductor
BAT54WS DIOTEC-BAT54WS Datasheet
96Kb / 2P
   Surface Mount Small Signal Schottky Diodes
logo
SUNMATE electronic Co.,...
LL49 SUNMATE-LL49 Datasheet
472Kb / 3P
   SURFACE MOUNT SMALL SIGNAL SCHOTTKY DIODES
logo
Formosa MS
ASD751V-N2 FORMOSA-ASD751V-N2 Datasheet
89Kb / 2P
   Advanced Schottky Barrier Diodes - Surface mount small signal type
ASD751V-N FORMOSA-ASD751V-N Datasheet
87Kb / 2P
   Advanced Schottky Barrier Diodes - Surface mount small signal type
ASD501V-N FORMOSA-ASD501V-N Datasheet
77Kb / 2P
   Advanced Schottky Barrier Diodes - Surface mount small signal type
ASD500V-N FORMOSA-ASD500V-N Datasheet
87Kb / 2P
   Advanced Schottky Barrier Diodes - Surface mount small signal type
ASD723-N FORMOSA-ASD723-N Datasheet
77Kb / 2P
   Advanced Schottky Barrier Diodes - Surface mount small signal type
BAT43WS FORMOSA-BAT43WS Datasheet
84Kb / 2P
   Advanced Schottky Barrier Diodes - Surface mount small signal type
logo
SUNMATE electronic Co.,...
BAT81S SUNMATE-BAT81S Datasheet
119Kb / 2P
   150mA Surface Mount Small Signal Schottky Diodes
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com