データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA2024C データシート(PDF) 9 Page - Tripath Technology Inc.

部品番号 TA2024C
部品情報  STEREO 15W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRIPATH [Tripath Technology Inc.]
ホームページ  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TA2024C データシート(HTML) 9 Page - Tripath Technology Inc.

Back Button TA2024C Datasheet HTML 5Page - Tripath Technology Inc. TA2024C Datasheet HTML 6Page - Tripath Technology Inc. TA2024C Datasheet HTML 7Page - Tripath Technology Inc. TA2024C Datasheet HTML 8Page - Tripath Technology Inc. TA2024C Datasheet HTML 9Page - Tripath Technology Inc. TA2024C Datasheet HTML 10Page - Tripath Technology Inc. TA2024C Datasheet HTML 11Page - Tripath Technology Inc. TA2024C Datasheet HTML 12Page - Tripath Technology Inc. TA2024C Datasheet HTML 13Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Tri p ath Techn o l o g y, I n c. - T echn i cal I n fo rmation
9
TA2024C –KL/1.0/01.06
APPLICA T ION INFORMATION
La y out Rec o mme ndations
The TA2024C is a power (high current) amplifier that operates at relatively high switching
frequencies. The outputs of the amplifier switch between the supply voltage and ground at high
speeds while driving high currents. This high-frequency digital signal is passed through an LC
low-pass filter to recover the amplified audio signal. Since the amplifier must drive the inductive
LC output filter and speaker loads, the amplifier outputs can be pulled above the supply voltage
and below ground by the energy in the output inductance. To avoid subjecting the TA2024C to
potentially damaging voltage stress, it is critical to have a good printed circuit board layout. It is
recommended that Tripath’s layout and application circuit be used for all applications and only be
deviated from after careful analysis of the effects of any changes. Please contact Tripath
Technology for further information regarding reference design material regarding the TA2024C.
Outp ut Sta g e la y out Cons ide r a t ions a n d Compone n t Se le c t ion Crite r ia
Proper PCB layout and component selection is a major step in designing a reliable TA2024C
power amplifier. The supply pins require proper decoupling with correctly chosen components to
achieve optimal reliability. The output pins need proper protection to keep the outputs from going
below ground.
The above layout shows ideal component placement and routing for channel 1 (the same design
criteria applies to channel 2). This shows that C3, a 0.1uF surface mount 0805 capacitor, should
be the first component placed and must decouple VDD1 (pins 29 and 30) directly to PGND1
(pin35). C2, a low ESR, electrolytic capacitor, should also decouple VDD1 directly to PGND1.
Both C2 and C3 may decouple VDD1 to a ground plane, but it is critical that the return path to the
PGND1 pin of the TA2024C, whether it is a ground plane or a trace, be a short and direct low
impedance path. Effectively decoupling VDD will shunt any power supply trace length inductance.
The diodes and inductors shown are for channel 1’s outputs. D1 and L2 connect to the OUTP1
pin and D2 and L3 connect to the OUTM1 pin of the TA2024C. Each output must have a Schottky
or Ultra Fast Recovery diode placed near the TA2024C, preferably immediately after the
decoupling capacitors and use short returns to PGND1. These low side diodes, D1 and D2, will
prevent the outputs from going below ground. To be optimally effective they must have a short
and direct return path to its proper ground pin (PGND1) of the TA2024C. This can be achieved
with a ground plane or a trace.
The output inductors, L2 and L3, should be placed close to the TA2024C without compromising
the locations of the closely placed supply decoupling capacitors and output diodes. The purpose
of placing the output inductors close to the TA2024C output pins is to reduce the trace length of
the switching outputs. This will aid in reducing radiated emissions.


同様の部品番号 - TA2024C

メーカー部品番号データシート部品情報
logo
Tripath Technology Inc.
TA2024 TRIPATH-TA2024 Datasheet
467Kb / 14P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
logo
Powerex Power Semicondu...
TA202412 POWEREX-TA202412 Datasheet
188Kb / 4P
   Phase Control SCR (1200-1400 Amperes Avg 2400-4000 Volts)
TA202414 POWEREX-TA202414 Datasheet
188Kb / 4P
   Phase Control SCR (1200-1400 Amperes Avg 2400-4000 Volts)
TA20241603DH POWEREX-TA20241603DH Datasheet
838Kb / 4P
   Phase Control SCR 1600 Amperes Average 2400 Volts
logo
Tripath Technology Inc.
TA2024B TRIPATH-TA2024B Datasheet
538Kb / 14P
   STEREO 15W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
More results

同様の説明 - TA2024C

メーカー部品番号データシート部品情報
logo
Tripath Technology Inc.
TA2024B TRIPATH-TA2024B Datasheet
538Kb / 14P
   STEREO 15W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TA2024 TRIPATH-TA2024 Datasheet
467Kb / 14P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TA2020-020 TRIPATH-TA2020-020 Datasheet
293Kb / 13P
   Stereo 20W (4?? Class-T Digital Audio Amplifier using Digital Power Processing Technology
TA1101B TRIPATH-TA1101B Datasheet
202Kb / 13P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TK2150 TRIPATH-TK2150 Datasheet
666Kb / 34P
   STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
TAA2008 TRIPATH-TAA2008 Datasheet
354Kb / 18P
   STEREO 9W (8?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TDA2500 TRIPATH-TDA2500 Datasheet
313Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TA0105A TRIPATH-TA0105A Datasheet
359Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TAA2009 TRIPATH-TAA2009 Datasheet
313Kb / 19P
   STEREO 9W (8?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TA2022 TRIPATH-TA2022 Datasheet
420Kb / 31P
   STEREO 90W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com