データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA2024C データシート(PDF) 2 Page - Tripath Technology Inc.

部品番号 TA2024C
部品情報  STEREO 15W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRIPATH [Tripath Technology Inc.]
ホームページ  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TA2024C データシート(HTML) 2 Page - Tripath Technology Inc.

  TA2024C Datasheet HTML 1Page - Tripath Technology Inc. TA2024C Datasheet HTML 2Page - Tripath Technology Inc. TA2024C Datasheet HTML 3Page - Tripath Technology Inc. TA2024C Datasheet HTML 4Page - Tripath Technology Inc. TA2024C Datasheet HTML 5Page - Tripath Technology Inc. TA2024C Datasheet HTML 6Page - Tripath Technology Inc. TA2024C Datasheet HTML 7Page - Tripath Technology Inc. TA2024C Datasheet HTML 8Page - Tripath Technology Inc. TA2024C Datasheet HTML 9Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Tri p ath Techn o l o g y, I n c. - T echn i cal I n fo rmation
2
TA2024C –KL/1.0/01.06
ABSOLUTE MAXIMUM RATINGS (Note 1)
SYMBOL
PARAMETER
Value
UNITS
VDD
Supply Voltage
16
V
V5
Input Section Supply Voltage
6.0
V
SLEEP
SLEEP Input Voltage
-0.3 to 6.0
V
MUTE
MUTE Input Voltage
-0.3 to V5+0.3
V
TSTORE
Storage Temperature Range
-40 to 150
°C
TA
Operating Free-air Temperature Range
0 to 70
°C
TJ
Junction Temperature
150
°C
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
Note 2: See Power Dissipation Derating in the Applications Information section.
OPERATING COND ITIO NS (Note 4)
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNITS
VDD
Supply Voltage
8.5
12
14.0
V
VIH
High-level Input Voltage (MUTE, SLEEP)
3.5
V
VIL
Low-level Input Voltage (MUTE, SLEEP)
1
V
Note 3: Recommended Operating Conditions indicate conditions for which the device is functional. See
Electrical Characteristics for guaranteed specific performance limits.
THERMAL CHARA CTER ISTICS
SYMBOL
PARAMETER
VALUE UNITS
θJC
Junction-to-case Thermal Resistance
2.5
°C/W
θJA
Junction-to-ambient Thermal Resistance (still air)
50
°C/W


同様の部品番号 - TA2024C

メーカー部品番号データシート部品情報
logo
Tripath Technology Inc.
TA2024 TRIPATH-TA2024 Datasheet
467Kb / 14P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
logo
Powerex Power Semicondu...
TA202412 POWEREX-TA202412 Datasheet
188Kb / 4P
   Phase Control SCR (1200-1400 Amperes Avg 2400-4000 Volts)
TA202414 POWEREX-TA202414 Datasheet
188Kb / 4P
   Phase Control SCR (1200-1400 Amperes Avg 2400-4000 Volts)
TA20241603DH POWEREX-TA20241603DH Datasheet
838Kb / 4P
   Phase Control SCR 1600 Amperes Average 2400 Volts
logo
Tripath Technology Inc.
TA2024B TRIPATH-TA2024B Datasheet
538Kb / 14P
   STEREO 15W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
More results

同様の説明 - TA2024C

メーカー部品番号データシート部品情報
logo
Tripath Technology Inc.
TA2024B TRIPATH-TA2024B Datasheet
538Kb / 14P
   STEREO 15W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TA2024 TRIPATH-TA2024 Datasheet
467Kb / 14P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TA2020-020 TRIPATH-TA2020-020 Datasheet
293Kb / 13P
   Stereo 20W (4?? Class-T Digital Audio Amplifier using Digital Power Processing Technology
TA1101B TRIPATH-TA1101B Datasheet
202Kb / 13P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TK2150 TRIPATH-TK2150 Datasheet
666Kb / 34P
   STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
TAA2008 TRIPATH-TAA2008 Datasheet
354Kb / 18P
   STEREO 9W (8?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TDA2500 TRIPATH-TDA2500 Datasheet
313Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TA0105A TRIPATH-TA0105A Datasheet
359Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TAA2009 TRIPATH-TAA2009 Datasheet
313Kb / 19P
   STEREO 9W (8?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TA2022 TRIPATH-TA2022 Datasheet
420Kb / 31P
   STEREO 90W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com