データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TAA2008 データシート(PDF) 2 Page - Tripath Technology Inc.

部品番号 TAA2008
部品情報  STEREO 9W (8?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRIPATH [Tripath Technology Inc.]
ホームページ  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TAA2008 データシート(HTML) 2 Page - Tripath Technology Inc.

  TAA2008 Datasheet HTML 1Page - Tripath Technology Inc. TAA2008 Datasheet HTML 2Page - Tripath Technology Inc. TAA2008 Datasheet HTML 3Page - Tripath Technology Inc. TAA2008 Datasheet HTML 4Page - Tripath Technology Inc. TAA2008 Datasheet HTML 5Page - Tripath Technology Inc. TAA2008 Datasheet HTML 6Page - Tripath Technology Inc. TAA2008 Datasheet HTML 7Page - Tripath Technology Inc. TAA2008 Datasheet HTML 8Page - Tripath Technology Inc. TAA2008 Datasheet HTML 9Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Tri p ath Techn o l o g y, I n c. - T echn i cal I n fo rmation
2
TAA2008 –KLi/1.0/05.06
ABSOLUTE MAXIMUM RATINGS (Note 1)
SYMBOL
PARAMETER
Value
UNITS
VDD
Supply Voltage
16
V
V5
Input Section Supply Voltage
6.0
V
SLEEP
SLEEP Input Voltage
-0.3 to 6.0
V
MUTE
MUTE Input Voltage
-0.3 to V5+0.3
V
TSTORE
Storage Temperature Range
-40 to 150
°C
TA
Operating Free-air Temperature Range
0 to 70
°C
TJ
Junction Temperature
150
°C
ESDHB
ESD Susceptibility – Human Body Model (Note 2)
2000
V
ESDMM
ESD Susceptibility – Machine Model (Note 3)
200
V
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
Note 2: Human body model, 100pF discharged through a 1.5K
Ω resistor.
Note 3: Machine model, 220pF – 240pF discharged through all pins.
OPERATING COND ITIO NS (Note 4)
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNITS
VDD
Supply Voltage (Note 5)
8.5
12
14.0
V
VIH
High-level Input Voltage (MUTE, SLEEP)
3.5
V
VIL
Low-level Input Voltage (MUTE, SLEEP)
1
V
Note 4: Recommended Operating Conditions indicate conditions for which the device is functional. See
Electrical Characteristics for guaranteed specific performance limits.
Note 5: Operation above 13.2V requires the use of low and high side schottky diodes as well as 220uF for
CSW. See the Application Section for additional information
THERMAL CHARA CTER ISTICS
SYMBOL
PARAMETER
VALUE UNITS
θJA
Junction-to-ambient Thermal Resistance (note 6)
22
°C/W
Note 6: The
θJA value is based on the exposed pad being soldered down to the printed circuit board. The
exposed pad must be soldered to an exposed copper area on the printed circuit board for proper thermal
and electrical performance.


同様の部品番号 - TAA2008

メーカー部品番号データシート部品情報
logo
Tripath Technology Inc.
TAA2009 TRIPATH-TAA2009 Datasheet
313Kb / 19P
   STEREO 9W (8?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
More results

同様の説明 - TAA2008

メーカー部品番号データシート部品情報
logo
Tripath Technology Inc.
TAA2009 TRIPATH-TAA2009 Datasheet
313Kb / 19P
   STEREO 9W (8?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TA2024 TRIPATH-TA2024 Datasheet
467Kb / 14P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TA2020-020 TRIPATH-TA2020-020 Datasheet
293Kb / 13P
   Stereo 20W (4?? Class-T Digital Audio Amplifier using Digital Power Processing Technology
TA1101B TRIPATH-TA1101B Datasheet
202Kb / 13P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TK2150 TRIPATH-TK2150 Datasheet
666Kb / 34P
   STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
TDA2500 TRIPATH-TDA2500 Datasheet
313Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TA0105A TRIPATH-TA0105A Datasheet
359Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TA2024B TRIPATH-TA2024B Datasheet
538Kb / 14P
   STEREO 15W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TA2024C TRIPATH-TA2024C Datasheet
395Kb / 18P
   STEREO 15W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TC2000 TRIPATH-TC2000 Datasheet
202Kb / 9P
   STEREO CLASS-T??AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com