データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA1400 データシート(PDF) 2 Page - Tripath Technology Inc.

部品番号 TDA1400
部品情報  MONO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRIPATH [Tripath Technology Inc.]
ホームページ  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TDA1400 データシート(HTML) 2 Page - Tripath Technology Inc.

  TDA1400 Datasheet HTML 1Page - Tripath Technology Inc. TDA1400 Datasheet HTML 2Page - Tripath Technology Inc. TDA1400 Datasheet HTML 3Page - Tripath Technology Inc. TDA1400 Datasheet HTML 4Page - Tripath Technology Inc. TDA1400 Datasheet HTML 5Page - Tripath Technology Inc. TDA1400 Datasheet HTML 6Page - Tripath Technology Inc. TDA1400 Datasheet HTML 7Page - Tripath Technology Inc. TDA1400 Datasheet HTML 8Page - Tripath Technology Inc. TDA1400 Datasheet HTML 9Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
T r ip a t h T e ch n o lo gy, In c . - P r e l i m in a r y In f o r m a t i o n
2
TDA140 0 – Rev . 0 . 65 /KLi /02 . 06
Absolute Maximum Ratings (Note 1)
SYMBOL
PARAMETER
Value
UNITS
V5
5V Power Supply
6
V
Vlogic
Input logic level
V5 + 0.3
V
V10
10V Power Supply
12
V
TSTORE
Storage Temperature Range
-55º to 150º
°C
VPP, VNN
Supply Voltage (Note 5)
+/-70
V
TA
Operating Free-air Temperature Range
-40º to 85º
°C
TJ
Junction Temperature
150º
°C
ESDHB
ESD Susceptibility – Human Body Model (Note 2)
All pins
TBD
V
ESDMM
ESD Susceptibility – Machine Model (Note 3)
All pins
TBD
V
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
See the table below for Operating Conditions.
Note 2: Human body model, 100pF discharged through a 1.5K
Ω resistor.
Note 3: Machine model, 220pF – 240pF discharged through all pins.
Operating Conditions (Note 4)
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNITS
V5
5V Power Supply
4.5
5
5.5
V
V10
10V Power Supply
9
10
11
V
TA
Operating Temperature Range
-40
25
85
°C
VPP
Positive Supply Voltage (note 5)
15
TBD
V
VNN
Negative Supply Voltage (note 5)
-15
-TBD
V
Note 4: Recommended Operating Conditions indicate conditions for which the device is functional.
See Electrical Characteristics for guaranteed specific performance limits.
Note 5: The supply limitation is based on the internal over-current detection circuit. This limitation is
subject to additional characterization. In addition, depending on feedback configuration, the TDA1400
can be used in single-supply applications, in which case, the negative supply, VNN, is not needed.
Thermal Characteristics
SYMBOL
PARAMETER
Value
UNITS
θJA
Junction-to-ambient Thermal Resistance (still air)
TBD
C/W


同様の部品番号 - TDA1400

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TDA1410 ETC-TDA1410 Datasheet
746Kb / 14P
   MONOLITHIC QUASI-COMPLEMENTARY DUAL DARLINGTON IN PENTAWATT® PACKAGE
TDA1410H ETC-TDA1410H Datasheet
746Kb / 14P
   MONOLITHIC QUASI-COMPLEMENTARY DUAL DARLINGTON IN PENTAWATT® PACKAGE
TDA1410V ETC-TDA1410V Datasheet
746Kb / 14P
   MONOLITHIC QUASI-COMPLEMENTARY DUAL DARLINGTON IN PENTAWATT® PACKAGE
logo
Dongguan Xinkang Electr...
TDA149 TNK-TDA149 Datasheet
148Kb / 1P
   VDSL Line Transformer Through Hole Magnetics
More results

同様の説明 - TDA1400

メーカー部品番号データシート部品情報
logo
Tripath Technology Inc.
TDA2075A TRIPATH-TDA2075A Datasheet
459Kb / 24P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
TDA2125A TRIPATH-TDA2125A Datasheet
97Kb / 1P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
EB-TA1101B TRIPATH-EB-TA1101B Datasheet
543Kb / 9P
   Class-T Digital Audio Amplifier Evaluation Board using Digital Power ProcessingTM Technology
TA3020 TRIPATH-TA3020 Datasheet
284Kb / 29P
   Stereo 300W (4?? Class-T Digital Audio Amplifier Driver using Digital Power ProcessingTM Technology
TK2350 TRIPATH-TK2350 Datasheet
699Kb / 36P
   STEREO 300W (4 OHM ) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
TCD6001 TRIPATH-TCD6001 Datasheet
411Kb / 43P
   6 CHANNEL CLASS-T DIGITAL AUDIO PROCESSOR USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
TCD6000 TRIPATH-TCD6000 Datasheet
676Kb / 36P
   6 CHANNEL CLASS-T DIGITAL AUDIO PROCESSOR USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
TK2150 TRIPATH-TK2150 Datasheet
666Kb / 34P
   STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
TDA2500 TRIPATH-TDA2500 Datasheet
313Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TA0105A TRIPATH-TA0105A Datasheet
359Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com