データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BUZ900 データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 BUZ900
部品情報  N-CHANNEL POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

BUZ900 データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  BUZ900 Datasheet HTML 1Page - List of Unclassifed Manufacturers BUZ900 Datasheet HTML 2Page - List of Unclassifed Manufacturers BUZ900 Datasheet HTML 3Page - List of Unclassifed Manufacturers BUZ900 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TEC
MAGNA
Magnatec. Telephone (01455) 554711. Telex: 341927. Fax (01455) 552612.
Prelim. 10/94
BUZ900
BUZ901
Characteristic
Test Conditions
Min.
Typ.
Max.
Unit
BVDSX
Drain – Source Breakdown Voltage
BVGSS
Gate – Source Breakdown Voltage
VGS(OFF)
Gate – Source Cut–Off Voltage
VDS(SAT)* Drain – Source Saturation Voltage
IDSX
Drain – Source Cut–Off Current
yfs*
Forward Transfer Admittance
160
200
±14
0.15
1.5
12
10
10
0.7
2
* Pulse Test: Pulse Width = 300
µs , Duty Cycle ≤ 2%.
VGS = –10V
BUZ900
ID = 10mA
BUZ901
VDS = 0
IG = ±100µA
VDS = 10V
ID = 100mA
VGD = 0
ID = 8A
VDS = 160V
BUZ900
VGS = –10V
VDS = 200V
BUZ901
VDS = 10V
ID = 3A
V
V
V
V
mA
S
Characteristic
Test Conditions
Min.
Typ.
Max.
Unit
Ciss
Input Capacitance
Coss
Output Capacitance
Crss
Reverse Transfer Capacitance
ton
Turn–on Time
toff
Turn-off Time
500
300
10
100
50
VDS = 10V
f = 1MHz
VDS = 20V
ID = 5A
pF
ns
STATIC CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
DYNAMIC CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
0
25
50
75
100
125
150
0
25
50
75
100
125
150
T — CASE TEMPERATURE (˚C)
C
Derating Chart


同様の部品番号 - BUZ900

メーカー部品番号データシート部品情報
logo
New Jersey Semi-Conduct...
BUZ900 NJSEMI-BUZ900 Datasheet
82Kb / 2P
   N-CHANNEL POWER MOSFET
logo
List of Unclassifed Man...
BUZ900DP ETC-BUZ900DP Datasheet
45Kb / 3P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
BUZ900P SEME-LAB-BUZ900P Datasheet
43Kb / 4P
   N?밅HANNEL POWER MOSFET
logo
List of Unclassifed Man...
BUZ900X4S ETC-BUZ900X4S Datasheet
33Kb / 2P
   NEW PRODUCT UNDER DEVELOPMENT
More results

同様の説明 - BUZ900

メーカー部品番号データシート部品情報
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com