データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA6030A4 データシート(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA6030A4
部品情報  3-2 STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA6030A4 データシート(HTML) 2 Page - Texas Instruments

  TPA6030A4 Datasheet HTML 1Page - Texas Instruments TPA6030A4 Datasheet HTML 2Page - Texas Instruments TPA6030A4 Datasheet HTML 3Page - Texas Instruments TPA6030A4 Datasheet HTML 4Page - Texas Instruments TPA6030A4 Datasheet HTML 5Page - Texas Instruments TPA6030A4 Datasheet HTML 6Page - Texas Instruments TPA6030A4 Datasheet HTML 7Page - Texas Instruments TPA6030A4 Datasheet HTML 8Page - Texas Instruments TPA6030A4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
TPA6030A4
SLOS395A – DECEMBER 2002 – REVISED JANUARY 2003
www.ti.com
2
These devices have limited built-in ESD protection. The
leads should be shorted together or the device placed in
conductive foam during storage or handling to prevent
electrostatic damage to the MOS gates.
CAUTION:
During normal operation, shorting the outputs together, to
ground, or to VCC may cause permanent damage to the
device.
ORDERING INFORMATION
SPECIFIED TEMPERATURE
RANGE
PACKAGE DEVICE
TSSOP (PWP)
–40
°C to 85°C
TPA6030A4PWP
(1) The PWP package is available taped and reeled To order a taped
and reeled part, add the suffix R to the part number (e.g.,
TPA6030A4PWPR).
PACKAGE DISSIPATION RATINGS
PACKAGE
TA ≤ 25°C POWER
RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C POWER
RATING
TA = 85°C POWER
RATING
PWP
4.47W(1)
35.8 mW/
°C
2.86 W
2.32 W
(1) The PowerPAD must be soldered to a thermal land on the printed-circuit board. Refer to the Texas Instruments
document, PowerPAD Thermally Enhanced Package Application Report (literature number SLMA002) for more
information on the PowerPAD package. The thermal data was measured on a PCB layout based on the information in
the section entitled Texas Instruments Recommended Board for PowerPAD on page 33 of the before mentioned
document.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
TPA6030A4
Supply voltage, VCC, PVCC
–0.3 V to 15 V
IN2, IN1 Input voltage, VI
–0.3 V to VCC + 0.3V
Continuous total power dissipation
See Dissipation Rating Table
Operating free-air temperature range, TA
–40
°C to 85°C
Operating junction temperature range, TJ
–40
°C to 150°C
Storage temperature range, Tstg
–65
°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
Supply voltage, PVCC, VCC
7
15
V
High input voltage V
SE/BTL, IN2/IN1
0.8VCC
VCC
V
High input voltage, VIH
SHUTDOWN
2
VCC
V
Low input voltage V
SE/BTL, IN2/IN1
0
0.5 VCC
V
Low input voltage, VIL
SHUTDOWN
0
0.8
V
Operating free-air temperature, TA
–40
85
°C


同様の部品番号 - TPA6030A4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA6030A4PWP TI-TPA6030A4PWP Datasheet
683Kb / 30P
[Old version datasheet]   3-2 STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6030A4PWPG4 TI-TPA6030A4PWPG4 Datasheet
683Kb / 30P
[Old version datasheet]   3-2 STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6030A4PWPR TI-TPA6030A4PWPR Datasheet
683Kb / 30P
[Old version datasheet]   3-2 STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6030A4PWPRG4 TI-TPA6030A4PWPRG4 Datasheet
683Kb / 30P
[Old version datasheet]   3-2 STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6030A4 TI-TPA6030A4_07 Datasheet
683Kb / 30P
[Old version datasheet]   3-2 STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
More results

同様の説明 - TPA6030A4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA6030A4 TI-TPA6030A4_07 Datasheet
683Kb / 30P
[Old version datasheet]   3-2 STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6019 EUTECH-EUA6019 Datasheet
785Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6012A4 TI-TPA6012A4 Datasheet
668Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Unisonic Technologies
PA6021 UTC-PA6021 Datasheet
274Kb / 6P
   2-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Texas Instruments
TPA6011A4 TI-TPA6011A4 Datasheet
529Kb / 31P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6011A4PWPR TI1-TPA6011A4PWPR Datasheet
1Mb / 38P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6011A EUTECH-EUA6011A Datasheet
809Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6013A4 TI1-TPA6013A4_16 Datasheet
1Mb / 30P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6021A4 TI-TPA6021A4 Datasheet
1Mb / 26P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6013A4PWP TI1-TPA6013A4PWP Datasheet
499Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com