データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NE3509M04-T2-A データシート(PDF) 4 Page - California Eastern Labs

部品番号 NE3509M04-T2-A
部品情報  L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CEL [California Eastern Labs]
ホームページ  http://www.cel.com
Logo CEL - California Eastern Labs

NE3509M04-T2-A データシート(HTML) 4 Page - California Eastern Labs

  NE3509M04-T2-A Datasheet HTML 1Page - California Eastern Labs NE3509M04-T2-A Datasheet HTML 2Page - California Eastern Labs NE3509M04-T2-A Datasheet HTML 3Page - California Eastern Labs NE3509M04-T2-A Datasheet HTML 4Page - California Eastern Labs NE3509M04-T2-A Datasheet HTML 5Page - California Eastern Labs NE3509M04-T2-A Datasheet HTML 6Page - California Eastern Labs NE3509M04-T2-A Datasheet HTML 7Page - California Eastern Labs NE3509M04-T2-A Datasheet HTML 8Page - California Eastern Labs NE3509M04-T2-A Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
NE3509M04
REFERENCE DATA
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
30
40
-25
-20
-15
-10
-5
0
5
10
15
Pin (dBm)
0
5
10
15
20
25
30
35
40
45
50
Pout(2tone)
IM3L
IM3H
Id
@f=2.4GHz, VDS=2V, ID=10mA(non-RF)
MINIMUM NOISE FIGURE, ASSOCIATED GAIN
vs. DREIN CURRENT
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
10
20
30
40
Drein Current ID (mA)
0
2
4
6
8
10
12
14
16
18
20
NFmin
Ga
f=2.5GHz, VDS=2V
MINIMUM NOISE FIGURE, ASSOCIATED GAIN
vs. DREIN TO SOURCE VOLTAGE
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
1
1.5
2
2.5
3
3.5
Drein to Source Voltage VDS (V)
0
2
4
6
8
10
12
14
16
18
20
NFmin
Ga
f=2.5GHz, IDS=10mA


同様の部品番号 - NE3509M04-T2-A

メーカー部品番号データシート部品情報
logo
California Eastern Labs
NE3509M04-T2 CEL-NE3509M04-T2 Datasheet
284Kb / 9P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3509M04-T2 RENESAS-NE3509M04-T2 Datasheet
217Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3509M04-T2B RENESAS-NE3509M04-T2B Datasheet
217Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results

同様の説明 - NE3509M04-T2-A

メーカー部品番号データシート部品情報
logo
California Eastern Labs
NE3509M04 CEL-NE3509M04_06 Datasheet
284Kb / 9P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3510M04 RENESAS-NE3510M04 Datasheet
216Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE34018 NEC-NE34018 Datasheet
114Kb / 16P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3508M04 RENESAS-NE3508M04 Datasheet
213Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3509M04 RENESAS-NE3509M04 Datasheet
217Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE38018 NEC-NE38018 Datasheet
94Kb / 16P
   L to S BAND LOW NOISE AMPLIFER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3509M14 RENESAS-NE3509M14_15 Datasheet
219Kb / 12P
   N-Channel GaAs HJ-FET, L to C Band Low Noise Amplifier
NE3509M14 RENESAS-NE3509M14 Datasheet
208Kb / 12P
   N-Channel GaAs HJ-FET, L to C Band Low Noise Amplifier
NE3519M04 RENESAS-NE3519M04 Datasheet
226Kb / 13P
   N-channel GaAs HJ-FET, L to C Band Low Noise Amplifier
logo
NEC
NE33284A NEC-NE33284A Datasheet
62Kb / 10P
   L to X BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com