データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LCX374MTCX データシート(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 74LCX374MTCX
部品情報  Low-Voltage Octal D Flip-Flop with 5V Tolerant Inputs and Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

74LCX374MTCX データシート(HTML) 3 Page - National Semiconductor (TI)

  74LCX374MTCX Datasheet HTML 1Page - National Semiconductor (TI) 74LCX374MTCX Datasheet HTML 2Page - National Semiconductor (TI) 74LCX374MTCX Datasheet HTML 3Page - National Semiconductor (TI) 74LCX374MTCX Datasheet HTML 4Page - National Semiconductor (TI) 74LCX374MTCX Datasheet HTML 5Page - National Semiconductor (TI) 74LCX374MTCX Datasheet HTML 6Page - National Semiconductor (TI) 74LCX374MTCX Datasheet HTML 7Page - National Semiconductor (TI) 74LCX374MTCX Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required please contact the National Semiconductor Sales Office
Distributors for availability and specifications
Symbol
Parameter
Value
Conditions
Units
VCC
Supply Voltage
b
05 to a70
V
VI
DC Input Voltage
b
05 to a70
V
VO
DC Output Voltage
b
05 to a70
Output in TRI-STATE
V
b
05 to VCC a 05
Output in High or Low State (Note 2)
V
IIK
DC Input Diode Current
b
50
VI k GND
mA
IOK
DC Output Diode Current
b
50
VO k GND
mA
a
50
VO l VCC
IO
DC Output SourceSink Current
g
50
mA
ICC
DC Supply Current per Supply Pin
g
100
mA
IGND
DC Ground Current per Ground Pin
g
100
mA
TSTG
Storage Temperature
b
65 to a150
C
Note 1
The Absolute Maximum Ratings are those values beyond which the safety of the device cannot be guaranteed The device should not be operated at these
limits The parametric values defined in the ‘‘Electrical Characteristics’’ table are not guaranteed at the Absolute Maximum Ratings The ‘‘Recommended Operating
Conditions’’ table will define the conditions for actual device operation
Note 2
IO Absolute Maximum Rating must be observed
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Units
VCC
Supply Voltage
Operating
20
36
V
Data Retention
15
36
VI
Input Voltage
0
55
V
VO
Output Voltage
HIGH or LOW State
0
VCC
V
TRI-STATE
0
55
IOH IOL
Output Current
VCC e 30V–36V
g
24
mA
VCC e 27V
g
12
TA
Free-Air Operating Temperature
b
40
85
C
D
t DV
Input Edge Rate VIN e 08V–20V VCC e 30V
0
10
nsV
DC Electrical Characteristics
Symbol
Parameter
Conditions
VCC
TA eb40 Cto a85 C
Units
(V)
Min
Max
VIH
HIGH Level Input Voltage
27 – 36
20
V
VIL
LOW Level Input Voltage
27 – 36
08
V
VOH
HIGH Level Output Voltage
IOH eb100 mA
27 – 36
VCC b 02
V
IOH eb12 mA
27
22
V
IOH eb18 mA
30
24
V
IOH eb24 mA
30
22
V
VOL
LOW Level Output Voltage
IOL e 100 mA
27 – 36
02
V
IOL e 12 mA
27
04
V
IOL e 16 mA
30
04
V
IOL e 24 mA
30
055
V
II
Input Leakage Current
0 s VI s 55V
27 – 36
g
50
m
A
IOZ
TRI-STATE Output Leakage
0 s VO s 55V
27 – 36
g
50
m
A
VI e VIH or VIL
IOFF
Power-Off Leakage Current
VI or VO e 55V
0
10
m
A
ICC
Quiescent Supply Current
VI e VCC or GND
27 – 36
10
m
A
36V s VI VO s 55V
27 – 36
g
10
m
A
D
ICC
Increase in ICC per Input
VIH e VCC b 06V
27 – 36
500
m
A
http
www nationalcom
3


同様の部品番号 - 74LCX374MTCX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74LCX374MTCX FAIRCHILD-74LCX374MTCX Datasheet
554Kb / 12P
   Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
74LCX374MTCX-NL FAIRCHILD-74LCX374MTCX-NL Datasheet
765Kb / 14P
   Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
74LCX374MTCXNL3 FAIRCHILD-74LCX374MTCXNL3 Datasheet
765Kb / 14P
   Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
74LCX374MTCX_NL FAIRCHILD-74LCX374MTCX_NL Datasheet
554Kb / 12P
   Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
More results

同様の説明 - 74LCX374MTCX

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
74LCX273 NSC-74LCX273 Datasheet
63Kb / 2P
   Low-Voltage Octal D Flip-Flop with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCX574 FAIRCHILD-74LCX574 Datasheet
767Kb / 14P
   Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
74LCX374 FAIRCHILD-74LCX374_07 Datasheet
765Kb / 14P
   Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
74LCX374 FAIRCHILD-74LCX374_06 Datasheet
765Kb / 14P
   Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC7MZ574FK TOSHIBA-TC7MZ574FK Datasheet
259Kb / 7P
   LOW-VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ374FK TOSHIBA-TC7MZ374FK Datasheet
260Kb / 7P
   LOW-VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX574F TOSHIBA-TC74LCX574F Datasheet
304Kb / 9P
   LOW VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX374F TOSHIBA-TC74LCX374F Datasheet
326Kb / 9P
   LOW VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74LCX374 FAIRCHILD-74LCX374 Datasheet
554Kb / 12P
   Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
74LCX374 FAIRCHILD-74LCX374_08 Datasheet
671Kb / 15P
   74LCX374 Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com