データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA3668N データシート(PDF) 10 Page - Sony Corporation

部品番号 CXA3668N
部品情報  Reception Analog Signal Processor IC for Infrared Space Digital Audio Communication
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3668N データシート(HTML) 10 Page - Sony Corporation

Back Button CXA3668N Datasheet HTML 6Page - Sony Corporation CXA3668N Datasheet HTML 7Page - Sony Corporation CXA3668N Datasheet HTML 8Page - Sony Corporation CXA3668N Datasheet HTML 9Page - Sony Corporation CXA3668N Datasheet HTML 10Page - Sony Corporation CXA3668N Datasheet HTML 11Page - Sony Corporation CXA3668N Datasheet HTML 12Page - Sony Corporation CXA3668N Datasheet HTML 13Page - Sony Corporation CXA3668N Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
– 10 –
CXA3668N
In addition, the circuit in Fig. 2 can be expressed by the equivalent circuit in Fig. 5.
(2) When the photodiode current Ip > 63.5µAp-p
Labeling the Ip peak-to-peak size as Ipp, Zs in Fig. 2 is as follows.
Fig. 4
Set L, C1, C2 and C3 so that the gain is flat from the 3MHz band to the 6MHz band.
Rsis =
60.6
× Ipp – 3.85 × 10–3
233
× 10–3
INPUT frequency response
(Ta = 25˚C, VCC = 2.5V)
–10
–5
0
5
10
15
20
25
30
35
40
0.1
1
10
100
Frequency [MHz]
C4
C2
IN (VI)
Rsis
C3
Zi
L
Ip
Fig. 5
However, C4 = Cp + C1.
When set to Cd = 72pF, C1 = 47pF, L = 6.8µH, and C2 = C3 = 6800pF, the VI/Ip frequency response at
Ipp = 100µAp-p, 300µAp-p and 1mAp-p are as shown in Fig. 6.


同様の部品番号 - CXA3668N

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA3621GE SONY-CXA3621GE Datasheet
113Kb / 14P
   Fingerprint Sensor
CXA3627ER SONY-CXA3627ER Datasheet
42Kb / 27P
   All Band Tuner IC with On-chip PLL
CXA3627N SONY-CXA3627N Datasheet
231Kb / 28P
   All Band Tuner IC with On-chip PLL
CXA3685ER SONY-CXA3685ER Datasheet
368Kb / 23P
   Direct Conversion IC for Digital Satellite Broadcast Tuner
CXA3691AEN SONY-CXA3691AEN Datasheet
215Kb / 13P
   High-speed Buffer Amplifier for CCD Image Sensor
More results

同様の説明 - CXA3668N

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXD4017R SONY-CXD4017R Datasheet
1Mb / 34P
   Reception Digital Signal Processor IC for Infrared Spatial Digital Audio Communication
CXD4016R SONY-CXD4016R Datasheet
1Mb / 31P
   Transmission Digital Signal Processor IC for Infrared Spatial Digital Audio Communication
CXA2027Q SONY-CXA2027Q Datasheet
287Kb / 18P
   Analog signal processor IC
logo
Sanyo Semicon Device
LC83015E SANYO-LC83015E Datasheet
353Kb / 16P
   Digital Signal Processor for Audio Applications
logo
Samsung semiconductor
S5L9290X02 SAMSUNG-S5L9290X02 Datasheet
460Kb / 47P
   DIGITAL SIGNAL PROCESSOR FOR INTERNET AUDIO
logo
Toshiba Semiconductor
TC9337F TOSHIBA-TC9337F Datasheet
1Mb / 31P
   AUDIO DIGITAL SIGNAL PROCESSOR
logo
Sanyo Semicon Device
LC83010N SANYO-LC83010N Datasheet
446Kb / 20P
   AUDIO DIGITAL SIGNAL PROCESSOR
logo
Toshiba Semiconductor
TC9331F TOSHIBA-TC9331F Datasheet
1Mb / 33P
   AUDIO DIGITAL SIGNAL PROCESSOR
TC9332F TOSHIBA-TC9332F Datasheet
1Mb / 28P
   AUDIO DIGITAL SIGNAL PROCESSOR
logo
ON Semiconductor
LC786821E ONSEMI-LC786821E Datasheet
543Kb / 35P
   Compressed Audio Signal Processor IC
June 2016 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com