データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ES25P16 データシート(PDF) 6 Page - Excel Semiconductor Inc.

部品番号 ES25P16
部品情報  16Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EXCELSEMI [Excel Semiconductor Inc.]
ホームページ  
Logo EXCELSEMI - Excel Semiconductor Inc.

ES25P16 データシート(HTML) 6 Page - Excel Semiconductor Inc.

Back Button ES25P16 Datasheet HTML 2Page - Excel Semiconductor Inc. ES25P16 Datasheet HTML 3Page - Excel Semiconductor Inc. ES25P16 Datasheet HTML 4Page - Excel Semiconductor Inc. ES25P16 Datasheet HTML 5Page - Excel Semiconductor Inc. ES25P16 Datasheet HTML 6Page - Excel Semiconductor Inc. ES25P16 Datasheet HTML 7Page - Excel Semiconductor Inc. ES25P16 Datasheet HTML 8Page - Excel Semiconductor Inc. ES25P16 Datasheet HTML 9Page - Excel Semiconductor Inc. ES25P16 Datasheet HTML 10Page - Excel Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
ES I
ES I
6
Rev. 0E May 11 , 2006
ES25P16
Excel Semiconductor inc.
ADVANCED INFORMATION
Polling During a Write, Program, or
Erase Cycle
A further improvement in the time to Write Status
Register (WRSR), Program(PP) or Erase (SE or BE)
can be achieved by not waiting for the worst-case
delay. The Write in Progress (WIP) bit is provided in
the Status Register so that the application program
can monitor its value, polling it to establish when the
previous Write cycle, Program cycle, or Erase cycle
is complete.
Active Power and Standby Power Modes
When Chip Select (CS#) is Low, the device is
enabled, and in the Active Power mode. When Chip
Select (CS#) is High, the device is disabled, but
could remain in the Active Power mode until all inter-
nal cycles have completed (Program, Erase, Write
Status Register). The device then goes into the
Standby Power mode. The device consumption
drops to ISB. This can be used as an extra Deep
Power Down on mechanism, when the device is not
in active use, to protect the device from inadvertent
Write, Program, or Erase instructions.
Status Register
The Status Register contains a number of status and
control bits, as shown in Figure 7, that can be read
or set (as appropriate) by specific instructions
WIP bit
The Write In Progress (WIP) bit indicates whether
the memory is busy with a Write Status Register,
Program or Erase cycle.
WEL bit
The Write Enable Latch (WEL) bit indicates the sta-
tus of the internal Write Enable Latch.
BP2, BP1, BP0 bits
The Block Protect (BP2, BP1, BP0) bits are non-vol-
atile. They define the size of the area to be software
protected against Program and Erase instructions.
SRWD bit
The Status Register Write Disable (SRWD) bit is
operated in conjunction with the Write Protect (W#)
signal. The Status Register Write Disable (SRWD)
bit and Write Protect (W#) signal allow the device to
be put in the Hardware Protected mode. In this
mode, the non-volatile bits of the Status Register
(SRWD, BP2, BP1, BP0) become read-only bits.
Hold Condition Modes
The Hold (HOLD#) signal is used to pause any serial
communications with the device without resetting the
clocking sequence. Hold (HOLD#) signal gates the
clock input to the device. However, taking this signal
Low does not terminate any Write Status Register,
Program or Erase cycle that is currently in progress.
To enter the Hold condition, the device must be
selected, with Chip Select (CS#) Low. The Hold con-
dition starts on the falling edge of the Hold (HOLD#)
signal, provided that this coincides with Serial Clock
(SCK) being Low (as shown in Figure 3).
The Hold condition ends on the rising edge of the
Hold (HOLD#) signal, provided that this coincides
with Serial Clock (SCK) being Low.
Figure 3. Hold Condition Activation
SCK
HOLD#
Hold Condition
(Standard use)
Hold Condition
(non-standard use)


同様の部品番号 - ES25P16

メーカー部品番号データシート部品情報
logo
Excel Semiconductor Inc...
ES25P40 EXCELSEMI-ES25P40 Datasheet
435Kb / 35P
   4Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
ES25P80 EXCELSEMI-ES25P80 Datasheet
435Kb / 35P
   8Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
ES25P80-75CC2R EXCELSEMI-ES25P80-75CC2R Datasheet
435Kb / 35P
   8Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
ES25P80-75CC2T EXCELSEMI-ES25P80-75CC2T Datasheet
435Kb / 35P
   8Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
ES25P80-75CC2Y EXCELSEMI-ES25P80-75CC2Y Datasheet
435Kb / 35P
   8Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
More results

同様の説明 - ES25P16

メーカー部品番号データシート部品情報
logo
Excel Semiconductor Inc...
ES25P40 EXCELSEMI-ES25P40 Datasheet
435Kb / 35P
   4Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
ES25P80 EXCELSEMI-ES25P80 Datasheet
435Kb / 35P
   8Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
logo
SPANSION
S25FL004A SPANSION-S25FL004A Datasheet
945Kb / 39P
   4-Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
S25FL004D SPANSION-S25FL004D Datasheet
724Kb / 36P
   4 Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
S25FL064A SPANSION-S25FL064A Datasheet
949Kb / 32P
   64 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL032A SPANSION-S25FL032A Datasheet
941Kb / 36P
   32 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL016A SPANSION-S25FL016A Datasheet
997Kb / 34P
   16 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
logo
Winbond
W19B160BT WINBOND-W19B160BT Datasheet
544Kb / 48P
   16Mbit, 2.7~3.6 volt CMOS flash memory
logo
SPANSION
S25FL128P SPANSION-S25FL128P Datasheet
1Mb / 48P
   128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Bus
S25FL016A SPANSION-S25FL016A_08 Datasheet
1Mb / 36P
   16 Megabit CMOS 3.0 Volt Flash Memory with 50-MHz SPI (Serial Peripheral Interface) Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com