データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ES25P16 データシート(PDF) 8 Page - Excel Semiconductor Inc.

部品番号 ES25P16
部品情報  16Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EXCELSEMI [Excel Semiconductor Inc.]
ホームページ  
Logo EXCELSEMI - Excel Semiconductor Inc.

ES25P16 データシート(HTML) 8 Page - Excel Semiconductor Inc.

Back Button ES25P16 Datasheet HTML 4Page - Excel Semiconductor Inc. ES25P16 Datasheet HTML 5Page - Excel Semiconductor Inc. ES25P16 Datasheet HTML 6Page - Excel Semiconductor Inc. ES25P16 Datasheet HTML 7Page - Excel Semiconductor Inc. ES25P16 Datasheet HTML 8Page - Excel Semiconductor Inc. ES25P16 Datasheet HTML 9Page - Excel Semiconductor Inc. ES25P16 Datasheet HTML 10Page - Excel Semiconductor Inc. ES25P16 Datasheet HTML 11Page - Excel Semiconductor Inc. ES25P16 Datasheet HTML 12Page - Excel Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
ES I
ES I
8
Rev. 0E May 11 , 2006
ES25P16
Excel Semiconductor inc.
ADVANCED INFORMATION
MEMORY ORGANIZATION
The memory is organized as :
- ES25P16 : Thirty-two sectors of 512 Kbit each
- Each page can be individually programmed (bits are programmed from 1 to 0).
- The device is Sector or Bulk erasable (bits are erased from 0 to 1)
Table 2. Sector Address
Sector
Address Range
SA31
1F0000h
1FFFFFh
SA30
1E0000h
1EFFFFh
SA29
1D0000h
1DFFFFh
SA28
1C0000h
1CFFFFh
SA27
1B0000h
1BFFFFh
SA26
1A0000h
1AFFFFh
SA25
190000h
19FFFFh
SA24
180000h
18FFFFh
SA23
170000h
17FFFFh
SA22
160000h
16FFFFh
SA21
150000h
15FFFFh
SA20
140000h
14FFFFh
SA19
130000h
13FFFFh
SA18
120000h
12FFFFh
SA17
110000h
11FFFFh
SA16
100000h
10FFFFh
SA15
0F0000h
0FFFFFh
SA14
0E0000h
0EFFFFh
SA13
0D0000h
0DFFFFh
SA12
0C0000h
0CFFFFh
SA11
0B0000h
0BFFFFh
SA10
0A0000h
0AFFFFh
SA9
090000h
09FFFFh
SA8
080000h
08FFFFh
SA7
070000h
07FFFFh
SA6
060000h
06FFFFh
SA5
050000h
05FFFFh
SA4
040000h
04FFFFh
SA3
030000h
03FFFFh
SA2
020000h
02FFFFh
SA1
010000h
01FFFFh
SA0
000000h
00FFFFh


同様の部品番号 - ES25P16

メーカー部品番号データシート部品情報
logo
Excel Semiconductor Inc...
ES25P40 EXCELSEMI-ES25P40 Datasheet
435Kb / 35P
   4Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
ES25P80 EXCELSEMI-ES25P80 Datasheet
435Kb / 35P
   8Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
ES25P80-75CC2R EXCELSEMI-ES25P80-75CC2R Datasheet
435Kb / 35P
   8Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
ES25P80-75CC2T EXCELSEMI-ES25P80-75CC2T Datasheet
435Kb / 35P
   8Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
ES25P80-75CC2Y EXCELSEMI-ES25P80-75CC2Y Datasheet
435Kb / 35P
   8Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
More results

同様の説明 - ES25P16

メーカー部品番号データシート部品情報
logo
Excel Semiconductor Inc...
ES25P40 EXCELSEMI-ES25P40 Datasheet
435Kb / 35P
   4Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
ES25P80 EXCELSEMI-ES25P80 Datasheet
435Kb / 35P
   8Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
logo
SPANSION
S25FL004A SPANSION-S25FL004A Datasheet
945Kb / 39P
   4-Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
S25FL004D SPANSION-S25FL004D Datasheet
724Kb / 36P
   4 Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
S25FL064A SPANSION-S25FL064A Datasheet
949Kb / 32P
   64 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL032A SPANSION-S25FL032A Datasheet
941Kb / 36P
   32 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL016A SPANSION-S25FL016A Datasheet
997Kb / 34P
   16 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
logo
Winbond
W19B160BT WINBOND-W19B160BT Datasheet
544Kb / 48P
   16Mbit, 2.7~3.6 volt CMOS flash memory
logo
SPANSION
S25FL128P SPANSION-S25FL128P Datasheet
1Mb / 48P
   128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Bus
S25FL016A SPANSION-S25FL016A_08 Datasheet
1Mb / 36P
   16 Megabit CMOS 3.0 Volt Flash Memory with 50-MHz SPI (Serial Peripheral Interface) Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com