データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ES25P80-75CG2Y データシート(PDF) 8 Page - Excel Semiconductor Inc.

部品番号 ES25P80-75CG2Y
部品情報  8Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EXCELSEMI [Excel Semiconductor Inc.]
ホームページ  
Logo EXCELSEMI - Excel Semiconductor Inc.

ES25P80-75CG2Y データシート(HTML) 8 Page - Excel Semiconductor Inc.

Back Button ES25P80-75CG2Y Datasheet HTML 4Page - Excel Semiconductor Inc. ES25P80-75CG2Y Datasheet HTML 5Page - Excel Semiconductor Inc. ES25P80-75CG2Y Datasheet HTML 6Page - Excel Semiconductor Inc. ES25P80-75CG2Y Datasheet HTML 7Page - Excel Semiconductor Inc. ES25P80-75CG2Y Datasheet HTML 8Page - Excel Semiconductor Inc. ES25P80-75CG2Y Datasheet HTML 9Page - Excel Semiconductor Inc. ES25P80-75CG2Y Datasheet HTML 10Page - Excel Semiconductor Inc. ES25P80-75CG2Y Datasheet HTML 11Page - Excel Semiconductor Inc. ES25P80-75CG2Y Datasheet HTML 12Page - Excel Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
ES I
ES I
8
Rev. 0D May, 11, 2006
ES25P80
Excel Semiconductor inc.
ADVANCED INFORMATION
MEMORY ORGANIZATION
The memory is organized as :
- ES25P80 : Sixteen sectors of 512 Kbit each
- Each page can be individually programmed (bits are programmed from 1 to 0).
- The device is Sector or Bulk erasable (bits are erased from 0 to 1)
Table 2. Sector Address
Sector
Address Range
SA15
F0000h
FFFFFh
SA14
E0000h
EFFFFh
SA13
D0000h
DFFFFh
SA12
C0000h
CFFFFh
SA11
B0000h
BFFFFh
SA10
A0000h
AFFFFh
SA9
90000h
9FFFFh
SA8
80000h
8FFFFh
SA7
70000h
7FFFFh
SA6
60000h
6FFFFh
SA5
50000h
5FFFFh
SA4
40000h
4FFFFh
SA3
30000h
3FFFFh
SA2
20000h
2FFFFh
SA1
10000h
1FFFFh
SA0
00000h
0FFFFh


同様の部品番号 - ES25P80-75CG2Y

メーカー部品番号データシート部品情報
logo
Excel Semiconductor Inc...
ES25P16 EXCELSEMI-ES25P16 Datasheet
435Kb / 35P
   16Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
ES25P40 EXCELSEMI-ES25P40 Datasheet
435Kb / 35P
   4Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
More results

同様の説明 - ES25P80-75CG2Y

メーカー部品番号データシート部品情報
logo
Excel Semiconductor Inc...
ES25P40 EXCELSEMI-ES25P40 Datasheet
435Kb / 35P
   4Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
ES25P16 EXCELSEMI-ES25P16 Datasheet
435Kb / 35P
   16Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
logo
SPANSION
S25FL004A SPANSION-S25FL004A Datasheet
945Kb / 39P
   4-Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
S25FL004D SPANSION-S25FL004D Datasheet
724Kb / 36P
   4 Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
S25FL064A SPANSION-S25FL064A Datasheet
949Kb / 32P
   64 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL032A SPANSION-S25FL032A Datasheet
941Kb / 36P
   32 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL016A SPANSION-S25FL016A Datasheet
997Kb / 34P
   16 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL128P SPANSION-S25FL128P Datasheet
1Mb / 48P
   128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Bus
S25FL016A SPANSION-S25FL016A_08 Datasheet
1Mb / 36P
   16 Megabit CMOS 3.0 Volt Flash Memory with 50-MHz SPI (Serial Peripheral Interface) Bus
S25FL008A SPANSION-S25FL008A Datasheet
960Kb / 32P
   8-Megabit CMOS 3.0 Volt Flash Memory with 50 MHz SPI (Serial Peripheral Interface) Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com