データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

G1085T52U データシート(PDF) 5 Page - Global Mixed-mode Technology Inc

部品番号 G1085T52U
部品情報  3A Adjustable Low-Dropout Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GMT [Global Mixed-mode Technology Inc]
ホームページ  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G1085T52U データシート(HTML) 5 Page - Global Mixed-mode Technology Inc

  G1085T52U Datasheet HTML 1Page - Global Mixed-mode Technology Inc G1085T52U Datasheet HTML 2Page - Global Mixed-mode Technology Inc G1085T52U Datasheet HTML 3Page - Global Mixed-mode Technology Inc G1085T52U Datasheet HTML 4Page - Global Mixed-mode Technology Inc G1085T52U Datasheet HTML 5Page - Global Mixed-mode Technology Inc G1085T52U Datasheet HTML 6Page - Global Mixed-mode Technology Inc G1085T52U Datasheet HTML 7Page - Global Mixed-mode Technology Inc G1085T52U Datasheet HTML 8Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Ver: 1.2
Sep 20, 2004
TEL: 886-3-5788833
http://www.gmt.com.tw
5
G1085
Global Mixed-mode Technology Inc.
Typical Performance Characteristics (continued)
Dropout Voltage vs. IOUT
Load Regulation
Output Voltage vs. Temperature
IL = 2.5A
Adj Pin Current vs. Temperature
0
0.5
1
1.5
2
0
123
4
IOUT (A)
T = 25°C
1.240
1.243
1.245
1.248
1.250
1.253
1.255
-50
-30
-10
10305070
Temperature (°C)
VIN = 5V
VIN = 3V
30
40
50
60
70
80
90
100
-50
-30
-10
10
30
50
70
Temperature (°C)
VIN = 5V
VIN = 3V
-5
-3
-1
1
3
5
-50
-30
-10
10
30
50
70
Temperature (°C)
IL = 10mA~2.5A
VIN = 3V
VIN = 5V
IL = 2.5A
0
0.5
1
1.5
2
2.5
3
3.5
4
01
23
4
5
PCB Top Copper Area (in
2)
G1085T43(TO-252) Max. Power
Dissipation vs. PCB Top Copper
Area TAMB = 25°C ; Still Air
0
0.5
1
1.5
2
2.5
3
3.5
4
25
35
45
55
65
75
85
TAMB (°C)
A=0.1
A=0.2
A=0.3
A=0.4
A=0.5
A=1.0
A=1.5
A=2.0
A=2.5
A=3.0
A=3.5
A=4.0
A=4.5
A=5.0
G1085T43(TO-252) Max. Power
Dissipation vs. TAMB (still air)
( Different PCB Top Copper Area )
Unit : in2


同様の部品番号 - G1085T52U

メーカー部品番号データシート部品情報
logo
Global Mixed-mode Techn...
G1085-15T33T GMT-G1085-15T33T Datasheet
275Kb / 8P
   3A Low-Dropout Linear Regulator
G1085-15T53U GMT-G1085-15T53U Datasheet
275Kb / 8P
   3A Low-Dropout Linear Regulator
G1085-18T33T GMT-G1085-18T33T Datasheet
275Kb / 8P
   3A Low-Dropout Linear Regulator
G1085-18T53U GMT-G1085-18T53U Datasheet
275Kb / 8P
   3A Low-Dropout Linear Regulator
G1085-25T33T GMT-G1085-25T33T Datasheet
275Kb / 8P
   3A Low-Dropout Linear Regulator
More results

同様の説明 - G1085T52U

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_V01 Datasheet
353Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Avic Technology
AV1085 AVICTEK-AV1085 Datasheet
108Kb / 7P
   3A Adjustable Low Dropout Linear Regulator (LDO)
logo
Unisonic Technologies
UZ1085 UTC-UZ1085_09 Datasheet
238Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_11 Datasheet
333Kb / 6P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
E-Tech Electronics LTD
UZ1085 ETL-UZ1085 Datasheet
330Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1587A FAIRCHILD-FAN1587A Datasheet
70Kb / 14P
   3A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ2085 UTC-UZ2085_12 Datasheet
290Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ2085 UTC-UZ2085_16 Datasheet
234Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
NIKO SEMICONDUCTOR CO.,...
L1085XG NIKOSEM-L1085XG Datasheet
137Kb / 8P
   3A Adjustable Low Dropout Linear Regulator (LDO)
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com