データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ES29BDS160D-70WC データシート(PDF) 10 Page - Excel Semiconductor Inc.

部品番号 ES29BDS160D-70WC
部品情報  8Mbit(1M x 8/512K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EXCELSEMI [Excel Semiconductor Inc.]
ホームページ  
Logo EXCELSEMI - Excel Semiconductor Inc.

ES29BDS160D-70WC データシート(HTML) 10 Page - Excel Semiconductor Inc.

Back Button ES29BDS160D-70WC Datasheet HTML 6Page - Excel Semiconductor Inc. ES29BDS160D-70WC Datasheet HTML 7Page - Excel Semiconductor Inc. ES29BDS160D-70WC Datasheet HTML 8Page - Excel Semiconductor Inc. ES29BDS160D-70WC Datasheet HTML 9Page - Excel Semiconductor Inc. ES29BDS160D-70WC Datasheet HTML 10Page - Excel Semiconductor Inc. ES29BDS160D-70WC Datasheet HTML 11Page - Excel Semiconductor Inc. ES29BDS160D-70WC Datasheet HTML 12Page - Excel Semiconductor Inc. ES29BDS160D-70WC Datasheet HTML 13Page - Excel Semiconductor Inc. ES29BDS160D-70WC Datasheet HTML 14Page - Excel Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
ES I
ES I
10
Rev. 0A January 5, 2006
ES29LV800E
Excel Semiconductor inc.
Operation
CE#
OE#
WE#
RESET#
Addresses
(Note 1)
DQ0
~
DQ7
DQ8~DQ15
BYTE#
= VIH
BYTE#
= VIL
Read
L
L
H
H
AIN
DOUT
DOUT
DQ8~DQ14 = High-Z,
DQ15 = A-1
Write
L
H
L
H
AIN
(Note 3)
(Note 3)
Standby
Vcc+
0.3V
XX
Vcc+
0.3V
X
High-Z
High-Z
High-Z
Output Disable
Reset
L
H
H
H
X
High-Z
High-Z
X
X
X
L
X
High-Z
High-Z
In-system
Sector Protect
(Note 2)
LH
L
VID
SA,A6=L,
A1=H,A0=L
(Note 3)
X
X
Sector Unprotect
(Note 2)
L
H
L
VID
SA,A6=H,
A1=H,A0=L
(Note 3)
X
X
Temporary Sector
Unprotect
X
X
X
VID
AIN
(Note 3)
(Note 3)
High-Z
A9 High-Volt-
age Method
Sector protect
L
VID
L
H
SA,A9=VID,
A6=L,
A1=H,A0=L
(Note 3)
(Note 3)
High-Z
Sector unprotect
L
VID
L
H
SA,A9=VID,
A6=H,
A1=H,A0=L
Table 1. ES29LV800 Device Bus Operations
Legend: L=Logic Low=VIL, H=Logic High=VIH, VID=11.5-12.5V, X=Don’t Care, SA=Sector Address, AIN=Address In, DIN=Data In,
DOUT=Data Out
Notes:
1. Addresses are A18:A0 in word mode (BYTE#=VIH) , A18:A-1 in byte mode (BYTE#=VIL).
2. The sector protect and sector unprotect functions may also be implemented via programming equipment. See the “Sector Pro-
tection and Unprotection” section.
3. DIN or DOUT as required by command sequence, data polling, or sector protection algorithm.
Description
CE# OE# WE#
A18
to
A12
A11
to
A10
A9
A8
to
A7
A6
A5
to
A2
A1
A0
DQ8~DQ15
DQ7~DQ0
BYTE#
= VIH
BYTE#
= VIL
ManufactureID:ESI
L
L
H
XX
VID
XL
X
L
L
X
X4Ah
Device ID:
ES29LV800
LLH
X
X
VID
X
L
X
L
H
22h
X
DAh(T),5Bh(B)
Sector Protection
Verification
LLH
SA
X
VID
XL
X
H
L
X
X
01h(protected)
00h(unprotected)
Legend: T= Top Boot Block, B = Bottom Boot Block, L=Logic Low=VIL, H=Logic High=VIH, SA=Sector Address, X = Don’t care
Table 2. Autoselect Codes (A9 High-Voltage Method)


同様の部品番号 - ES29BDS160D-70WC

メーカー部品番号データシート部品情報
logo
Excel Semiconductor Inc...
ES29BDS160D-70WC EXCELSEMI-ES29BDS160D-70WC Datasheet
700Kb / 53P
   16Mbit(2M x 8/1M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results

同様の説明 - ES29BDS160D-70WC

メーカー部品番号データシート部品情報
logo
Excel Semiconductor Inc...
ES29LV800D EXCELSEMI-ES29LV800D Datasheet
679Kb / 50P
   8Mbit(1M x 8/512K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
AMIC Technology
A29L800C AMICC-A29L800C Datasheet
444Kb / 37P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only,Boot Sector Flash Memory
A29L800 AMICC-A29L800 Datasheet
396Kb / 41P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L800A AMICC-A29L800A Datasheet
503Kb / 36P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L004 AMICC-A29L004 Datasheet
370Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29LV160E EXCELSEMI-ES29LV160E Datasheet
700Kb / 53P
   16Mbit(2M x 8/1M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
AMIC Technology
A29L008 AMICC-A29L008 Datasheet
335Kb / 36P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29LV160D EXCELSEMI-ES29LV160D Datasheet
707Kb / 54P
   16Mbit(2M x 8/1M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
AMIC Technology
A29L004A AMICC-A29L004A Datasheet
528Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L008A AMICC-A29L008A Datasheet
462Kb / 34P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com