データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD214A-T78CA データシート(PDF) 5 Page - Bourns Electronic Solutions

部品番号 CD214A-T78CA
部品情報  Transient Voltage Suppressor Diode Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BOURNS [Bourns Electronic Solutions]
ホームページ  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD214A-T78CA データシート(HTML) 5 Page - Bourns Electronic Solutions

  CD214A-T78CA Datasheet HTML 1Page - Bourns Electronic Solutions CD214A-T78CA Datasheet HTML 2Page - Bourns Electronic Solutions CD214A-T78CA Datasheet HTML 3Page - Bourns Electronic Solutions CD214A-T78CA Datasheet HTML 4Page - Bourns Electronic Solutions CD214A-T78CA Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CD214A Transient Voltage Suppressor Diode Series
Packaging Information
REV. 04/06
The product will be dispensed in Tape and Reel format (see diagram below).
.......
.......
....... .......
.......
.......
.......
.......
P
A
F
E
T
120 °
D2
D
D
1
W1
C
Index Hole
P
0
P
1
W
B
10 pitches (min.)
Direction of Feed
10 pitches (min.)
End
Trailer
Device
Leader
Start
d
Devices are packed in accordance with EIA standard
RS-481-A and specifications shown here.
MM
(INCHES)
DIMENSIONS:
Item
Symbol
SMA (DO-214AC)
Carrier Width
A
2.90 ± 0.10
(0.114 - 0.004)
Carrier Length
B
5.59 ± 0.10
(0.220 - 0.004)
Carrier Depth
C
2.36 ± 0.10
(0.093 - 0.004)
Sprocket Hole
d
1.55 ± 0.05
(0.061 - 0.002)
Reel Outside Diameter
D
330
(12.992)
Reel Inner Diameter
D1
50.0
MIN.
(1.969)
Feed Hole Diameter
D2
13.0 ± 0.20
(0.512 - 0.008)
Sprocket Hole Position
E
1.75 ± 0.10
(0.069 - 0.004))
Punch Hole Position
F
5.50 ± 0.05
(0.217 - 0.002)
Punch Hole Pitch
P
4.00 ± 0.10
(0.157 - 0.004)
Sprocket Hole Pitch
P0
4.00 ± 0.10
(0.157 - 0.004)
Embossment Center
P1
2.00 ± 0.05
(0.079 - 0.002)
Overall Tape Thickness
T
0.30 ± 0.10
(0.012 - 0.004)
Tape Width
W
12.00 ± 0.20
(0.472 - 0.008)
Reel Width
W1
18.4
MAX.
(0.724)
Quantity per Reel
--
5,000


同様の部品番号 - CD214A-T78CA

メーカー部品番号データシート部品情報
logo
SUNMATE electronic Co.,...
CD214A-T78A SUNMATE-CD214A-T78A Datasheet
518Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
More results

同様の説明 - CD214A-T78CA

メーカー部品番号データシート部品情報
logo
Bourns Electronic Solut...
SMBJ BOURNS-SMBJ Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ5.0CA-H BOURNS-SMAJ5.0CA-H Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_08 Datasheet
224Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214B BOURNS-CD214B_08 Datasheet
231Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_10 Datasheet
148Kb / 5P
   Transient Voltage Suppressor Diode Series
SMCJ50CA BOURNS-SMCJ50CA_13 Datasheet
352Kb / 5P
   Transient Voltage Suppressor Diode Series
P6SMB6.8CA-H BOURNS-P6SMB6.8CA-H Datasheet
329Kb / 5P
   Transient Voltage Suppressor Diode Series
P6SMB BOURNS-P6SMB Datasheet
329Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ BOURNS-SMAJ Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ-Q BOURNS-SMAJ-Q Datasheet
350Kb / 5P
   Transient Voltage Suppressor Diode Series
5.0SMDJ-Q BOURNS-5.0SMDJ-Q Datasheet
536Kb / 6P
   Transient Voltage Suppressor Diode Series
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com