データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVXZ161284MEA データシート(PDF) 6 Page - Fairchild Semiconductor

部品番号 74LVXZ161284MEA
部品情報  Low Voltage IEEE 161284 Translating Transceiver with Power-Up Protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVXZ161284MEA データシート(HTML) 6 Page - Fairchild Semiconductor

Back Button 74LVXZ161284MEA Datasheet HTML 2Page - Fairchild Semiconductor 74LVXZ161284MEA Datasheet HTML 3Page - Fairchild Semiconductor 74LVXZ161284MEA Datasheet HTML 4Page - Fairchild Semiconductor 74LVXZ161284MEA Datasheet HTML 5Page - Fairchild Semiconductor 74LVXZ161284MEA Datasheet HTML 6Page - Fairchild Semiconductor 74LVXZ161284MEA Datasheet HTML 7Page - Fairchild Semiconductor 74LVXZ161284MEA Datasheet HTML 8Page - Fairchild Semiconductor 74LVXZ161284MEA Datasheet HTML 9Page - Fairchild Semiconductor 74LVXZ161284MEA Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.fairchildsemi.com
6
AC Electrical Characteristics
Note 9: Open Drain
Note 10: tSKEW is measured for common edge output transitions and compares the measured propagation delay for a given path type:
(i) A1–A8 to B1–B8, A9–A13 to Y9–Y13
(ii) B1–B8 to A1–A8
(iii) C14–C17 to A14–A17
Note 11: This parameter is guaranteed but not tested, characterized only.
Capacitance
Note 12: CI/O is measured at frequency = 1 MHz, per MIL-STD-883B, Method 3012
Symbol
Parameter
TA = 0°C to +70°CTA = −40°C to +85°C
Units
Figure
Number
VCC = 3.0V–3.6V
VCC = 3.0V–3.6V
VCC—Cable = 3.0V–5.5V
VCC—Cable = 3.0V–5.5V
Min
Max
Min
Max
tPHL
A1–A8 to B1–B8
2.0
40.0
2.0
44.0
ns
Figure 2
tPLH
A1–A8 to B1–B8
2.0
40.0
2.0
44.0
ns
Figure 3
tPHL
B1–B8 to A1–A8
2.0
40.0
2.0
44.0
ns
Figure 4
tPLH
B1–B8 to A1–A8
2.0
40.0
2.0
44.0
ns
Figure 4
tPHL
A9–A13 to Y9–Y13
2.0
40.0
2.0
44.0
ns
Figure 2
tPLH
A9–A13 to Y9–Y13
2.0
40.0
2.0
44.0
ns
Figure 3
tPHL
C14–C17 to A14–A17
2.0
40.0
2.0
44.0
ns
Figure 4
tPLH
C14–C17 to A14–A17
2.0
40.0
2.0
44.0
ns
Figure 4
tSKEW
LH-LH or HL-HL
10.0
12.0
ns
(Note 10)
tPHL
PLHIN to PLH
2.0
40.0
2.0
44.0
ns
Figure 2
tPLH
PLHIN to PLH
2.0
40.0
2.0
44.0
ns
Figure 3
tPHL
HLHIN to HLH
2.0
40.0
2.0
44.0
ns
Figure 4
tPLH
HLHIN to HLH
2.0
40.0
2.0
44.0
ns
Figure 4
tPHZ
Output Disable Time
2.0
15.0
2.0
18.0
ns
Figure 8
tPLZ
DIR to A1–A8
2.0
15.0
2.0
18.0
tPZH
Output Enable Time
2.0
50.0
2.0
50.0
ns
Figure 9
tPZL
DIR to A1–A8
2.0
50.0
2.0
50.0
tPHZ
Output Disable Time
2.0
50.0
2.0
50.0
ns
Figure 10
tPLZ
DIR to B1–B8
2.0
50.0
2.0
50.0
tpEN
Output Enable Time
2.0
25.0
2.0
28.0
ns
Figure 3
HD to B1–B8, Y9–Y13
2.0
25.0
2.0
28.0
tpDIS
Output Disable Time
2.0
25.0
2.0
28.0
ns
Figure 3
HD to B1–B8, Y9–Y13
2.0
25.0
2.0
28.0
tpEN–tpDIS
Output Enable-
10.0
12.0
ns
Output Disable
tSLEW
Output Slew Rate
tPLH
B1–B8, Y9–Y13
0.05
0.40
0.05
0.40
V/ns
Figure 6
tPHL
0.05
0.40
0.05
0.40
Figure 5
tr, tf
tRISE and tFALL
120
120
ns
Figure 7
B1–B8 (Note 9),
120
120
(Note 11)
Y9–Y13 (Note 9)
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
3
pF
VCC = 0.0V (HD, DIR, A9–A13, C14–C17, PLHIN and HLHIN)
CI/O (Note 12)
I/O Pin Capacitance
5
pF
VCC = 3.3V


同様の部品番号 - 74LVXZ161284MEA

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74LVX00 FAIRCHILD-74LVX00 Datasheet
62Kb / 6P
   Low Voltage Quad 2-Input NAND Gate
logo
STMicroelectronics
74LVX00 STMICROELECTRONICS-74LVX00 Datasheet
233Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE WITH 5V TOLERANT INPUTS
logo
ON Semiconductor
74LVX00 ONSEMI-74LVX00 Datasheet
222Kb / 8P
   Low Voltage Quad 2-Input NAND Gate
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74LVX00M FAIRCHILD-74LVX00M Datasheet
62Kb / 6P
   Low Voltage Quad 2-Input NAND Gate
logo
ON Semiconductor
74LVX00M ONSEMI-74LVX00M Datasheet
222Kb / 8P
   Low Voltage Quad 2-Input NAND Gate
February 2008 Rev. 1.4.0
More results

同様の説明 - 74LVXZ161284MEA

メーカー部品番号データシート部品情報
logo
ON Semiconductor
74LVX161284 ONSEMI-74LVX161284 Datasheet
222Kb / 13P
   Low Voltage IEEE 161284 Translating Transceiver
Revised June 2005
logo
Fairchild Semiconductor
74LVX161284A FAIRCHILD-74LVX161284A Datasheet
94Kb / 9P
   Low Voltage IEEE 161284 Translating Transceiver
74LVX161284 FAIRCHILD-74LVX161284 Datasheet
114Kb / 11P
   Low Voltage IEEE 161284 Translating Transceiver
logo
STMicroelectronics
74LVCZ161284A STMICROELECTRONICS-74LVCZ161284A Datasheet
437Kb / 12P
   LOW VOLTAGE HIGH SPEED IEEE 1284 TRANSCEIVER WITH ERROR-FREE POWER-UP
July 2005
logo
ON Semiconductor
74VCX164245 ONSEMI-74VCX164245 Datasheet
209Kb / 11P
   Low Voltage 16-Bit Dual Supply Translating Transceiver
Revised June 2005
74VCX163245 ONSEMI-74VCX163245 Datasheet
316Kb / 14P
   Low Voltage 16-Bit Dual Supply Translating Transceiver
May 2007 Rev. 1.7
logo
Texas Instruments
SN74LVCZ161284A TI-SN74LVCZ161284A Datasheet
159Kb / 10P
[Old version datasheet]   19-BIT IEEE 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
SN74LVCE161284 TI-SN74LVCE161284 Datasheet
238Kb / 14P
[Old version datasheet]   19 BIT IEEE 1284 TRANSLATION TRANSCEIVER WITH ERROR FREE POWER UP
logo
NXP Semiconductors
74AUP1T45 NXP-74AUP1T45 Datasheet
177Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 02-3 August 2009
74AUP1T45 PHILIPS-74AUP1T45 Datasheet
166Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 01-18 October 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com