データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA-310 データシート(PDF) 9 Page - List of Unclassifed Manufacturers

部品番号 LA-310
部品情報  SENSORE A BARRIERA ANALOGICA LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

LA-310 データシート(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button LA-310 Datasheet HTML 2Page - List of Unclassifed Manufacturers LA-310 Datasheet HTML 3Page - List of Unclassifed Manufacturers LA-310 Datasheet HTML 4Page - List of Unclassifed Manufacturers LA-310 Datasheet HTML 5Page - List of Unclassifed Manufacturers LA-310 Datasheet HTML 6Page - List of Unclassifed Manufacturers LA-310 Datasheet HTML 7Page - List of Unclassifed Manufacturers LA-310 Datasheet HTML 8Page - List of Unclassifed Manufacturers LA-310 Datasheet HTML 9Page - List of Unclassifed Manufacturers LA-310 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
LA-300
396
14
23
20
20
3
13
45
3
15.4
9
Emission indicator (Red)
Beam-
emitting
part
2-"3.3 mounting holes
"
4.3 cable 2m long (Gray)
14
18.7
20
20
3
13
35
3
15.4
9
Beam-
receiving
part
2-"3.3 mounting holes
"
4.3 cable 2m long (Black)
2-"3.5 mounting holes
"
4.2 cable 2m long (Gray)
18
10
40
4.5
3
12
Beam-emitting part
2-"3.5 mountig holes
"
4.2 cable 2m long (Black)
18
10
40
4.5
3
12
Beam-receiving part
12
10
13
6
35
21.5
45
43
90
90
5.5
3
6
Suitable for 35mm width DIN rail
"
6 cable 2m long
LOW operation indicator (Orange)
External synchronization selection switch
Power indicator (Green)
Stable incident beam indicators (Green)
External synchronization indicator (Green)
HIGH operation indicator (Orange)
LOW level adjuster
Shift adjuster
Span adjuster
HIGH level adjuster
2-"4.5 mounting holes
DIMENSIONI (Unità: mm)
LA-310
Sensore
LA-305
Sensore
LA-A1
LA-A1P
Amplificatore
Emettitore
Ricevitore
Emettitore
Ricevitore
2 fori "3.3
2 fori "3.5
2 fori "4.5
Cavo "6 x 2m
Per montaggio su barra DIN largh. 35mm
Regolatore livello HIGH
Indicatore funzionamento HIGH (arancio)
Regolatore livello LOW
Indicatore funzionamento LOW (arancio)
Regolatore scostamento
Regolatore guadagno
Indicatore alimentazione (verde)
Selettore sincronizzazione remota
Indicatore sincronizzazione remota (verde)
Indicatore stabilità fascio incidente (verde)
2 fori "3.5
2 fori "3.3
Cavo "4.3 x 2m (nero)
Cavo "4.3 x 2m (grigio)
Cavo "4.2 x 2m (grigio)
Indicatore emissione (rosso)
Elemento
emettitore
Elemento emettitore
Elemento
ricevitore
Elemento ricevitore
Cavo "4.2 x 2m (nero)


同様の部品番号 - LA-310

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LA-30-100 ETC2-LA-30-100 Datasheet
117Kb / 1P
   TYPE LA 5 through 150 Amperes
LA-30-100 ETC2-LA-30-100 Datasheet
117Kb / 1P
   DC Ammeter Shunts
LA-30-50 ETC2-LA-30-50 Datasheet
117Kb / 1P
   TYPE LA 5 through 150 Amperes
LA-30-50 ETC2-LA-30-50 Datasheet
117Kb / 1P
   DC Ammeter Shunts
logo
Rohm
LA-301AB ROHM-LA-301AB Datasheet
66Kb / 3P
   Single Digit LED Numeric Display
More results

同様の説明 - LA-310

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
CX-30 ETC1-CX-30 Datasheet
412Kb / 10P
   SENSORE FOTOELETTRICO ECONOMICO, COMPATTO, CON AMPLIFICATORE INCORPORATO
logo
Alpha & Omega Semicondu...
AOZ1083 AOSMD-AOZ1083 Datasheet
578Kb / 12P
   1.2 A Buck LED Driver
logo
ARTSCHIP ELECTRONICS CO...
ICL7106 ARTSCHIP-ICL7106 Datasheet
956Kb / 17P
   LCD/LED Display, A/D Converters
logo
ON Semiconductor
CAT4101 ONSEMI-CAT4101_12 Datasheet
152Kb / 9P
   1 A Constant-Current LED Driver
July, 2012 ??Rev. 8
logo
Shanghai Leiditech Elec...
PLED06CST LEIDITECH-PLED06CST Datasheet
350Kb / 3P
   open LED protectorprovides a switching electronic
logo
Marktech Corporate
MT3200A-URM MARKTECH-MT3200A-URM Datasheet
205Kb / 2P
   5mm Ultr Ultra a Bright LED
logo
List of Unclassifed Man...
CS7107GP ETC2-CS7107GP Datasheet
283Kb / 5P
   Three and a half with a LED display driver A/D converter circuit
logo
KODENSHI_AUK CORP.
ORA1L03 KODENSHI-ORA1L03 Datasheet
140Kb / 2P
   A triangulation system that uses an infrared LED and a PSD
logo
STMicroelectronics
STCS1A STMICROELECTRONICS-STCS1A Datasheet
449Kb / 19P
   1.5 A max constant current LED driver
T1605G-6I STMICROELECTRONICS-T1605G-6I Datasheet
231Kb / 10P
   16 A Triac for LED light dimmer
Rev 3 - September 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com