データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SDP85N03L データシート(PDF) 2 Page - SamHop Microelectronics Corp.

部品番号 SDP85N03L
部品情報  N-Channel Logic Level E nhancement Mode Field Effect Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMHOP [SamHop Microelectronics Corp.]
ホームページ  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SDP85N03L データシート(HTML) 2 Page - SamHop Microelectronics Corp.

  SDP85N03L Datasheet HTML 1Page - SamHop Microelectronics Corp. SDP85N03L Datasheet HTML 2Page - SamHop Microelectronics Corp. SDP85N03L Datasheet HTML 3Page - SamHop Microelectronics Corp. SDP85N03L Datasheet HTML 4Page - SamHop Microelectronics Corp. SDP85N03L Datasheet HTML 5Page - SamHop Microelectronics Corp. SDP85N03L Datasheet HTML 6Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
E LE CTR ICAL CHAR ACTE R IS TICS (TC 25 C unless otherwise noted)
=
Parameter
Symbol
Condition
Min Typ Max Unit
OFF CHAR ACTER ISTICS
Drain-Source Breakdown Voltage
BVDSS
=
VGS 0V, ID 250uA
=
30
V
Zero Gate Voltage Drain Current
IDSS
VDS 24V, VGS 0V
=
=
10
uA
Gate-Body Leakage
IGSS
VGS
16V, VDS 0V
=
=
nA
ON CHAR ACTER ISTICS a
Gate Threshold Voltage
VGS(th)
VDS VGS, ID = 250uA
=
1
3
V
Drain-Source On-State R esistance
R DS(ON)
VGS = 10V, ID = 37.5A
4
VGS = 4.5V, ID = 30A
7.5
On-State Drain Current
ID(ON)
VGS = 10V, VDS = 10V
75
56
A
S
Forward Transconductance
FS
g
VDS = 10V, ID = 37A
DYNAMIC CHAR ACTER ISTICS
b
Input Capacitance
CISS
CRSS
COSS
Output Capacitance
R everse Transfer Capacitance
VDS =15V, VGS = 0V
f =1.0MHZ
3800
P
F
1750
P
F
P
F
390
SWITCHING CHAR ACTER ISTICS
b
Turn-On Delay Time
R ise Time
Turn-Off Delay Time
tD(ON)
tr
tD(OFF)
tf
VDD = 15V,
ID = 1A,
VGS= 10V
VGEN = 60
55
ns
ns
ns
ns
268
233
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
Qg
Qgs
Qgd
VDS =15V, ID = 85A,
VGS =10V
nC
nC
nC
Fall Time
2
4
S DP /B 85N03L
1.5
5
5.5
363
95.2
7.2
5.6
100
m ohm
m ohm
ohm
VDS =15V, ID =85A,VGS =10V
VDS =15V, ID =85A,VGS =4.5V
nC
45


同様の部品番号 - SDP85N03L

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SDP800 ETC2-SDP800 Datasheet
773Kb / 14P
   Excellent repeatability, no drift, no offset
SDP800-125Pa ETC2-SDP800-125Pa Datasheet
773Kb / 14P
   Excellent repeatability, no drift, no offset
SDP800-125PA ETC1-SDP800-125PA Datasheet
715Kb / 14P
   Digital Differential Pressure Sensor Excellent repeatability, no drift, no offset
SDP800-500Pa ETC2-SDP800-500Pa Datasheet
773Kb / 14P
   Excellent repeatability, no drift, no offset
SDP800-500PA ETC1-SDP800-500PA Datasheet
715Kb / 14P
   Digital Differential Pressure Sensor Excellent repeatability, no drift, no offset
More results

同様の説明 - SDP85N03L

メーカー部品番号データシート部品情報
logo
SamHop Microelectronics...
STU3030NLS SAMHOP-STU3030NLS Datasheet
825Kb / 9P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU3525NL SAMHOP-STU3525NL Datasheet
888Kb / 8P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
SDP75N03L SAMHOP-SDP75N03L Datasheet
494Kb / 6P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU6025NLS SAMHOP-STU6025NLS Datasheet
790Kb / 9P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU4530NLS SAMHOP-STU4530NLS Datasheet
944Kb / 9P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU5025NLS SAMHOP-STU5025NLS Datasheet
791Kb / 9P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU6025NL SAMHOP-STU6025NL Datasheet
874Kb / 8P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU3030NL SAMHOP-STU3030NL Datasheet
826Kb / 8P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU3525NLS SAMHOP-STU3525NLS Datasheet
850Kb / 9P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STP3055L2 SAMHOP-STP3055L2 Datasheet
676Kb / 7P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com