データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC13180 データシート(PDF) 5 Page - Motorola, Inc

部品番号 MC13180
部品情報  2.4 GHz Low Power Wireless Transceiver IC for Bluetooth??Applications
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13180 データシート(HTML) 5 Page - Motorola, Inc

  MC13180 Datasheet HTML 1Page - Motorola, Inc MC13180 Datasheet HTML 2Page - Motorola, Inc MC13180 Datasheet HTML 3Page - Motorola, Inc MC13180 Datasheet HTML 4Page - Motorola, Inc MC13180 Datasheet HTML 5Page - Motorola, Inc MC13180 Datasheet HTML 6Page - Motorola, Inc MC13180 Datasheet HTML 7Page - Motorola, Inc MC13180 Datasheet HTML 8Page - Motorola, Inc MC13180 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
Electrical Characteristics
MOTOROLA
MC13180 Product Preview
5
Radio Power Supply Current
Transmit, 1 Slot
Transmit, 3 Slot
Transmit, 5 Slot
Transmit, Continuous
ICCRFtx1
ICCRFtx3
ICCRFtx5
ICCRFtxc
-
-
-
-
22
25
26
27
-
-
-
33
mA
Radio Power Supply Current
Receive, 1 Slot
Receive, 3 Slot
Receive, 5 Slot
Receive, Continuous
ICCRFrx1
ICCRFrx3
ICCRFrx5
ICCRFrxc
-
-
-
-
30
34
35
37
-
-
-
47.5
mA
Output Voltage Low
SDATA, CLK, FS, RFDATA
ILoad = 0 µA
ILoad = 100 µA
VOL
-
-
20
-
-
0.2 x
VDDINT
mV
V
Output Voltage High
SDATA, CLK, FS, RFDATA
ILoad = 0 µA
ILoad = 100 µA
VOH
-
0.8 x
VDDINT
1.78
-
-
-
V
Output Voltage Low
EPAEN, GPO
ILoad = 0 µA
ILoad = 100 µA
VOL
-
-
20
-
-
0.2 x
VCCRF
mV
V
Output Voltage High
EPAEN, GPO
ILoad = 0 µA
ILoad = 100 µA
VOH
-
0.8 x
VCCRF
2.68
-
-
-
V
Input Voltage Low
RES, CE, SDATA, SCK, RFDATA, RTXEN
VIL
-0
0.3 x
VDDINT
V
Input Voltage High
RES, CE, SDATA, SCK, RFDATA, RTXEN
VIH
0.7 x
VDDINT
VDDINT
-V
Input Current
RES, CE, SDATA, SCK, RFDATA, RTXEN, Vin = 0 V
or 1.8 V
Iin
-±1.0
-
µA
Table 3. Digital DC Electrical Specifications (Continued)
(
VCCRF = 2.7 Vdc, VDDINT = 1.8 Vdc, TA = 25°C, Reference Crystal = 13 MHz, Register bit settings according to
specified defaults in Figure 4, unless otherwise noted. See Figure 3 Test Circuit.)
Characteristic
Symbol
Min
Typ
Max
Unit


同様の部品番号 - MC13180

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC13181 MOTOROLA-MC13181 Datasheet
213Kb / 18P
   Wireless Power Management Integrated Circuit
MC13181R2 MOTOROLA-MC13181R2 Datasheet
213Kb / 18P
   Wireless Power Management Integrated Circuit
More results

同様の説明 - MC13180

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
NXH3670UK NXP-NXH3670UK Datasheet
366Kb / 45P
   Ultra-low power 2.4 GHz Bluetooth Low Energy transceiver for audio streaming
Rev. 3.2-13 December 2019
logo
Texas Instruments
CC2540T TI-CC2540T_15 Datasheet
1,014Kb / 37P
[Old version datasheet]   SimpleLink CC2540T 2.4-GHz Bluetooth Low Energy Wireless MCU
logo
Infineon Technologies A...
PMB6625 INFINEON-PMB6625 Datasheet
33Kb / 1P
   Transceiver for Bluetooth FH-SS 2.4 GHz Systems
01.01
logo
Pulse A Technitrol Comp...
W1027 PULSE-W1027 Datasheet
213Kb / 2P
   Wireless External Antenna for 2.4 GHz Applications
W1038M PULSE-W1038M Datasheet
660Kb / 8P
   Wireless External Antenna for 2.4 GHz Applications
W1030 PULSE-W1030 Datasheet
1Mb / 2P
   Wireless External Antenna for 2.4 GHz Applications
W1038 PULSE-W1038 Datasheet
774Kb / 2P
   Wireless External Antenna for 2.4 GHz Applications
W1038X PULSE-W1038X Datasheet
936Kb / 10P
   Wireless External Antenna for 2.4 GHz Applications
W1038 PULSE-W1038_17 Datasheet
660Kb / 8P
   Wireless External Antenna for 2.4 GHz Applications
logo
ATMEL Corporation
AT86RF231-ZU ATMEL-AT86RF231-ZU_09 Datasheet
4Mb / 198P
   Low Power 2.4 GHz Transceiver for ZigBee
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com