データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STU5025NLS データシート(PDF) 1 Page - SamHop Microelectronics Corp.

部品番号 STU5025NLS
部品情報  N-Channel Logic Level E nhancement Mode Field Effect Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMHOP [SamHop Microelectronics Corp.]
ホームページ  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STU5025NLS データシート(HTML) 1 Page - SamHop Microelectronics Corp.

  STU5025NLS Datasheet HTML 1Page - SamHop Microelectronics Corp. STU5025NLS Datasheet HTML 2Page - SamHop Microelectronics Corp. STU5025NLS Datasheet HTML 3Page - SamHop Microelectronics Corp. STU5025NLS Datasheet HTML 4Page - SamHop Microelectronics Corp. STU5025NLS Datasheet HTML 5Page - SamHop Microelectronics Corp. STU5025NLS Datasheet HTML 6Page - SamHop Microelectronics Corp. STU5025NLS Datasheet HTML 7Page - SamHop Microelectronics Corp. STU5025NLS Datasheet HTML 8Page - SamHop Microelectronics Corp. STU5025NLS Datasheet HTML 9Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
N-Channel Logic Level E nhancement Mode Field E ffect Transistor
TO-252 and TO-251 Package.
ABS OLUTE MAXIMUM R ATINGS (Ta=25 C unless otherwise noted)
S amHop Microelectronics C orp.
Dec 30,2005
1
P R ODUC T S UMMAR Y
V DS S
ID
R DS (ON) ( m W )
25V
50A
8 @ V GS = 10V
12 @ V GS = 4.5V
F E AT UR E S
S uper high dense cell design for low R DS(ON).
R ugged and reliable.
S
G
D
S TU S E R IE S
TO-252AA(D-PAK)
S TD S E R IE S
TO-251(l-PAK)
G
G
S
S
D
D
THE R MAL CHAR ACTE R IS TICS
Thermal R esistance, Junction-to-Case
Thermal R esistance, Junction-to-Ambient
R JC
3
50
R JA
/W
C
/W
C
25
Parameter
S ymbol
Limit
Unit
Drain-S ource Voltage
VDS
V
Gate-S ource Voltage
20
VGS
V
-Pulsed
50
ID
A
200
IDM
A
Drain-S ource Diode Forward Current
20
IS
A
Maximum Power Dissipation
PD
W
Operating and S torage Temperature R ange
TJ, TS TG
-55 to 175
C
@ Tc=25 C
50
Drain Current-Continuous
@ TC=25 C
a
Max
S T U/D5025NLS
Drain-S ource Voltage R ating
Vspike
c
30
V


同様の部品番号 - STU5025NLS

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
STU5N52K3 ETC2-STU5N52K3 Datasheet
1Mb / 23P
   N-channel 525 V, 1.2 廓, 4.4 A SuperMESH3??Power MOSFET D짼PAK, DPAK, TO-220FP, TO-220, IPAK
logo
STMicroelectronics
STU5N52K3 STMICROELECTRONICS-STU5N52K3 Datasheet
1Mb / 23P
   N-channel 525 V, 1.2 ohm, 4.4 A SuperMESH3 Power MOSFET
STU5N52K3 STMICROELECTRONICS-STU5N52K3 Datasheet
1Mb / 23P
   N-channel 525 V, 1.2 ohm, 4.4 A SuperMESH3 Power MOSFET
STU5N60M2 STMICROELECTRONICS-STU5N60M2 Datasheet
1Mb / 22P
   Extremely low gate charge
June 2016 Rev 4
STU5N62K3 STMICROELECTRONICS-STU5N62K3 Datasheet
1Mb / 19P
   N-channel 620 V, 1.28 ohm, 4.2 A SuperMESH3 Power MOSFET
More results

同様の説明 - STU5025NLS

メーカー部品番号データシート部品情報
logo
SamHop Microelectronics...
STU3030NLS SAMHOP-STU3030NLS Datasheet
825Kb / 9P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU3525NL SAMHOP-STU3525NL Datasheet
888Kb / 8P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
SDP75N03L SAMHOP-SDP75N03L Datasheet
494Kb / 6P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
SDP85N03L SAMHOP-SDP85N03L Datasheet
533Kb / 6P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU6025NLS SAMHOP-STU6025NLS Datasheet
790Kb / 9P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU4530NLS SAMHOP-STU4530NLS Datasheet
944Kb / 9P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU6025NL SAMHOP-STU6025NL Datasheet
874Kb / 8P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU3030NL SAMHOP-STU3030NL Datasheet
826Kb / 8P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU3525NLS SAMHOP-STU3525NLS Datasheet
850Kb / 9P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STP3055L2 SAMHOP-STP3055L2 Datasheet
676Kb / 7P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com