データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STU6025NLS データシート(PDF) 5 Page - SamHop Microelectronics Corp.

部品番号 STU6025NLS
部品情報  N-Channel Logic Level E nhancement Mode Field Effect Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMHOP [SamHop Microelectronics Corp.]
ホームページ  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STU6025NLS データシート(HTML) 5 Page - SamHop Microelectronics Corp.

  STU6025NLS Datasheet HTML 1Page - SamHop Microelectronics Corp. STU6025NLS Datasheet HTML 2Page - SamHop Microelectronics Corp. STU6025NLS Datasheet HTML 3Page - SamHop Microelectronics Corp. STU6025NLS Datasheet HTML 4Page - SamHop Microelectronics Corp. STU6025NLS Datasheet HTML 5Page - SamHop Microelectronics Corp. STU6025NLS Datasheet HTML 6Page - SamHop Microelectronics Corp. STU6025NLS Datasheet HTML 7Page - SamHop Microelectronics Corp. STU6025NLS Datasheet HTML 8Page - SamHop Microelectronics Corp. STU6025NLS Datasheet HTML 9Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
S TU/D6025NLS
6
F igure 12. Maximum S afe
O perating Area
V DS , Drain-S ource V oltage (V )
100
10
0.5
0.1
1
1
10
30
60
VGS =10V
S ingle P ulse
Tc=25 C
DC
1s
100
ms
10m
s
1m
s
F igure 10. G ate C harge
Qg, T otal G ate C harge (nC )
10
8
6
4
2
0
0
5
10 15 20 25
30
35 40
VDS=15V
ID=20A
F igure 9. C apacitance
V DS , Drain-to S ource Voltage (V )
0
5
10
15
20
25
30
3000
2500
2000
1500
1000
500
0
C iss
C oss
C rss
F igure 11.s witching characteris tics
R g, G ate R esistance (
W)
100
10
1
1
6 10
60 100
60
600
300
220
T D(on)
T D(off)
T r
T f
V DS =15V ,ID=1A
V G S =10V
5
600


同様の部品番号 - STU6025NLS

メーカー部品番号データシート部品情報
logo
SamHop Microelectronics...
STU6025NL SAMHOP-STU6025NL Datasheet
874Kb / 8P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
logo
SHENZHEN DOINGTER SEMIC...
STU6025NL2 DOINGTER-STU6025NL2 Datasheet
866Kb / 4P
   N-Channel MOSFET uses advanced trench technology
More results

同様の説明 - STU6025NLS

メーカー部品番号データシート部品情報
logo
SamHop Microelectronics...
STU3030NLS SAMHOP-STU3030NLS Datasheet
825Kb / 9P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU3525NL SAMHOP-STU3525NL Datasheet
888Kb / 8P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
SDP75N03L SAMHOP-SDP75N03L Datasheet
494Kb / 6P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
SDP85N03L SAMHOP-SDP85N03L Datasheet
533Kb / 6P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU4530NLS SAMHOP-STU4530NLS Datasheet
944Kb / 9P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU5025NLS SAMHOP-STU5025NLS Datasheet
791Kb / 9P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU6025NL SAMHOP-STU6025NL Datasheet
874Kb / 8P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU3030NL SAMHOP-STU3030NL Datasheet
826Kb / 8P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU3525NLS SAMHOP-STU3525NLS Datasheet
850Kb / 9P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STP3055L2 SAMHOP-STP3055L2 Datasheet
676Kb / 7P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com