データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STD9916L データシート(PDF) 3 Page - SamHop Microelectronics Corp.

部品番号 STD9916L
部品情報  N-Channel Enhancement Mode Field Effect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMHOP [SamHop Microelectronics Corp.]
ホームページ  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STD9916L データシート(HTML) 3 Page - SamHop Microelectronics Corp.

  STD9916L Datasheet HTML 1Page - SamHop Microelectronics Corp. STD9916L Datasheet HTML 2Page - SamHop Microelectronics Corp. STD9916L Datasheet HTML 3Page - SamHop Microelectronics Corp. STD9916L Datasheet HTML 4Page - SamHop Microelectronics Corp. STD9916L Datasheet HTML 5Page - SamHop Microelectronics Corp. STD9916L Datasheet HTML 6Page - SamHop Microelectronics Corp. STD9916L Datasheet HTML 7Page - SamHop Microelectronics Corp. STD9916L Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STU/D9916L
Parameter
Symbol
Condition
Min Typ Max Unit
ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted)
DRAIN-SOURCE DIODE CHARACTERISTICS
Diode Forward Voltage
VSD
VGS = 0V, Is =15A
1
V
b
C
Notes
c.Guaranteed by design, not subject to production testing.
b.Pulse Test:Pulse Width 300us, Duty Cycle 2%.
Figure 1. Output Characteristics
Figure 2. Transfer Characteristics
Figure 4. On-Resistance Variation with
Temperature
Figure 3. Capacitance
VDS, Drain-to Source Voltage (V)
VGS, Gate-to-Source Voltage (V)
VDS, Drain-to-Source Voltage (V)
a.Surface Mounted on FR4 Board, t 10sec.
5
20
16
12
8
4
0
0
2
4
6
8
10
12
VGS=10~4V
VGS=2V
25 C
25
20
15
10
5
0
0
0.5
1
1.5
2
2.5
3
Tj=125 C
3
2.2
1.8
1.4
1.0
0.6
0.2
0
-50
0
50
100 125
-25
25
75
VGS=10V
ID=20A
-55 C
1.3
VGS=3V
0
5
10
15
20
25
30
1200
1000
800
600
400
200
0
Ciss
Coss
Crss
TJ, Junction Temperature ( C)


同様の部品番号 - STD9916L

メーカー部品番号データシート部品情報
logo
Visual Communications C...
STD990BLK VCC-STD990BLK Datasheet
67Kb / 1P
   STD
More results

同様の説明 - STD9916L

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com