データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC1917 データシート(PDF) 3 Page - PerkinElmer Optoelectronics

部品番号 LC1917
部品情報  Low-Profile Analog Line Scan Camera
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PERKINELMER [PerkinElmer Optoelectronics]
ホームページ  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

LC1917 データシート(HTML) 3 Page - PerkinElmer Optoelectronics

  LC1917 Datasheet HTML 1Page - PerkinElmer Optoelectronics LC1917 Datasheet HTML 2Page - PerkinElmer Optoelectronics LC1917 Datasheet HTML 3Page - PerkinElmer Optoelectronics LC1917 Datasheet HTML 4Page - PerkinElmer Optoelectronics LC1917 Datasheet HTML 5Page - PerkinElmer Optoelectronics LC1917 Datasheet HTML 6Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Table 2. Camera Description
Analog Line Scan Cameras
www.perkinelmer.com/opto
DSP-205.01A - 4/2001W Page 3
and a half clock cycles prior to the end
of read out. Because there are extra
stages in the CCD sensors readout regis-
ter, a minimum number of MCLK
cycles (the number of elements on the
CCD sensor plus 41) must exist
between successive LT commands.
The maximum line-scan period is 20
milliseconds. Integration times longer
than 20 ms can introduce higher levels
of dark current, which reduces the
dynamic range of the sensor. Longer
integration times are possible, however,
if the camera is cooled, which reduces
dark current. Specific application char-
acteristics, such as light level and rate
of object motion, will determine the
optimum setting. Timing details are
shown in Figure 3.
Output Signals
The LC1917-series camera provides
three output synchronization signals:
Camera Clock (CCLK), Line Enable
(LEN), and Camera Line Transfer (CLT).
The Camera Clock (CCLK) operates at
the MCLK frequency and is synchro-
nized to the analog video. The output
of the CCLK signal can be used to cap-
ture analog video data by a frame
grabber or digitizer.
The Line Enable (LEN) signal brackets
the valid analog video. The signal
becomes high two CCLK periods before
the first valid pixel and goes low two
CCLK periods before the last valid
pixel. The video output is a contiguous
pixel data stream with a dynamic
range (defined as peak video divided
by rms pixel noise) of greater than 2500:1.
The Camera Line Transfer (CLT) output
signal is an internally generated sync
signal. Its falling edge indicates the
start of a line readout sequence. This
signal may be used for controlling
strobes, shutters or other accessories
of the users system.
Video Signals
The LC1917 camera features an
adjustable DC offset. This offset is con-
trolled by a potentiometer, located
underneath the set screw on the body
side of the camera adjacent to active
Figure 3. Camera Timing Diagram
CCLK
LT
The minimum period between LT must be 41 + 1024 CLKS or 1065 clocks
LT minimum = 1.5 CLKS
CLT
CLT equals
6 CLKS
LEN
LEN leads and trails video by 2 CLKS
Video
1024 CLKS
CLT to LEN 11 CLKS
Parameter
Variable
Description
Physical
Optical Lens
No lens adaptor - optical
Sensor Alignment
Within ±0.005” of of mounting hole
Dimensions
2” x 3.077” x 0.75”
Connector
Type
Amp C-216297
26-pin High Density Male
Cable Length
Maximum 10 meters
Power Requirements Operating Voltages
+12 VDC, +5 VDC, -12 VDC
Connection
Through 26-pin connector
Output
Data Rate
1 - 5 MHz
Type
Analog Differential Video
Connection
Through 26-pin connector
Control Signals
User Supplied
Master Clock (MCLK)
Line Transfer (LT)
User Communications
RS-422 Control Signals
Camera Supplied
Camera Clock (CCLK)
Line Enable (LEN)
Camera Line Transfer (CLT)
Connection
Through 26-pin connector
Sensor
Type
PerkinElmer RL1024PAG
Window
Glass
Operational
Gain Adjustment
5-Turn Potentiometer
Dark Offset Adjustment 5-Turn Potentiometer
Input Signals (contd.)


同様の部品番号 - LC1917

メーカー部品番号データシート部品情報
logo
Seoul Semiconductor
LC191 SEOUL-LC191 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LC191 SEOUL-LC191 Datasheet
360Kb / 13P
   CYAN LAMP LED
LC191 SEOUL-LC191 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC191 SEOUL-LC191 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC191 SEOUL-LC191 Datasheet
378Kb / 14P
   RED LAMP LED
More results

同様の説明 - LC1917

メーカー部品番号データシート部品情報
logo
PerkinElmer Optoelectro...
LC3000 PERKINELMER-LC3000 Datasheet
94Kb / 8P
   High Performance, Low-Cost Analog Line Scan Camera
logo
Sony Corporation
XC-55 SONY-XC-55 Datasheet
705Kb / 6P
   PROGRESSIVE SCAN CAMERA MODULE
logo
Hamamatsu Corporation
C4880-80 HAMAMATSU-C4880-80 Datasheet
79Kb / 2P
   Fast scan multi format Cooled CCD Camera
C7390 HAMAMATSU-C7390 Datasheet
137Kb / 4P
   X-Ray Line Sensor Camera
C10854 HAMAMATSU-C10854_15 Datasheet
596Kb / 7P
   Near infrared line camera (Line rate: 31.25 kHz)
logo
ams AG
4LS AMSCO-4LS Datasheet
3Mb / 115P
   4LS15K, 4LS10K and 4LS5K Line Scan Sensors
v3-01 2022-Nov-17
logo
Gamewell-FCI by Honeywe...
ASD-LS GAMEWELL-FCI-ASD-LS Datasheet
58Kb / 2P
   Low Profile Analog Laser Sensor
logo
List of Unclassifed Man...
SAD4096 ETC-SAD4096 Datasheet
180Kb / 7P
   ANALOG DELAY LINE
logo
ETAL Group
P1165 ETAL-P1165 Datasheet
128Kb / 7P
   LOW PROFILE LINE MATCHING TRANSFORMER
P3065 ETAL-P3065 Datasheet
128Kb / 5P
   LOW PROFILE LINE MATCHING TRANSFORMER
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com