データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC1601A データシート(PDF) 10 Page - List of Unclassifed Manufacturers

部品番号 BC1601A
部品情報  LCD MODULE SPECIFICATION
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

BC1601A データシート(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button BC1601A Datasheet HTML 6Page - List of Unclassifed Manufacturers BC1601A Datasheet HTML 7Page - List of Unclassifed Manufacturers BC1601A Datasheet HTML 8Page - List of Unclassifed Manufacturers BC1601A Datasheet HTML 9Page - List of Unclassifed Manufacturers BC1601A Datasheet HTML 10Page - List of Unclassifed Manufacturers BC1601A Datasheet HTML 11Page - List of Unclassifed Manufacturers BC1601A Datasheet HTML 12Page - List of Unclassifed Manufacturers BC1601A Datasheet HTML 13Page - List of Unclassifed Manufacturers BC1601A Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Bolymin, Inc.
◆◆◆
8. Power Supply for LCD Module and LCD Operating Voltage a Adjustment
*Standart Type
DC 5V
VR
(Recomment)
Vdd
LCM
Vss
Vo
typ.: 4.5V
*(Option)LCM operating on " DC 3V " input , with external negative
DC 3V
Negative volt
-3v
VR
Vdd
Vss
Vo
LCM
typ.: 4.5V
*(Option) LCM operating on " DC 3V " input , with built-in negative Voltage
Vdd
Vss
Vo
Vee
LCM
built-in
DC 3V
VR
N.V generator
or Temp.
compensation
circuit
-3V
typ.: 4.5V


同様の部品番号 - BC1601A

メーカー部品番号データシート部品情報
logo
Bolymin, Inc
BC1601A BOLYMIN-BC1601A Datasheet
513Kb / 1P
   COB with metal frame
BC1601A2 BOLYMIN-BC1601A2 Datasheet
263Kb / 1P
   COB with metal frame 5x7 dots with cursor
BC1601A2 BOLYMIN-BC1601A2_17 Datasheet
543Kb / 1P
   COB with metal Frame
BC1601AI BOLYMIN-BC1601AI_17 Datasheet
202Kb / 1P
   COB with metal frame
BC1601A BOLYMIN-BC1601A_17 Datasheet
513Kb / 1P
   COB with metal Frame
More results

同様の説明 - BC1601A

メーカー部品番号データシート部品情報
logo
OPTREX CORPORATION
DMC20261NYJ-LY-BCE OPTREX-DMC20261NYJ-LY-BCE Datasheet
179Kb / 16P
   LCD Module Specification
DMC20481NY-LY-AGE OPTREX-DMC20481NY-LY-AGE Datasheet
180Kb / 16P
   LCD Module Specification
DM16207H OPTREX-DM16207H Datasheet
164Kb / 15P
   LCD Module Specification
logo
OPTEK Technologies
DMC20261NY-LY-AXE OPTEK-DMC20261NY-LY-AXE Datasheet
178Kb / 16P
   LCD Module Specification
DMC50448 OPTEK-DMC50448 Datasheet
169Kb / 15P
   LCD Module Specification
logo
OPTREX CORPORATION
DMC16205 OPTREX-DMC16205 Datasheet
165Kb / 15P
   LCD Module Specification
logo
List of Unclassifed Man...
AT043TN13 ETC2-AT043TN13 Datasheet
408Kb / 25P
   LCD MODULE SPECIFICATION
ST50AN01 ETC1-ST50AN01 Datasheet
148Kb / 8P
   LCD MODULE SPECIFICATION
GM123210SFSYB-01 ETC-GM123210SFSYB-01 Datasheet
218Kb / 20P
   LCD MODULE SPECIFICATION
GM126414FRNNB-01 ETC-GM126414FRNNB-01 Datasheet
837Kb / 23P
   LCD MODULE SPECIFICATION
logo
OPTREX CORPORATION
F-51167NCU-FW-AB OPTREX-F-51167NCU-FW-AB Datasheet
281Kb / 17P
   LCD Module Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com