データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD110 データシート(PDF) 1 Page - E-Tech Electronics LTD

部品番号 BD110
部品情報  Dual SCHOTTKY Barrier Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETL [E-Tech Electronics LTD]
ホームページ  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

BD110 データシート(HTML) 1 Page - E-Tech Electronics LTD

  BD110 Datasheet HTML 1Page - E-Tech Electronics LTD BD110 Datasheet HTML 2Page - E-Tech Electronics LTD BD110 Datasheet HTML 3Page - E-Tech Electronics LTD BD110 Datasheet HTML 4Page - E-Tech Electronics LTD BD110 Datasheet HTML 5Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MBD110–1/5
1
3
2
Dual SCHOTTKY Barrier Diodes
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Reverse Voltage
MBD110DWT1
V R
7.0
Vdc
MBD330DWT1
30
MBD770DWT1
70
Forward Power Dissipation
P F
120
mW
T A = 25°C
Junction Temperature
T J
–55 to +125
°C
Storage Temperature Range
T stg
–55 to +150
°C
DEVICE MARKING
MBD110DWT1 = M4
MBD330DWT1 = T4
MBD770DWT1 = H5
Thermal Clad is a trademark of the Bergquist Company.
6
4
5
SOT–363
CASE 419B–01, STYLE 6
MBD110DWT1
MBD330DWT1
MBD770DWT1
Application circuit designs are moving toward the consolidation of
device count and into smaller packages. The new SOT–363 package is
a solution which simplifies circuit design, reduces device count, and
reduces board space by putting two discrete devices in one small six–
leaded package. The SOT–363 is ideal for low–power surface mount
applications where board space is at a premium, such as portable
products.
12
3
Anode
N/C
Cathode
Cathode
N/C
Anode
65
4
Surface Mount Comparisons:
SOT–363
SOT–23
Area (mm 2 )
4.6
7.6
Max Package P D (mW)
120
225
Device Count
2
1
Space Savings:
Package
1 × SOT–23
2 × SOT–23
SOT–363
40%
70%
The MBD110DW, MBD330DW, and MBD770DW devices are spin–offs of our popular
MMBD101LT1, MMBD301LT1, and MMBD701LT1 SOT–23 devices. They are designed
for high–efficiency UHF and VHF detector applications. Readily available to many other
fast switching RF and digital applications.
• Extremely Low Minority Carrier Lifetime
• Very Low Capacitance
• Low Reverse Leakage


同様の部品番号 - BD110

メーカー部品番号データシート部品情報
logo
Inchange Semiconductor ...
BD112 ISC-BD112 Datasheet
252Kb / 2P
   isc Silicon NPN Power Transistor
logo
Central Semiconductor C...
BD115 CENTRAL-BD115 Datasheet
56Kb / 1P
   Small Signal Transistors
logo
TRANSYS Electronics Lim...
BD115 TEL-BD115 Datasheet
195Kb / 2P
   NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Continental Device Indi...
BD115 CDIL-BD115 Datasheet
240Kb / 3P
   NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Inchange Semiconductor ...
BD116 ISC-BD116 Datasheet
252Kb / 2P
   isc Silicon NPN Power Transistor
More results

同様の説明 - BD110

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MBD54DWT1 ONSEMI-MBD54DWT1 Datasheet
51Kb / 4P
   Dual Schottky Barrier Diodes
February, 2005 ??Rev. 6
logo
Unisonic Technologies
BAT54A UTC-BAT54A_11 Datasheet
164Kb / 3P
   SCHOTTKY BARRIER (DUAL) DIODES
BAT54ATB UTC-BAT54ATB Datasheet
182Kb / 3P
   SCHOTTKY BARRIER (DUAL) DIODES
BAT54AW UTC-BAT54AW Datasheet
165Kb / 3P
   SCHOTTKY BARRIER (DUAL) DIODES
BAT54DW UTC-BAT54DW Datasheet
150Kb / 2P
   SCHOTTKY BARRIER (DUAL) DIODES
BAT54SW UTC-BAT54SW Datasheet
164Kb / 3P
   SCHOTTKY BARRIER (DUAL) DIODES
logo
ON Semiconductor
MBD110DWT1G ONSEMI-MBD110DWT1G_07 Datasheet
155Kb / 6P
   Dual Schottky Barrier Diodes
October, 2009 ??Rev. 6
MBD54DWT1G ONSEMI-MBD54DWT1G_09 Datasheet
135Kb / 4P
   Dual Schottky Barrier Diodes
October, 2009 ??Rev. 7
MBD110DWT1G ONSEMI-MBD110DWT1G_12 Datasheet
112Kb / 6P
   Dual Schottky Barrier Diodes
September, 2011 ??Rev. 7
logo
Unisonic Technologies
BAT54CTB UTC-BAT54CTB Datasheet
166Kb / 3P
   SCHOTTKY BARRIER (DUAL) DIODES
logo
ON Semiconductor
MBD110DWT1 ONSEMI-MBD110DWT1 Datasheet
69Kb / 8P
   Dual Schottky Barrier Diodes
November, 2001 ??Rev.3
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com