データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AMT8210T46L4 データシート(PDF) 4 Page - ANADIGICS, Inc

部品番号 AMT8210T46L4
部品情報  1.25 Gb/s 1310/1550nm PIN-TIA
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ANADIGICS [ANADIGICS, Inc]
ホームページ  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AMT8210T46L4 データシート(HTML) 4 Page - ANADIGICS, Inc

  AMT8210T46L4 Datasheet HTML 1Page - ANADIGICS, Inc AMT8210T46L4 Datasheet HTML 2Page - ANADIGICS, Inc AMT8210T46L4 Datasheet HTML 3Page - ANADIGICS, Inc AMT8210T46L4 Datasheet HTML 4Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AMT8210
Rev 1.1
4
PACKAGE DIMENSIONS – 4 Pin TO-46
ORDERING INFORMATION
Part Number
PACKAGE DESCRIPTION
AMT8210T46L4
4 pin TO-46 Lens Package
AMT8210T46L5
5 pin TO-46 Lens Package
ANADIGICS, Inc.
829 Flynn Road
Camarillo, California 93012, U.S.A.
Tel: +1 (805) 445-4500
Fax: +1 (805) 445-4502
URL: http://www.anadigics.com
E-mail: Mktg@anadigics.com
IMPORTANT NOTICE
ANADIGICS, Inc. reserves the right to make changes to its products or discontinue any product at any
time without notice. The product specifications contained in Advanced Product Information sheets and
Preliminary Data sheets are subject to change prior to a product’s formal introduction. Information in
Data Sheets have been carefully checked and are assumed to be reliable; however, ANADIGICS
assumes no responsibility for inaccuracies. ANADIGICS strongly urges customers to verify that the
information they are using is current before placing orders.
WARNING
ANADIGICS products are not intended for use in life support appliances, devices, or systems. Use of
an ANADIGICS product in any such application without written consent is prohibited.


同様の部品番号 - AMT8210T46L4

メーカー部品番号データシート部品情報
logo
ANADIGICS, Inc
AMT8100 ANADIGICS-AMT8100 Datasheet
457Kb / 8P
   1.25Gb/s Integrated 850nm MSM-TIA
AMT8100T46L ANADIGICS-AMT8100T46L Datasheet
457Kb / 8P
   1.25Gb/s Integrated 850nm MSM-TIA
AMT8301 ANADIGICS-AMT8301 Datasheet
564Kb / 12P
   2.125Gb/s Integrated 850nm MSM-TIA
AMT8301T46F ANADIGICS-AMT8301T46F Datasheet
564Kb / 12P
   2.125Gb/s Integrated 850nm MSM-TIA
AMT8301T46L ANADIGICS-AMT8301T46L Datasheet
564Kb / 12P
   2.125Gb/s Integrated 850nm MSM-TIA
More results

同様の説明 - AMT8210T46L4

メーカー部品番号データシート部品情報
logo
ANADIGICS, Inc
AMT8630 ANADIGICS-AMT8630 Datasheet
166Kb / 4P
   10 Gb/s 1310/1550nm PIN-TIA
AMT8650 ANADIGICS-AMT8650 Datasheet
161Kb / 4P
   10 Gb/s 1310/1550nm PIN-TIA
AMT8412 ANADIGICS-AMT8412 Datasheet
220Kb / 4P
   2.5 Gb/s 1310/1550nm PIN-TIA
AMT8410 ANADIGICS-AMT8410 Datasheet
180Kb / 8P
   2.5 Gb/s 1310/1550nm PIN-TIA
AMT121302 ANADIGICS-AMT121302 Datasheet
594Kb / 12P
   1.25Gb/s 1310/1550nm PIN-TIA
AMT8504 ANADIGICS-AMT8504 Datasheet
337Kb / 12P
   1.25 Gb/s Integrated 850nm MSM-TIA
AMT8310 ANADIGICS-AMT8310 Datasheet
270Kb / 8P
   2.5 Gb/s 850 nm PIN-TIA
AMT8312 ANADIGICS-AMT8312 Datasheet
242Kb / 8P
   2.5 Gb/s 850 nm PIN-TIA
logo
Optoway Technology Inc
PT-7130 OPTOWAY-PT-7130 Datasheet
91Kb / 2P
   3.3V / 1.25 Gbps InGaAs PIN-TIA
logo
ANADIGICS, Inc
ATA7609 ANADIGICS-ATA7609 Datasheet
178Kb / 12P
   10 Gb/s High Overload TIA
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com