データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AMT8504T46F データシート(PDF) 1 Page - ANADIGICS, Inc

部品番号 AMT8504T46F
部品情報  1.25 Gb/s Integrated 850nm MSM-TIA
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ANADIGICS [ANADIGICS, Inc]
ホームページ  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AMT8504T46F データシート(HTML) 1 Page - ANADIGICS, Inc

  AMT8504T46F Datasheet HTML 1Page - ANADIGICS, Inc AMT8504T46F Datasheet HTML 2Page - ANADIGICS, Inc AMT8504T46F Datasheet HTML 3Page - ANADIGICS, Inc AMT8504T46F Datasheet HTML 4Page - ANADIGICS, Inc AMT8504T46F Datasheet HTML 5Page - ANADIGICS, Inc AMT8504T46F Datasheet HTML 6Page - ANADIGICS, Inc AMT8504T46F Datasheet HTML 7Page - ANADIGICS, Inc AMT8504T46F Datasheet HTML 8Page - ANADIGICS, Inc AMT8504T46F Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AMT8504
1.25 Gb/s Integrated 850 nm MSM-TIA
PRELIMINARY DATA SHEET - Rev 1
TO-46L
Ball Lens
Package
TO-46F
Ultra Flat
Window
Package
PRODUCT DESCRIPTION
The ANADIGICS AMT8504 is a 3.3V monolithically
integrated Metal-Semiconductor-Metal (MSM)
photodetector and transimpedance amplifier (TIA)
used to convert an 850nm input optical signal into a
differential output voltage, and is manufactured in
ANADIGICS’ 6” GaAs wafer fabrication facility. The
integrated MSM and TIA receiver maximizes the
receiver performance by minimizing the
photodetector input parasitics to the TIA and
Figure 1: Equivalent Circuit
internally biasing the photodetector to achieve high
sensitivity, bandwidth and overload performance. As
an integrated product the reliability is inherently
better than a discrete solution, and both the MSM-TIA
integrated circuit and TO46 flat window and TO46
lens packaged receiver pass stringent reliability
requirements. These products are readily designed
into receivers and transceivers for Gigabit Ethernet
and Fibre Channel applications.
US Patents: 5047728, 5646573
Charge
Pump
7.5 GHz
Osc
AGC
OUT
OUT
VDD
4
2
1
3
P
IN
07/01
FEATURES
·
Differential Output TIA
·
3.3V Operation
·
Automatic Gain Control
·
Integrated 850nm MSM detector & TIA
·
100 m Detector Diameter
·
TO-46 Ultra Flat Window or Lens
Hermetic Package
·
High Reliability
·
-5 to +80
°C Operating Temperature Range
APPLICATIONS
·
Gigabit Ethernet (1.250Gb/s)
·
Fibre Channel (1.0625 Gb/s)
m


同様の部品番号 - AMT8504T46F

メーカー部品番号データシート部品情報
logo
ANADIGICS, Inc
AMT8100 ANADIGICS-AMT8100 Datasheet
457Kb / 8P
   1.25Gb/s Integrated 850nm MSM-TIA
AMT8100T46L ANADIGICS-AMT8100T46L Datasheet
457Kb / 8P
   1.25Gb/s Integrated 850nm MSM-TIA
AMT8210 ANADIGICS-AMT8210 Datasheet
218Kb / 4P
   1.25 Gb/s 1310/1550nm PIN-TIA
AMT8210T46L4 ANADIGICS-AMT8210T46L4 Datasheet
218Kb / 4P
   1.25 Gb/s 1310/1550nm PIN-TIA
AMT8210T46L5 ANADIGICS-AMT8210T46L5 Datasheet
218Kb / 4P
   1.25 Gb/s 1310/1550nm PIN-TIA
More results

同様の説明 - AMT8504T46F

メーカー部品番号データシート部品情報
logo
ANADIGICS, Inc
AMT8304 ANADIGICS-AMT8304 Datasheet
472Kb / 12P
   2.125 Gb/s Integrated 850nm MSM-TIA
AMT128503 ANADIGICS-AMT128503 Datasheet
634Kb / 12P
   1.25Gb/s Integrated 850nm MSM-TIA
AMT8301 ANADIGICS-AMT8301 Datasheet
564Kb / 12P
   2.125Gb/s Integrated 850nm MSM-TIA
AMT8100 ANADIGICS-AMT8100 Datasheet
457Kb / 8P
   1.25Gb/s Integrated 850nm MSM-TIA
AMT8302 ANADIGICS-AMT8302 Datasheet
260Kb / 8P
   2.125Gb/s Integrated 850nm MSM-TIA
AMT128502A ANADIGICS-AMT128502A Datasheet
369Kb / 8P
   1.25Gb/s Integrated 850nm MSM-TIA
AMT8210 ANADIGICS-AMT8210 Datasheet
218Kb / 4P
   1.25 Gb/s 1310/1550nm PIN-TIA
logo
Unity Opto Technology
MCD-8T4C-313 UOT-MCD-8T4C-313 Datasheet
84Kb / 2P
   1.25 Gbps PIN-TIA (850nm) 3.3V & 5V
MCD-8T4C-323 UOT-MCD-8T4C-323 Datasheet
84Kb / 2P
   1.25 Gbps PIN-TIA (850nm) 3.3V & 5V
logo
ANADIGICS, Inc
ATA7609 ANADIGICS-ATA7609 Datasheet
178Kb / 12P
   10 Gb/s High Overload TIA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com