データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM555-2001 データシート(PDF) 4 Page - LEDTRONICS, INC

部品番号 SM555-2001
部品情報  PCB LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LEDTRONICS [LEDTRONICS, INC]
ホームページ  http://www.ledtronics.com
Logo LEDTRONICS - LEDTRONICS, INC

SM555-2001 データシート(HTML) 4 Page - LEDTRONICS, INC

  SM555-2001 Datasheet HTML 1Page - LEDTRONICS, INC SM555-2001 Datasheet HTML 2Page - LEDTRONICS, INC SM555-2001 Datasheet HTML 3Page - LEDTRONICS, INC SM555-2001 Datasheet HTML 4Page - LEDTRONICS, INC SM555-2001 Datasheet HTML 5Page - LEDTRONICS, INC SM555-2001 Datasheet HTML 6Page - LEDTRONICS, INC SM555-2001 Datasheet HTML 7Page - LEDTRONICS, INC SM555-2001 Datasheet HTML 8Page - LEDTRONICS, INC SM555-2001 Datasheet HTML 9Page - LEDTRONICS, INC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
BILEVEL T1 [3mm] LEDs
.100 TYP
.100 TYP
.100 TYP
.100 TYP
.100 TYP
.100 TYP
.100 TYP
.100 TYP
.100 TYP
.080
.085
.070
.070 TYP
.070 TYP
.085 TYP
.085 TYP
.080 TYP
.080 TYP
[2.6]
[2.6]
[2.6]
[2.6]
[2.6]
[2.6]
[2.6]
[2.6]
[2.6]
[2.0]
[2.2]
[1.8]
[1.8]
[1.8]
[2.2]
[2.2]
[2.0]
[2.0]
- ALL "Vf" READINGS ARE TYP/MAX
- ALL "mcd" READINGS ARE MIN/TYP
- 5V = 5 VOLT INTEGRATED RESISTOR
- LC = LOW CURRENT 2mA LEDs
- X = DENOTES BLANK LED SPACE
- CONSULT FACTORY ON PART NUMBERS FOR
ARRAYS WITH NONCONSECUTIVE COLORS
SAMPLE PART NUMBER:
LED 2 COLOR
LED 1 COLOR
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
++
+
+
+
++
+
+
+
+
+
+
+
21PCT110
21PCT120
21PCT170
22PCT110
22PCT120
22PCT170
21PCM120
21PCL120
23PCT110
23PCT120
23PCT170
23PCT170T4-X/X
24PCT110
24PCT120
24PCT170
LED1
LED1
LED1
LED2
LED2
LED2
LED2
LED2
LED2
LED1
LED1
LED1
SPECIALS
RED
COLOR
R
CODE
2.0/2.8
Vf
1.7/5.6
Iv mcd
10/30
mA
YELLOW
Y
2.1/2.8
1.7/5.5
10/20
GREEN
G
2.1/2.8
1.7/5.6
10/30
BLUE
B
3.2/3.7
2.0/3.5
20/30
.100
.100
.100
[2.6]
[2.6]
[2.6]
.175
.175
.200
[4.4]
[4.4]
[5.1]
.100
.100
.100
[2.6]
[2.6]
[2.6]
.020 SQ
.020 SQ
.020 SQ
[0.5]
[0.5]
[0.5]
.100
[2.6]
.100
[2.6]
.100
[2.6]
.170
[4.3]
.185
.370
.340
.510
.680
.555
.740
[4.7]
[9.4]
[8.6]
[13.0]
[17.3]
[14.1]
[18.8]
.180
.360
.540
.720
[4.6]
[9.1]
[13.7]
[18.3]
.200
[5.1]
.200
[5.1]
.200
.380
.380
.430
.500 MIN
.500 MIN
.500 MIN
[5.1]
[9.7]
[9.7]
[10.9]
[12.7]
[12.7]
[12.7]
.015
[0.4]
.015
[0.4]
.015
.175
.175
.175
.175
.175
.175
.175
.175
.175
.150
.150
.150
.150
.150
.150
.150
.150
.150
[0.4]
[4.5]
[4.5]
[4.5]
[4.5]
[4.5]
[4.5]
[4.5]
[4.5]
[4.5]
[3.8]
[3.8]
[3.8]
[3.8]
[3.8]
[3.8]
[3.8]
[3.8]
[3.8]
.095
[2.4]
.095
[2.4]
.145
.220
.095
[2.4]
.330
[8.4]
.350
[8.9]
.320
[8.1]
Options
3


同様の部品番号 - SM555-2001

メーカー部品番号データシート部品情報
logo
Sumida Corporation
SM55 SUMIDA-SM55 Datasheet
52Kb / 2P
   RF Coils
logo
Pletronics, Inc.
SM55-18 PLETRONICS-SM55-18 Datasheet
116Kb / 7P
   Miniature SMD Crystal
logo
Silicon Mitus, Inc.
SM5508A SILICONMITUS-SM5508A Datasheet
748Kb / 2P
   Embedded Protocol MUIC for Accessory Detection
November 2021 Rev0.0.8
logo
Leshan Radio Company
SM550A LRC-SM550A Datasheet
166Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM550A-E LRC-SM550A-E Datasheet
300Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
More results

同様の説明 - SM555-2001

メーカー部品番号データシート部品情報
logo
Marl International Limi...
103-305-04 MARL-103-305-04_13 Datasheet
208Kb / 5P
   pcb led indicators
104-505-04 MARL-104-505-04_13 Datasheet
164Kb / 4P
   pcb led indicators
107-305-04 MARL-107-305-04_13 Datasheet
184Kb / 4P
   pcb led indicators
109-305-04 MARL-109-305-04_13 Datasheet
222Kb / 5P
   pcb led indicators
103-305-04 MARL-103-305-04_13 Datasheet
208Kb / 5P
   pcb led indicators
124-305-04 MARL-124-305-04_13 Datasheet
195Kb / 4P
   pcb led indicators
113-305-01 MARL-113-305-01 Datasheet
242Kb / 2P
   PCB MOUNTING LED
109-305-01 MARL-109-305-01_15 Datasheet
227Kb / 2P
   PCB MOUNTING LED
151-535-04 MARL-151-535-04_15 Datasheet
213Kb / 2P
   PCB MOUNTING LED
124-305-04 MARL-124-305-04_13 Datasheet
195Kb / 4P
   pcb led indicators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com