データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA1318AF データシート(PDF) 9 Page - Toshiba Semiconductor

部品番号 TA1318AF
部品情報  SYNC Processor, Frequency Counter IC for TV Component Signals
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1318AF データシート(HTML) 9 Page - Toshiba Semiconductor

Back Button TA1318AF Datasheet HTML 5Page - Toshiba Semiconductor TA1318AF Datasheet HTML 6Page - Toshiba Semiconductor TA1318AF Datasheet HTML 7Page - Toshiba Semiconductor TA1318AF Datasheet HTML 8Page - Toshiba Semiconductor TA1318AF Datasheet HTML 9Page - Toshiba Semiconductor TA1318AF Datasheet HTML 10Page - Toshiba Semiconductor TA1318AF Datasheet HTML 11Page - Toshiba Semiconductor TA1318AF Datasheet HTML 12Page - Toshiba Semiconductor TA1318AF Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
TA1318AF
2003-02-19
9
Pin
No.
Pin Name
Function
Interface Circuit
Input Signal/Output Signal
22
SCL
SCL pin for I
2
C bus.
23
Address SW
Slave address switch pin.
When this pin is connected to
VCC (GND), used for DC/DDH
(D8/D9H); when left open,
DA/DBH.
DA/DB
DC/DD
9 V
7.5 V
D8/D9
1.5 V
0 V
11
22
20 k
5
SCL
11
23
1 k
5
1.5 V
7.5 V


同様の部品番号 - TA1318AF

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TA1318AFG TOSHIBA-TA1318AFG Datasheet
376Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
More results

同様の説明 - TA1318AF

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TA1370FG TOSHIBA-TA1370FG Datasheet
637Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TA1370FG TOSHIBA-TA1370FG_05 Datasheet
902Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TA1318NG TOSHIBA-TA1318NG Datasheet
897Kb / 41P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TA1318AFG TOSHIBA-TA1318AFG Datasheet
376Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TB1305FG TOSHIBA-TB1305FG Datasheet
661Kb / 33P
   Component SW, Sync Separation and H/V Frequency Counter IC for TVs
TA1383AFG TOSHIBA-TA1383AFG Datasheet
1,018Kb / 47P
   NTSC Chroma Decoder, Multi-Point Scan Sync Processor, H/V Frequency Counter IC for Color TV
logo
Maxim Integrated Produc...
MAX9568 MAXIM-MAX9568 Datasheet
248Kb / 16P
   Component Analog TV Sync Separator
Rev 1; 12/08
logo
Toshiba Semiconductor
TA8819FG TOSHIBA-TA8819FG Datasheet
1Mb / 30P
   NTSC VIDEO CHROMA SIGNAL PROCESSOR SYNC PLAYBACK IC FOR LCD TV
TA1317AFG TOSHIBA-TA1317AFG Datasheet
1Mb / 58P
   Deflection Processor IC for TV
TA1317ANG TOSHIBA-TA1317ANG Datasheet
1Mb / 59P
   Deflection Processor IC for TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com