データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1PS75SB45 データシート(PDF) 4 Page - NXP Semiconductors

部品番号 1PS75SB45
部品情報  Schottky barrier double diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1PS75SB45 データシート(HTML) 4 Page - NXP Semiconductors

  1PS75SB45 Datasheet HTML 1Page - NXP Semiconductors 1PS75SB45 Datasheet HTML 2Page - NXP Semiconductors 1PS75SB45 Datasheet HTML 3Page - NXP Semiconductors 1PS75SB45 Datasheet HTML 4Page - NXP Semiconductors 1PS75SB45 Datasheet HTML 5Page - NXP Semiconductors 1PS75SB45 Datasheet HTML 6Page - NXP Semiconductors 1PS75SB45 Datasheet HTML 7Page - NXP Semiconductors 1PS75SB45 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1999 Apr 26
4
Philips Semiconductors
Product specification
Schottky barrier double diode
1PS75SB45
GRAPHICAL DATA
Fig.2
Forward current as a function of forward
voltage; typical values.
(1) Tamb = 150 °C.
(2) Tamb =85 °C.
(3) Tamb =25 °C.
(4) Tamb = −40 °C.
handbook, halfpage
10 2
10
1
10 2
0
MLC361 - 1
0.6
0.8
0.4
0.2
1.0
V (V)
10 1
I F
(mA)
F
(1)
(2)
(3)
(4)
Fig.3
Reverse current as a function of reverse
voltage; typical values.
(1) Tamb = 150 °C.
(2) Tamb =85 °C.
(3) Tamb =25 °C.
handbook, halfpage
103
102
10−1
10−2
10
1
0
MLC362
20
10
40
30
VR (V)
IR
(
µA)
(1)
(2)
(3)
Fig.4
Differential forward resistance as a function
of forward current; typical values.
f = 10 kHz.
handbook, halfpage
MLC364
110
10
2
1
10 3
10
102
10 1
r diff
(
Ω)
I (mA)
F
Fig.5
Diode capacitance as a function of reverse
voltage; typical values.
f = 1 MHz; Tamb =25 °C.
handbook, halfpage
010
20
40
30
5
0
4
MLC363
3
2
1
VR (V)
Cd
(pF)


同様の部品番号 - 1PS75SB45

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
1PS75SB45 PHILIPS-1PS75SB45 Datasheet
136Kb / 21P
   General-purpose Schottky diodes
Rev. 07-12 May 2006
1PS75SB45 NXP-1PS75SB45 Datasheet
227Kb / 21P
   General-purpose Schottky diodes
Rev. 08-13 January 2010
1PS75SB45 NXP-1PS75SB45 Datasheet
227Kb / 21P
   General-purpose Schottky diodes
Rev. 08-13 January 2010
1PS75SB45 NXP-1PS75SB45 Datasheet
227Kb / 21P
   General-purpose Schottky diodes
Rev. 08-13 January 2010
1PS75SB45 PHILIPS-1PS75SB45_2 Datasheet
136Kb / 21P
   General-purpose Schottky diodes
Rev. 07-12 May 2006
More results

同様の説明 - 1PS75SB45

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
PMBD354 NXP-PMBD354 Datasheet
102Kb / 7P
   Schottky barrier double diode
2003 Mar 25
BAS70-07S PHILIPS-BAS70-07S Datasheet
52Kb / 8P
   Schottky barrier double diode
1998 Jul 10
BAT74S PHILIPS-BAT74S_03 Datasheet
57Kb / 8P
   Schottky barrier double diode
2003 Apr 11
BAT74V PHILIPS-BAT74V_15 Datasheet
198Kb / 7P
   Schottky barrier double diode
2002 Sep 02
logo
Nexperia B.V. All right...
BAT160C NEXPERIA-BAT160C Datasheet
196Kb / 8P
   Schottky barrier double diode
22 September 2022
logo
NXP Semiconductors
BAT54CM NXP-BAT54CM Datasheet
195Kb / 7P
   Schottky barrier double diode
2003 Nov 11
BAT74235 PHILIPS-BAT74235 Datasheet
119Kb / 10P
   Schottky barrier double diode
Rev. 03-19 April 2010
PMBD354 PHILIPS-PMBD354_15 Datasheet
102Kb / 7P
   Schottky barrier double diode
2003 Mar 25
logo
Guangdong Kexin Industr...
BAT74 KEXIN-BAT74 Datasheet
39Kb / 2P
   Schottky Barrier Double Diode
logo
NXP Semiconductors
BAT74V PHILIPS-BAT74V Datasheet
51Kb / 8P
   Schottky barrier double diode
2002 Sep 02
PBYR2100CT PHILIPS-PBYR2100CT Datasheet
47Kb / 8P
   Schottky barrier double diode
1999 May 25
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com