データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BZW50-27 データシート(PDF) 1 Page - EIC discrete Semiconductors

部品番号 BZW50-27
部品情報  TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EIC [EIC discrete Semiconductors]
ホームページ  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BZW50-27 データシート(HTML) 1 Page - EIC discrete Semiconductors

  BZW50-27 Datasheet HTML 1Page - EIC discrete Semiconductors BZW50-27 Datasheet HTML 2Page - EIC discrete Semiconductors BZW50-27 Datasheet HTML 3Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BZW50 Series
TRANSIENT VOLTAGE
SUPPRESSOR
Stand-off Zener Voltage: 10 - 180 Volts
Peak Power: 5000 Watts
FEATURES :
* 5000W (10/1000µs) Peak Pulse Power
* Excellent clamping capability
* Low incremental surge resistance
* Fast response time : typically less
then 1.0 ps from 0 volt to VBR(min.)
* Pb / RoHS Free
MECHANICAL DATA
* Case : Molded plastic body
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight :
2.1 grams
MAXIMUM RATINGS
Rating at 25
°C ambient temperature unless otherwise specified.
Rating
Symbol
Value
Unit
Peak pulse power dissipation
(1) , T
J initial = Ta
W
Power dissipation on infinite heat sink , Ta = 75ºCW
Non repetitive surge peak forward current
for unidirectional type , tp = 10 ms ,TJ initial = Ta
Maximum lead temperature for soldering during 10s
at 5mm from case
Thermal resistance junction to lead
ºC/W
Thermal resistance junction to ambient, L = 10mm
ºC/W
Operating and storage temperature range
TJ, TSTG
- 65 to + 175
°C
Note:
(1) For surge greater than the maximum values, the diode will fail in short-circuit.
Page 1 of 3
Rev. 02 : March 25, 2005
TL
230
ºC
RθJA
65
RθJL
15
A
PD
PPK
5000
6.5
IFSM
500
0.360 (9.1)
0.340 (8.6)
D6
0.360 (9.1)
0.340 (8.6)
0.052 (1.32)
0.048 (1.22)
Dimensions in inches and ( millimeters )
1.00 (25.4)
MIN.
1.00 (25.4)
MIN.


同様の部品番号 - BZW50-27

メーカー部品番号データシート部品情報
logo
STMicroelectronics
BZW50-27 STMICROELECTRONICS-BZW50-27 Datasheet
78Kb / 5P
   TRANSILTM
BZW50-27 STMICROELECTRONICS-BZW50-27 Datasheet
124Kb / 8P
   Transil, transient voltage surge suppressor (TVS)
BZW50-27 STMICROELECTRONICS-BZW50-27 Datasheet
124Kb / 8P
   Transil?? transient voltage surge suppressor (TVS)
logo
SUNMATE electronic Co.,...
BZW50-27 SUNMATE-BZW50-27 Datasheet
128Kb / 3P
   5000 Watts Axial Leaded Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
BZW50-27 NJSEMI-BZW50-27 Datasheet
207Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

同様の説明 - BZW50-27

メーカー部品番号データシート部品情報
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com