データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

G1085-18T53U データシート(PDF) 2 Page - Global Mixed-mode Technology Inc

部品番号 G1085-18T53U
部品情報  3A Low-Dropout Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GMT [Global Mixed-mode Technology Inc]
ホームページ  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G1085-18T53U データシート(HTML) 2 Page - Global Mixed-mode Technology Inc

  G1085-18T53U Datasheet HTML 1Page - Global Mixed-mode Technology Inc G1085-18T53U Datasheet HTML 2Page - Global Mixed-mode Technology Inc G1085-18T53U Datasheet HTML 3Page - Global Mixed-mode Technology Inc G1085-18T53U Datasheet HTML 4Page - Global Mixed-mode Technology Inc G1085-18T53U Datasheet HTML 5Page - Global Mixed-mode Technology Inc G1085-18T53U Datasheet HTML 6Page - Global Mixed-mode Technology Inc G1085-18T53U Datasheet HTML 7Page - Global Mixed-mode Technology Inc G1085-18T53U Datasheet HTML 8Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Ver: 0.5 Preliminary
Nov 12, 2004
TEL: 886-3-5788833
http://www.gmt.com.tw
2
G1085-XX
Global Mixed-mode Technology Inc.
Absolute Maximum Ratings
(Note 1)
Input Voltage…………………….………….…………8V
Power Dissipation Internally Limited
(Note 2)
Maximum Junction Temperature……..…..……..150°C
Storage Temperature Range.……-65°C
≤ TJ ≤+150°C
Reflow Temperature (soldering, 10sec).……….260°C
Thermal Resistance Junction to Ambient
TO-220(1), TO-263(1)………………………….…92°C/W
Thermal Resistance Junction to Case
TO-220,TO-263……..……………………………6°C/W
ESD Rating (Human Body Model)………...………2kV
Note (1): See Recommended Minimum Footprint
Operating Conditions
(Note 1)
Input Voltage……….……………………………2.2V~7V
Temperature Range…………….….-40°C
≤ TA ≤85°C
Electrical Characteristics
VIN = 5V, CIN = COUT = 220µF, TA = TJ = 25°C unless otherwise specified. (Note3)
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
Output Voltage
10mA < IOUT < 3A
-2%
VO
2%
V
Line Regulation
(VOUT + 0.7V) < VIN < 5.5V, IOUT = 10mA
---
0.1
1
%
G1085-18 VIN=3.8V, 10mA < IOUT < 3A
G1085-25 VIN=5V, 10mA < IOUT < 3A
Load Regulation
G1085-33 VIN=5V, 10mA < IOUT < 3A
---
1
2
%
G1085-18
∆VOUT = 2%, IOUT = 3A
---
1
1.2
G1085-25
∆VOUT = 2%, IOUT = 3A
---
0.8
1
Dropout Voltage
G1085-33
∆VOUT = 2%, IOUT = 3A
---
0.65
0.85
V
Current Limit
(VIN - VOUT) = 2V
---
5.5
---
A
Short Circuit Current
---
1
---
A
G1085-18 VIN = 5V
0.5
1.7
5
G1085-25 VIN = 5V
0.5
2.1
5
Quiescent Current
G1085-33 VIN = 5V
0.5
2.4
5
mA
Ripple Rejection
f = 120Hz, COUT = 10µF Tantalum,
(VIN - VOUT) = 3V, IOUT = 1A
---
50
---
dB
TO-220; Recommended Minimum Footprint
---
92
---
Thermal Resistor Junction-to-Ambient
(No heat sink; No air flow)
TO-263; Recommended Minimum Footprint
---
92
---
°C/W
TO-220
---
6
---
Thermal Resistance Junction-to-Case
TO-263
---
6
---
°C/W
Thermal Shutdown
Junction Temperature
---
150
---
°C
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Conditions
are conditions under which the device functions but the specifications might not be guaranteed. For guaranteed
specifications and test conditions see the Electrical Characteristics.
Note2: The maximum power dissipation is a function of the maximum junction temperature, TJmax ; total thermal resistance,
θJA, and ambient temperature TA. The maximum allowable power dissipation at any ambient temperature is
Tjmax-TA / θJA. If this dissipation is exceeded, the die temperature will rise above 150°C and IC will go into ther-
mal shutdown.
Note3: Low duty pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
Note4: The type of output capacitor should be tantalum or aluminum.
Definitions
Dropout Voltage
The input/output Voltage differential at which the regu-
lator output no longer maintains regulation against fur-
ther reductions in input voltage. Measured when the
output drops 2% below its nominal value. Dropout volt-
age is affected by junction temperature, load current
and minimum input supply requirements.
Line Regulation
The change in output voltage for a change in input volt-
age. The measurement is made under conditions of low
dissipation or by using pulse techniques such that av-
erage chip temperature is not significantly affected.
Load Regulation
The change in output voltage for a change in load
current at constant chip temperature. The measure-
ment is made under conditions of low dissipation or by
using pulse techniques such that average chip tem-
perature is not significantly affected.
Maximum Power Dissipation
The maximum total device dissipation for which the
regulator will operate within specifications.
Quiescent Bias Current
Current which is used to operate the regulator chip
and is not delivered to the load.


同様の部品番号 - G1085-18T53U

メーカー部品番号データシート部品情報
logo
Global Mixed-mode Techn...
G1085 GMT-G1085 Datasheet
343Kb / 8P
   3A Adjustable Low-Dropout Linear Regulator
G1085T41D GMT-G1085T41D Datasheet
343Kb / 8P
   3A Adjustable Low-Dropout Linear Regulator
G1085T41T GMT-G1085T41T Datasheet
343Kb / 8P
   3A Adjustable Low-Dropout Linear Regulator
G1085T41U GMT-G1085T41U Datasheet
343Kb / 8P
   3A Adjustable Low-Dropout Linear Regulator
G1085T42D GMT-G1085T42D Datasheet
343Kb / 8P
   3A Adjustable Low-Dropout Linear Regulator
More results

同様の説明 - G1085-18T53U

メーカー部品番号データシート部品情報
logo
Sipex Corporation
SP1085 SIPEX-SP1085 Datasheet
471Kb / 12P
   3A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085 Datasheet
198Kb / 16P
   3A LOW DROPOUT LINEAR REGULATOR
logo
ACE Technology Co., LTD...
ACE1085G ACE-ACE1085G Datasheet
436Kb / 8P
   3A Low Dropout Linear Regulator
VER 1.4
logo
BCD Semiconductor Manuf...
AZ1085C BCDSEMI-AZ1085C Datasheet
846Kb / 18P
   3A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
L11830_1110 UTC-L11830_1110 Datasheet
281Kb / 6P
   3A LOW DROPOUT LINEAR REGULATOR
LR8845 UTC-LR8845 Datasheet
278Kb / 4P
   3A LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AZ2085 DIODES-AZ2085 Datasheet
262Kb / 11P
   3A LOW DROPOUT LINEAR REGULATOR
AZ2185 DIODES-AZ2185 Datasheet
338Kb / 9P
   3A LOW DROPOUT LINEAR REGULATOR
September 2017
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085_07 Datasheet
264Kb / 17P
   3A LOW DROPOUT LINEAR REGULATOR
logo
ACE Technology Co., LTD...
ACE1085 ACE-ACE1085 Datasheet
286Kb / 11P
   3A Low Dropout Linear Regulator
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com