データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

G1085-18T53U データシート(PDF) 7 Page - Global Mixed-mode Technology Inc

部品番号 G1085-18T53U
部品情報  3A Low-Dropout Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GMT [Global Mixed-mode Technology Inc]
ホームページ  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G1085-18T53U データシート(HTML) 7 Page - Global Mixed-mode Technology Inc

  G1085-18T53U Datasheet HTML 1Page - Global Mixed-mode Technology Inc G1085-18T53U Datasheet HTML 2Page - Global Mixed-mode Technology Inc G1085-18T53U Datasheet HTML 3Page - Global Mixed-mode Technology Inc G1085-18T53U Datasheet HTML 4Page - Global Mixed-mode Technology Inc G1085-18T53U Datasheet HTML 5Page - Global Mixed-mode Technology Inc G1085-18T53U Datasheet HTML 6Page - Global Mixed-mode Technology Inc G1085-18T53U Datasheet HTML 7Page - Global Mixed-mode Technology Inc G1085-18T53U Datasheet HTML 8Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Ver: 0.5 Preliminary
Nov 12, 2004
TEL: 886-3-5788833
http://www.gmt.com.tw
7
G1085-XX
Global Mixed-mode Technology Inc.
Package Information
TO-220 (T3) Package
MILLIMETER
INCH
SYMBOL
MIN
MAX
MIN
MAX
A
4.318
4.826
0.170
0.190
A1
2.46
2.72
0.097
0.107
b
0.69
0.94
0.027
0.037
b1
1.143
1.397
0.045
0.055
C
0.304
0.460
0.012
0.018
D
3.429
3.683
0.135
0.145
D1
8.53
9.04
0.336
0.356
d
2.62
2.87
0.103
0.113
E
9.906
10.40
0.390
0.410
E1
4.953
5.22
0.195
0.206
DIA
3.708
3.962
0.146
0.156
e
2.29
2.79
0.090
0.110
e1
4.83
5.33
0.190
0.210
F
1.143
1.397
0.045
0.055
L
13.589
14.351
0.535
0.565
I
3.56
4.06
0.140
0.16
E
DIA
E1
E1
D
d
I
L
e
b
b1
e1
A
F
D1
C
A1
E
DIA
E1
E1
D
d
I
L
e
b
b1
e1
A
F
D1
C
A1


同様の部品番号 - G1085-18T53U

メーカー部品番号データシート部品情報
logo
Global Mixed-mode Techn...
G1085 GMT-G1085 Datasheet
343Kb / 8P
   3A Adjustable Low-Dropout Linear Regulator
G1085T41D GMT-G1085T41D Datasheet
343Kb / 8P
   3A Adjustable Low-Dropout Linear Regulator
G1085T41T GMT-G1085T41T Datasheet
343Kb / 8P
   3A Adjustable Low-Dropout Linear Regulator
G1085T41U GMT-G1085T41U Datasheet
343Kb / 8P
   3A Adjustable Low-Dropout Linear Regulator
G1085T42D GMT-G1085T42D Datasheet
343Kb / 8P
   3A Adjustable Low-Dropout Linear Regulator
More results

同様の説明 - G1085-18T53U

メーカー部品番号データシート部品情報
logo
Sipex Corporation
SP1085 SIPEX-SP1085 Datasheet
471Kb / 12P
   3A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085 Datasheet
198Kb / 16P
   3A LOW DROPOUT LINEAR REGULATOR
logo
ACE Technology Co., LTD...
ACE1085G ACE-ACE1085G Datasheet
436Kb / 8P
   3A Low Dropout Linear Regulator
VER 1.4
logo
BCD Semiconductor Manuf...
AZ1085C BCDSEMI-AZ1085C Datasheet
846Kb / 18P
   3A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
L11830_1110 UTC-L11830_1110 Datasheet
281Kb / 6P
   3A LOW DROPOUT LINEAR REGULATOR
LR8845 UTC-LR8845 Datasheet
278Kb / 4P
   3A LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AZ2085 DIODES-AZ2085 Datasheet
262Kb / 11P
   3A LOW DROPOUT LINEAR REGULATOR
AZ2185 DIODES-AZ2185 Datasheet
338Kb / 9P
   3A LOW DROPOUT LINEAR REGULATOR
September 2017
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085_07 Datasheet
264Kb / 17P
   3A LOW DROPOUT LINEAR REGULATOR
logo
ACE Technology Co., LTD...
ACE1085 ACE-ACE1085 Datasheet
286Kb / 11P
   3A Low Dropout Linear Regulator
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com