データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ABTH16646DL データシート(PDF) 2 Page - NXP Semiconductors

部品番号 74ABTH16646DL
部品情報  16-bit bus transceiver/register 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABTH16646DL データシート(HTML) 2 Page - NXP Semiconductors

  74ABTH16646DL Datasheet HTML 1Page - NXP Semiconductors 74ABTH16646DL Datasheet HTML 2Page - NXP Semiconductors 74ABTH16646DL Datasheet HTML 3Page - NXP Semiconductors 74ABTH16646DL Datasheet HTML 4Page - NXP Semiconductors 74ABTH16646DL Datasheet HTML 5Page - NXP Semiconductors 74ABTH16646DL Datasheet HTML 6Page - NXP Semiconductors 74ABTH16646DL Datasheet HTML 7Page - NXP Semiconductors 74ABTH16646DL Datasheet HTML 8Page - NXP Semiconductors 74ABTH16646DL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
74ABT16646
74ABTH16646
16-bit bus transceiver/register (3-State)
2
1998 Feb 27
853-1782 19026
FEATURES
Independent registers for A and B buses
Multiple VCC and GND pins minimize switching noise
Live insertion/extraction permitted
Power–up 3-State
Power–up reset
Multiplexed real-time and stored data
Outputs sink 64mA and source 32mA
Latch–up protection exceeds 500mA per JEDEC Std 17
74ABTH16646 incorporates bus-hold data inputs which eliminate
the need for external pull-up resistors to hold unused inputs
ESD protection exceeds 2000V per MIL STD 883 Method 3015
and 200V per Machine Model
DESCRIPTION
The 74ABT16646 high–performance BiCMOS device combines low
static and dynamic power dissipation with high speed and high
output drive.
The 74ABT16646 16-bit transceiver/register consists of two sets of
bus transceiver circuits with 3-State outputs, D-type flip-flops, and
control circuitry arranged for multiplexed transmission of data
directly from the input bus or from the internal registers. Data on the
A or B bus will be clocked into the registers as the appropriate clock
pin goes High. Output Enable (nOE) and Direction (nDIR) pins are
provided to control the transceiver function. In the transceiver mode,
data present at the high impedance port may be stored in either the
A or B register or both.
The select (nSAB, nSBA) pins determine whether data is stored or
transferred through the device in real-time. The nDIR determines
which bus will receive data when the nOE is active Low. In the
isolation mode (nOE = High), data from Bus A may be stored in the
B register and/or data from Bus B may be stored in the A register.
When an output function is disabled, the input function is still
enabled and may be used to store and transmit data. Only one of
the two buses, A or B may be driven at a time.
Two options are available, 74ABT16646 which does not have the
bus-hold feature and 74ABTH16646 which incorporates the
bus-hold feature.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
nAx to nBx
CL = 50pF; VCC = 5V
3.3
2.7
ns
CIN
Input capacitance
VI = 0V or VCC
3
pF
CI/O
I/O capacitance
VO = 0V or VCC; 3-State
7
pF
ICC
Quiescent supply current
Outputs disabled; VCC =5.5V
550
µA
ICCZ
Quiescent supply current
Outputs low; VCC =5.5V
9
mA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
56-Pin Plastic SSOP Type III
–40
°C to +85°C
74ABT16646 DL
BT16646 DL
SOT371-1
56-Pin Plastic TSSOP Type II
–40
°C to +85°C
74ABT16646 DGG
BT16646 DGG
SOT364-1
56-Pin Plastic SSOP Type III
–40
°C to +85°C
74ABTH16646 DL
BH16646 DL
SOT371-1
56-Pin Plastic TSSOP Type II
–40
°C to +85°C
74ABTH16646 DGG
BH16646 DGG
SOT364-1
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
2, 55, 27, 30
1CPAB, 1CPBA, 2CPAB, 2CPBA
Clock input A to B / Clock input B to A
3, 54, 26, 31
1SAB, 1SBA, 2SAB, 2SBA
Select input A to B / Select input B to A
1, 28
1DIR, 2DIR
Direction control inputs
5, 6, 8, 9, 10, 12, 13, 14
15, 16, 17, 19, 20, 21, 23, 24
1A0 – 1A7,
2A0 – 2A7
Data inputs/outputs (A side)
52, 51, 49, 48, 47, 45, 44, 43
42, 41, 40, 38, 37, 36, 34, 33
1B0 – 1B7,
2B0 – 2B7
Data inputs/outputs (B side)
56, 29
1OE, 2OE
Output enable inputs
4, 11, 18, 25, 32, 39, 46, 53
GND
Ground (0V)
7, 22, 35, 50
VCC
Positive supply voltage


同様の部品番号 - 74ABTH16646DL

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ABTH162240 PHILIPS-74ABTH162240 Datasheet
81Kb / 12P
   16-bit inverting buffer/driver with 30ohm series termination resistors
1998 Feb 25
74ABTH162240DGG PHILIPS-74ABTH162240DGG Datasheet
81Kb / 12P
   16-bit inverting buffer/driver with 30ohm series termination resistors
1998 Feb 25
74ABTH162240DL PHILIPS-74ABTH162240DL Datasheet
81Kb / 12P
   16-bit inverting buffer/driver with 30ohm series termination resistors
1998 Feb 25
74ABTH162244 PHILIPS-74ABTH162244 Datasheet
78Kb / 10P
   16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
74ABTH162244DGG PHILIPS-74ABTH162244DGG Datasheet
78Kb / 10P
   16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
More results

同様の説明 - 74ABTH16646DL

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ALVCH16646 PHILIPS-74ALVCH16646 Datasheet
92Kb / 12P
   16-bit bus transceiver/register 3-State
1998 Sep 03
logo
Nexperia B.V. All right...
74ALVCH16646 NEXPERIA-74ALVCH16646 Datasheet
250Kb / 17P
   16-bit bus transceiver/register; 3-state
Rev. 3 - 11 September 2018
logo
NXP Semiconductors
74ALVCH16646 PHILIPS-74ALVCH16646_15 Datasheet
96Kb / 12P
   16-bit bus transceiver/register (3-State)
1998 Sep 03
74ALVT16652 PHILIPS-74ALVT16652 Datasheet
108Kb / 14P
   2.5V/3.3V 16-bit bus transceiver/register 3-State
1998 Feb 13
logo
Nexperia B.V. All right...
74LVT16652A NEXPERIA-74LVT16652A Datasheet
233Kb / 22P
   3.3 V 16-bit bus transceiver/register; 3-state
logo
NXP Semiconductors
74LVT16652A PHILIPS-74LVT16652A_15 Datasheet
122Kb / 21P
   3.3 V 16-bit bus transceiver/register; 3-state
Rev. 03-12 January 2005
logo
Texas Instruments
SN74LVC16652 TI-SN74LVC16652 Datasheet
156Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVC16646A TI-SN74LVC16646A Datasheet
192Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVCH16652A-EP TI1-SN74LVCH16652A-EP Datasheet
320Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVC16646 TI-SN74LVC16646 Datasheet
148Kb / 9P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com