データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS815018AB データシート(PDF) 10 Page - GSI Technology

部品番号 GS815018AB
部品情報  1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GSI [GSI Technology]
ホームページ  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS815018AB データシート(HTML) 10 Page - GSI Technology

Back Button GS815018AB Datasheet HTML 6Page - GSI Technology GS815018AB Datasheet HTML 7Page - GSI Technology GS815018AB Datasheet HTML 8Page - GSI Technology GS815018AB Datasheet HTML 9Page - GSI Technology GS815018AB Datasheet HTML 10Page - GSI Technology GS815018AB Datasheet HTML 11Page - GSI Technology GS815018AB Datasheet HTML 12Page - GSI Technology GS815018AB Datasheet HTML 13Page - GSI Technology GS815018AB Datasheet HTML 14Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Input and Output Leakage Characteristics
Parameter
Symbol
Test Conditions
Min.
Max
Notes
Input Leakage Current
(except mode pins)
IIL
VIN = 0 to VDDQ
–1 uA
1 uA
ZQ, MCH, MCL, EP2, EP3
Pin Input Current
IINM
VIN = 0 to VDDQ
–100 uA
1 uA
Output Leakage Current
IOL
Output Disable,
VOUT = 0 to VDDQ
–1 uA
1 uA
Operating Currents
Parameter
Symbol
-357
-333
-300
-250
Test Conditions
0°C
to
70°C
–40°C
to
+85°C
0°C
to
70°C
–40°C
to
+85°C
0°C
to
70°C
–40°C
to
+85°C
0°C
to
70°C
–40°C
to
+85°C
Operating
Current
x36
IDD
650 mA
660 mA
600 mA
610 mA
550 mA
560 mA
500 mA
510 mA
SS
≤ VIL Max.
tKHKH
≥ tKHKH Min.
All other inputs
VIL ≥ VIN ≥ VIH
x18
IDD
600 mA
610 mA
550 mA
560 mA
500 mA
510 mA
450 mA
460 mA
HSTL
Deselect
Current
IDD3
150 mA
160 mA
150 mA
160 mA
150 mA
160 mA
150 mA
160 mA
Device Deselected
All inputs
VSS + 0.10 V
≥ VIN
VDD – 0.10 V
GS815018/36AB-357/333/300/250
Product Preview
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.05 10/2005
10/25
© 2003, GSI Technology


同様の部品番号 - GS815018AB

メーカー部品番号データシート部品情報
logo
GSI Technology
GS8150V18AB GSI-GS8150V18AB Datasheet
797Kb / 25P
   1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
GS8150V18AB-250 GSI-GS8150V18AB-250 Datasheet
797Kb / 25P
   1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
GS8150V18AB-250I GSI-GS8150V18AB-250I Datasheet
797Kb / 25P
   1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
GS8150V18AB-300 GSI-GS8150V18AB-300 Datasheet
797Kb / 25P
   1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
GS8150V18AB-300I GSI-GS8150V18AB-300I Datasheet
797Kb / 25P
   1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
More results

同様の説明 - GS815018AB

メーカー部品番号データシート部品情報
logo
GSI Technology
GS8150V18AB GSI-GS8150V18AB Datasheet
797Kb / 25P
   1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
logo
Cypress Semiconductor
CY7C1330AV25 CYPRESS-CY7C1330AV25 Datasheet
397Kb / 19P
   18-Mbit (512K x 36/1Mbit x 18) Pipelined Register-Register Late Write
logo
GSI Technology
GS8161E18BT GSI-GS8161E18BT Datasheet
1Mb / 35P
   1M x 18, 512K x 36, 512K x 36 18Mb Sync Burst SRAMs
GS8161E18BT-V GSI-GS8161E18BT-V Datasheet
1Mb / 35P
   1M x 18, 512K x 36, 512K x 36 18Mb Sync Burst SRAMs
logo
Cypress Semiconductor
CY7C1380CV25 CYPRESS-CY7C1380CV25 Datasheet
519Kb / 33P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1380B CYPRESS-CY7C1380B Datasheet
841Kb / 34P
   512K x 36/1M x 18 Pipelined SRAM
logo
GSI Technology
GS8160E18T GSI-GS8160E18T Datasheet
622Kb / 25P
   1M x 18, 512K x 36 18Mb Sync Burst SRAMs
GS816018BT GSI-GS816018BT Datasheet
925Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160F18T GSI-GS8160F18T Datasheet
544Kb / 22P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160E18BT-V GSI-GS8160E18BT-V Datasheet
926Kb / 23P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com