データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS815018AB-357I データシート(PDF) 11 Page - GSI Technology

部品番号 GS815018AB-357I
部品情報  1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GSI [GSI Technology]
ホームページ  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS815018AB-357I データシート(HTML) 11 Page - GSI Technology

Back Button GS815018AB-357I Datasheet HTML 7Page - GSI Technology GS815018AB-357I Datasheet HTML 8Page - GSI Technology GS815018AB-357I Datasheet HTML 9Page - GSI Technology GS815018AB-357I Datasheet HTML 10Page - GSI Technology GS815018AB-357I Datasheet HTML 11Page - GSI Technology GS815018AB-357I Datasheet HTML 12Page - GSI Technology GS815018AB-357I Datasheet HTML 13Page - GSI Technology GS815018AB-357I Datasheet HTML 14Page - GSI Technology GS815018AB-357I Datasheet HTML 15Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
AC Electrical Characteristics
Parameter
Symbol
-357
-333
-300
-250
Unit
Notes
Min
Max
Min
Max
Min
Max
Min
Max
Clock Cycle Time
tKHKH
2.8
3.0
3.3
4.0
ns
Clock High Time
tKHKL
1.1
1.2
1.3
1.5
ns
Clock Low Time
tKLKH
1.1
1.2
1.3
1.5
ns
Clock High to Output Low-Z
tKHQX1
0.5
0.5
0.5
0.5
ns
1
Clock High to Output Valid
tKHQV
1.4
1.5
1.6
2.0
ns
Clock High to Output Invalid
tKHQX
0.5
0.5
0.5
0.5
ns
Clock High to Output High-Z
tKHQZ
1.4
1.5
1.6
2.0
ns
1
Address Valid to Clock High
tAVKH
0.5
0.6
0.7
0.8
ns
Clock High to Address Don’t Care
tKHAX
0.4
0.4
0.4
0.5
ns
Enable Valid to Clock High
tEVKH
0.5
0.6
0.7
0.8
ns
Clock High to Enable Don’t Care
tKHEX
0.4
0.4
0.4
0.5
ns
Write Valid to Clock High
tWVKH
0.5
0.6
0.7
0.8
ns
Clock High to Write Don’t Care
tKHWX
0.4
0.4
0.4
0.5
ns
Byte Write Valid to Clock High
tBVKH
0.5
0.6
0.7
0.8
ns
Clock High to Byte Write Don’t Care
tKHBX
0.4
0.4
0.4
0.5
ns
Data In Valid to Clock High
tDVKH
0.5
0.5
0.5
0.5
ns
Clock High to Data In Don’t Care
tKHDX
0.4
0.4
0.4
0.5
ns
Output Enable Low to Output Data Valid
tGLQV
1.4
1.5
1.6
2.0
ns
Output Enable Low to Output Data Low-Z
tGLQX
0
0
0
0
ns
Output Enable High to Output Data High-Z
tGHQZ
1.4
1.5
1.6
2.0
ns
Sleep Mode Enable Time
tZZE
15
15
15
15
ns
Sleep Mode Recovery Time
tZZR
20
20
20
20
ns
Notes:
1. Measured at 100 mV from steady state. Not 100% tested.
2. Guaranteed by design. Not 100% tested.
GS815018/36AB-357/333/300/250
Product Preview
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.05 10/2005
11/25
© 2003, GSI Technology


同様の部品番号 - GS815018AB-357I

メーカー部品番号データシート部品情報
logo
GSI Technology
GS8150V18AB GSI-GS8150V18AB Datasheet
797Kb / 25P
   1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
GS8150V18AB-250 GSI-GS8150V18AB-250 Datasheet
797Kb / 25P
   1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
GS8150V18AB-250I GSI-GS8150V18AB-250I Datasheet
797Kb / 25P
   1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
GS8150V18AB-300 GSI-GS8150V18AB-300 Datasheet
797Kb / 25P
   1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
GS8150V18AB-300I GSI-GS8150V18AB-300I Datasheet
797Kb / 25P
   1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
More results

同様の説明 - GS815018AB-357I

メーカー部品番号データシート部品情報
logo
GSI Technology
GS8150V18AB GSI-GS8150V18AB Datasheet
797Kb / 25P
   1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
logo
Cypress Semiconductor
CY7C1330AV25 CYPRESS-CY7C1330AV25 Datasheet
397Kb / 19P
   18-Mbit (512K x 36/1Mbit x 18) Pipelined Register-Register Late Write
logo
GSI Technology
GS8161E18BT GSI-GS8161E18BT Datasheet
1Mb / 35P
   1M x 18, 512K x 36, 512K x 36 18Mb Sync Burst SRAMs
GS8161E18BT-V GSI-GS8161E18BT-V Datasheet
1Mb / 35P
   1M x 18, 512K x 36, 512K x 36 18Mb Sync Burst SRAMs
logo
Cypress Semiconductor
CY7C1380CV25 CYPRESS-CY7C1380CV25 Datasheet
519Kb / 33P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1380B CYPRESS-CY7C1380B Datasheet
841Kb / 34P
   512K x 36/1M x 18 Pipelined SRAM
logo
GSI Technology
GS8160E18T GSI-GS8160E18T Datasheet
622Kb / 25P
   1M x 18, 512K x 36 18Mb Sync Burst SRAMs
GS816018BT GSI-GS816018BT Datasheet
925Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160F18T GSI-GS8160F18T Datasheet
544Kb / 22P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160E18BT-V GSI-GS8160E18BT-V Datasheet
926Kb / 23P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com