データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ABT899D データシート(PDF) 3 Page - NXP Semiconductors

部品番号 74ABT899D
部品情報  9-bit dual latch transceiver with 8-bit parity generator/checker 3-State
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT899D データシート(HTML) 3 Page - NXP Semiconductors

  74ABT899D Datasheet HTML 1Page - NXP Semiconductors 74ABT899D Datasheet HTML 2Page - NXP Semiconductors 74ABT899D Datasheet HTML 3Page - NXP Semiconductors 74ABT899D Datasheet HTML 4Page - NXP Semiconductors 74ABT899D Datasheet HTML 5Page - NXP Semiconductors 74ABT899D Datasheet HTML 6Page - NXP Semiconductors 74ABT899D Datasheet HTML 7Page - NXP Semiconductors 74ABT899D Datasheet HTML 8Page - NXP Semiconductors 74ABT899D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Philips Semiconductors
Product specification
74ABT899
9-bit dual latch transceiver with 8-bit parity
generator/checker (3-State)
1998 Jan 16
3
PIN CONFIGURATION
3
4
5
6
7
8
9
10
11
12
17
18
19
20
21
22
23
24
25
26
LEA
A0
A1
A2
A3
A4
A5
A6
A7
BPAR
APAR
B7
B6
B5
B4
B3
B2
B1
B0
LEB
13
16
OEA
SEL
14
15
GND
ERRB
TOP VIEW
1
227
28
ODD/EVEN
ERRA
OEB
VCC
SA00289
PIN DESCRIPTION
SYMBOL
PIN
NUMBER
NAME AND FUNCTION
A0 - A7
4, 5, 6, 7,
8, 9, 10,
11
Latched A bus 3-State inputs/outputs
B0 - B7
19, 20,
21, 22,
23, 24,
25, 26
Latched B bus 3-State inputs/outputs
APAR
12
A bus parity 3-State input
BPAR
18
B bus parity 3-State input
ODD/
EVEN
1
Parity select input (Low for EVEN
parity)
OEA, OEB
13, 27
Output enable inputs (gate A to B,
B to A)
SEL
16
Mode select input (Low for generate)
LEA, LEB
3, 17
Latch enable inputs (transparent High)
ERRA,
ERRB
2, 15
Error signal outputs (active-Low)
GND
14
Ground (0V)
VCC
28
Positive supply voltage
PLCC PIN CONFIGURATION
3
4
5
17
18
28
LEA
A0
A1
A2
A3
A4
A5
A6
A7
BPAR
VCC
LEB
16 SEL
15 ERRB
1
2
27
26
ODD/
EVEN
ERRA
OEB
B0
67
8
9
10
11
13
14 GND
OEA
12 APAR
25
B1
B2
B3
B4
B5
B6
B7
24
23
22 21
20
19
SA00291
LOGIC SYMBOL
456
7
8
9
10 11
A0 A1 A2 A3 A4 A5 A6 A7
B0 B1 B2 B3 B4 B5 B6 B7
26 25 24 23 22 21 20 19
2
15
3
16
17
1
LEA
SEL
LEB
ODD/EVEN
ERRA
ERRB
12
APAR
BPAR
18
27
13
OEB
OEA
SA00290


同様の部品番号 - 74ABT899D

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74ABT899 FAIRCHILD-74ABT899 Datasheet
128Kb / 16P
   9-Bit Latchable Transceiver with Parity Generator/Checker
74ABT899CMSA FAIRCHILD-74ABT899CMSA Datasheet
128Kb / 16P
   9-Bit Latchable Transceiver with Parity Generator/Checker
74ABT899CQC FAIRCHILD-74ABT899CQC Datasheet
128Kb / 16P
   9-Bit Latchable Transceiver with Parity Generator/Checker
74ABT899CSC FAIRCHILD-74ABT899CSC Datasheet
128Kb / 16P
   9-Bit Latchable Transceiver with Parity Generator/Checker
More results

同様の説明 - 74ABT899D

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ABT853 PHILIPS-74ABT853 Datasheet
82Kb / 7P
   8-bit transceiver with 9-bit parity checker/ generator and flag latch 3-State
1995 Sep 06
logo
Fairchild Semiconductor
74ABT899 FAIRCHILD-74ABT899 Datasheet
128Kb / 16P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
National Semiconductor ...
74AC899 NSC-74AC899 Datasheet
214Kb / 14P
   9-Bit Latchable Transceiver with Parity Generator/Checker
54ACT899 NSC-54ACT899 Datasheet
311Kb / 12P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Texas Instruments
SN74BCT899 TI1-SN74BCT899 Datasheet
120Kb / 8P
[Old version datasheet]   9-BIT LATCHABLE TRANSCEIVER WITH PARITY GENERATOR/CHECKER
logo
Fairchild Semiconductor
74ACT899 FAIRCHILD-74ACT899 Datasheet
78Kb / 9P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Aeroflex Circuit Techno...
UT54ACTS899 AEROFLEX-UT54ACTS899 Datasheet
171Kb / 17P
   9-bit Latchable Transceiver with Parity Generator/Checker
logo
Fairchild Semiconductor
74F899 FAIRCHILD-74F899 Datasheet
89Kb / 12P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Toshiba Semiconductor
TC74AC280P TOSHIBA-TC74AC280P Datasheet
265Kb / 7P
   9 - BIT PARITY GENERATOR CHECKER
logo
Renesas Technology Corp
HD74AC280 RENESAS-HD74AC280 Datasheet
214Kb / 8P
   9-bit Parity Generator/Checker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com