データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CX1622 データシート(PDF) 4 Page - List of Unclassifed Manufacturers

部品番号 CX1622
部品情報  Deuterium Thyratron
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

CX1622 データシート(HTML) 4 Page - List of Unclassifed Manufacturers

  CX1622 Datasheet HTML 1Page - List of Unclassifed Manufacturers CX1622 Datasheet HTML 2Page - List of Unclassifed Manufacturers CX1622 Datasheet HTML 3Page - List of Unclassifed Manufacturers CX1622 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
HEALTH AND SAFETY HAZARDS
E2V Technologies hydrogen thyratrons are safe to handle and
operate, provided that the relevant precautions stated herein
are observed. E2V Technologies does not accept responsibility
for damage or injury resulting from the use of electronic devices
it produces. Equipment manufacturers and users must ensure
that adequate precautions are taken. Appropriate warning
labels
and
notices
must
be
provided
on
equipments
incorporating E2V Technologies devices and in operating
manuals.
High Voltage
Equipment must be designed so that personnel cannot come
into contact with high voltage circuits. All high voltage circuits
and terminals must be enclosed and fail-safe interlock switches
must be fitted to disconnect the primary power supply and
discharge all high voltage capacitors and other stored charges
before allowing access. Interlock switches must not be
bypassed to allow operation with access doors open.
X-Ray Radiation
All high voltage devices produce X-rays during operation and
may require shielding. The X-ray radiation from hydrogen
thyratrons is usually reduced to a safe level by enclosing the
equipment or shielding the thyratron with at least 1.6 mm
(
1/
16 inch) thick steel panels.
Users and equipment manufacturers must check the radiation
level under their maximum operating conditions.
Printed in England
CX1622, page 4
#
E2V Technologies
Whilst E2V Technologies has taken care to ensure the accuracy of the information contained herein it accepts no responsibility for the consequences of any use
thereof and also reserves the right to change the specification of goods without notice. E2V Technologies accepts no liability beyond that set out in its standard
conditions of sale in respect of infringement of third party patents arising from the use of tubes or other devices in accordance with information contained herein.


同様の部品番号 - CX1622

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
CX16 VISHAY-CX16 Datasheet
73Kb / 3P
   Subminiature, Leaded Solid Tantalum Capacitors
Revision 17-Apr-02
logo
EUROQUARTZ limited
CX16 EUROQUARTZ-CX16 Datasheet
126Kb / 1P
   Ultra-miniature SMD design, 2.0 x 1.2 x 0.4mm
logo
STATEK CORPORATION
CX16 STATEK-CX16 Datasheet
189Kb / 2P
   Low Profile, Ultra-Miniature Surface Mount Quartz Crystal
logo
IQD Frequency Products ...
CX16-AT IQD-CX16-AT Datasheet
112Kb / 2P
   Quartz Crystal Specification
logo
Kyocera Kinseki Corpota...
CX1612DB KSS-CX1612DB Datasheet
66Kb / 1P
   Crystal units surface mount type
More results

同様の説明 - CX1622

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
CX1174 ETC1-CX1174 Datasheet
101Kb / 4P
   Deuterium-Filled Ceramic Thyratron
CX1594 ETC1-CX1594 Datasheet
84Kb / 7P
   Deuterium Filled, Hollow Anode, Five-Gap Ceramic Thyratron
NL-716 ETC2-NL-716 Datasheet
420Kb / 2P
   THYRATRON TUBE
FX215 ETC2-FX215 Datasheet
150Kb / 2P
   THYRATRON
FX2505 ETC1-FX2505 Datasheet
56Kb / 3P
   Hydrogen Thyratron
CX1151 ETC1-CX1151 Datasheet
82Kb / 4P
   Hydrogen Thyratron
logo
Hamamatsu Corporation
L7820 HAMAMATSU-L7820 Datasheet
62Kb / 2P
   Calibrated Deuterium Light Source
logo
List of Unclassifed Man...
7665A ETC1-7665A Datasheet
84Kb / 3P
   Hydrogen-Filled Ceramic Thyratron
logo
Hamamatsu Corporation
C7860 HAMAMATSU-C7860 Datasheet
90Kb / 4P
   DEUTERIUM LAMP RELATED PRODUCTS
logo
List of Unclassifed Man...
CX1157 ETC-CX1157 Datasheet
73Kb / 5P
   Hydrogen-Filled Ceramic Thyratron
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com