データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AHCT1G79 データシート(PDF) 8 Page - NXP Semiconductors

部品番号 74AHCT1G79
部品情報  Single D-type flip-flop; positive-edge trigger
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT1G79 データシート(HTML) 8 Page - NXP Semiconductors

Back Button 74AHCT1G79 Datasheet HTML 4Page - NXP Semiconductors 74AHCT1G79 Datasheet HTML 5Page - NXP Semiconductors 74AHCT1G79 Datasheet HTML 6Page - NXP Semiconductors 74AHCT1G79 Datasheet HTML 7Page - NXP Semiconductors 74AHCT1G79 Datasheet HTML 8Page - NXP Semiconductors 74AHCT1G79 Datasheet HTML 9Page - NXP Semiconductors 74AHCT1G79 Datasheet HTML 10Page - NXP Semiconductors 74AHCT1G79 Datasheet HTML 11Page - NXP Semiconductors 74AHCT1G79 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
1999 May 18
8
Philips Semiconductors
Product specification
Single D-type flip-flop; positive-edge trigger
74AHC1G79;
74AHCT1G79
AC WAVEFORMS
Fig.5 The clock pulse (CP) to output (Q) propagation delays.
FAMILY
VI INPUT
REQUIREMENTS
VM
INPUT
VM
OUTPUT
AHC1G
GND to VCC
50% VCC 50% VCC
AHCT1G
GND to 3.0 V
1.5 V
50% VCC
handbook, full pagewidth
MNA443
CP INPUT
Q OUTPUT
tPHL
tPLH
VM
VM
VOH
VI
GND
D INPUT
VI
GND
VOL
VM
VM
Fig.6 Load circuitry for switching times.
handbook, halfpage
VCC
VI
VO
MNA101
D.U.T.
CL
RT
PULSE
GENERATOR
Definitions for test circuit:
CL = load capacitance including jig and probe capacitance (see Chapter “AC characteristics”).
RT = termination resistance should be equal to the output impedance Z0 of the pulse generator.


同様の部品番号 - 74AHCT1G79

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AHCT1G79 NXP-74AHCT1G79 Datasheet
82Kb / 12P
   Single D-type flip-flop; positive-edge trigger
Rev. 05-2 July 2007
74AHCT1G79 NXP-74AHCT1G79 Datasheet
82Kb / 12P
   Single D-type flip-flop; positive-edge trigger
Rev. 05-2 July 2007
logo
Nexperia B.V. All right...
74AHCT1G79 NEXPERIA-74AHCT1G79 Datasheet
218Kb / 12P
   Single D-type flip-flop; positive-edge trigger
Rev. 8 - 11 January 2022
74AHCT1G79-Q100 NEXPERIA-74AHCT1G79-Q100 Datasheet
721Kb / 14P
   Single D-type flip-flop; positive-edge trigger
logo
NXP Semiconductors
74AHCT1G79GV NXP-74AHCT1G79GV Datasheet
82Kb / 12P
   Single D-type flip-flop; positive-edge trigger
Rev. 05-2 July 2007
More results

同様の説明 - 74AHCT1G79

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
74LVC1G80 PANASONIC-74LVC1G80 Datasheet
99Kb / 18P
   Single D-type flip-flop; positive-edge trigger
logo
Nexperia B.V. All right...
74LVC1G80-Q100 NEXPERIA-74LVC1G80-Q100 Datasheet
796Kb / 15P
   Single D-type flip-flop; positive-edge trigger
74AHCT1G79 NEXPERIA-74AHCT1G79 Datasheet
218Kb / 12P
   Single D-type flip-flop; positive-edge trigger
Rev. 8 - 11 January 2022
logo
NXP Semiconductors
74AHC1G79GW125 NXP-74AHC1G79GW125 Datasheet
82Kb / 12P
   Single D-type flip-flop; positive-edge trigger
Rev. 05-2 July 2007
logo
Nexperia B.V. All right...
74AHC1G79-Q100 NEXPERIA-74AHC1G79-Q100 Datasheet
721Kb / 14P
   Single D-type flip-flop; positive-edge trigger
74AHCAHC1G79-Q100 NEXPERIA-74AHCAHC1G79-Q100 Datasheet
218Kb / 12P
   Single D-type flip-flop; positive-edge trigger
Rev. 4 - 11 January 2022
74LVC1G79-Q100 NEXPERIA-74LVC1G79-Q100 Datasheet
794Kb / 15P
   Single D-type flip-flop; positive-edge trigger
74LVC1G80 NEXPERIA-74LVC1G80 Datasheet
277Kb / 19P
   Single D-type flip-flop; positive-edge trigger
Rev. 15 - 29 March 2022
74LVC1G79 NEXPERIA-74LVC1G79 Datasheet
275Kb / 19P
   Single D-type flip-flop; positive-edge trigger
Rev. 14 - 29 March 2022
logo
NXP Semiconductors
74AHC1G79 NXP-74AHC1G79 Datasheet
82Kb / 12P
   Single D-type flip-flop; positive-edge trigger
Rev. 05-2 July 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com