データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AHCT74 データシート(PDF) 3 Page - NXP Semiconductors

部品番号 74AHCT74
部品情報  Dual D-type flip-flop with set and reset; positive-edge trigger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT74 データシート(HTML) 3 Page - NXP Semiconductors

  74AHCT74 Datasheet HTML 1Page - NXP Semiconductors 74AHCT74 Datasheet HTML 2Page - NXP Semiconductors 74AHCT74 Datasheet HTML 3Page - NXP Semiconductors 74AHCT74 Datasheet HTML 4Page - NXP Semiconductors 74AHCT74 Datasheet HTML 5Page - NXP Semiconductors 74AHCT74 Datasheet HTML 6Page - NXP Semiconductors 74AHCT74 Datasheet HTML 7Page - NXP Semiconductors 74AHCT74 Datasheet HTML 8Page - NXP Semiconductors 74AHCT74 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
1999 Sep 23
3
Philips Semiconductors
Product specification
Dual D-type flip-flop with set and reset;
positive-edge trigger
74AHC74; 74AHCT74
ORDERING INFORMATION
PINNING
OUTSIDE
NORTH
AMERICA
NORTH AMERICA
PACKAGE
TEMPERATURE
RANGE
PINS
PACKAGE
MATERIAL
CODE
74AHC74D
74AHC74D
−40 to +85 °C
14
SO
plastic
SOT108-1
74AHC74PW
74AHC74PW DH
14
TSSOP
plastic
SOT402-1
74AHCT74D
74AHCT74D
14
SO
plastic
SOT108-1
74AHCT74PW
74AHCT74PW DH
14
TSSOP
plastic
SOT402-1
PIN
SYMBOL
DESCRIPTION
1 and 13
1RD and 2RD
asynchronous reset-direct input (active LOW)
2 and 12
1D and 2D
data inputs
3 and 11
1CP and 2CP
clock input (LOW-to-HIGH, edge-triggered)
4 and 10
1SD and 2SD
asynchronous set-direct input (active LOW)
5 and 9
1Q and 2Q
true flip-flop outputs
6 and 8
1Q and 2Q
complement flip-flop outputs
7
GND
ground (0 V)
14
VCC
DC supply voltage
Fig.1 Pin configuration.
handbook, halfpage
MNA417
74
1
2
3
4
5
6
7
8
14
13
12
11
10
9
1RD
1D
1CP
1SD
1Q
1Q
GND
2Q
2Q
2SD
2CP
2D
2RD
VCC
Fig.2 Logic diagram.
MNA418
handbook, halfpage
RD
FF
SD
410
Q
1Q
2Q
1Q
2Q
5
9
2
12
3
11
6
8
Q
1SD
CP
2CP
1CP
2D
1D
D
2SD
113
1RD 2RD


同様の部品番号 - 74AHCT74

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AHCT74 NXP-74AHCT74 Datasheet
110Kb / 18P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 05-9 June 2008
logo
Nexperia B.V. All right...
74AHCT74 NEXPERIA-74AHCT74 Datasheet
256Kb / 15P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 8 - 22 April 2020
74AHCT74-Q100 NEXPERIA-74AHCT74-Q100 Datasheet
752Kb / 19P
   Dual D-type flip-flop with set and reset positive-edge trigger
logo
NXP Semiconductors
74AHCT74BQ NXP-74AHCT74BQ Datasheet
110Kb / 18P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 05-9 June 2008
logo
Nexperia B.V. All right...
74AHCT74BQ NEXPERIA-74AHCT74BQ Datasheet
256Kb / 15P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 8 - 22 April 2020
More results

同様の説明 - 74AHCT74

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVC74A PHILIPS-74LVC74A Datasheet
99Kb / 10P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Jun 17
logo
Integral Corp.
IN74LV74 INTEGRAL-IN74LV74 Datasheet
161Kb / 7P
   Dual D-type flip-flop with set and reset; positive-edge trigger
logo
Nexperia B.V. All right...
74HC74-Q100 NEXPERIA-74HC74-Q100 Datasheet
798Kb / 19P
   Dual D-type flip-flop with set and reset; positive edge-trigger
74LVC74A-Q100 NEXPERIA-74LVC74A-Q100 Datasheet
722Kb / 18P
   Dual D-type flip-flop with set and reset; positive-edge trigger
74LV74 NEXPERIA-74LV74 Datasheet
251Kb / 15P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 5 - 24 March 2021
74LV74-Q100 NEXPERIA-74LV74-Q100 Datasheet
1Mb / 17P
   Dual D-type flip-flop with set and reset; positive-edge trigger
74AHC74-Q100 NEXPERIA-74AHC74-Q100 Datasheet
752Kb / 19P
   Dual D-type flip-flop with set and reset positive-edge trigger
74ABT74 NEXPERIA-74ABT74 Datasheet
227Kb / 13P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 3 - 12 October 2020
74LVC74A NEXPERIA-74LVC74A Datasheet
266Kb / 16P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 9 - 20 August 2021
logo
NXP Semiconductors
74LV74 PHILIPS-74LV74 Datasheet
125Kb / 12P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Apr 20
74HC74D-T NXP-74HC74D-T Datasheet
125Kb / 22P
   Dual D-type flip-flop with set and reset; positive-edge trigger
2003 Jul 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com