データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HLMP-3316-I00XX データシート(PDF) 3 Page - Agilent(Hewlett-Packard)

部品番号 HLMP-3316-I00XX
部品情報  T-13/4 (5 mm) High Intensity LED Lamps
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-3316-I00XX データシート(HTML) 3 Page - Agilent(Hewlett-Packard)

  HLMP-3316-I00XX Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-3316-I00XX Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-3316-I00XX Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-3316-I00XX Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-3316-I00XX Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-3316-I00XX Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-3316-I00XX Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-3316-I00XX Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-3316-I00XX Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Electrical Characteristics at TA = 25°C
Device
Symbol
Description
HLMP-
Min.
Typ.
Max.
Units
Test Conditions
IV
Luminous Intensity
3315
13.8
40.0
mcd
IF = 10 mA (Figure 3)
3316
22
60.0
3415
9.2
40.0
mcd
IF = 10 mA (Figure 8)
3416
14.7
50.0
3517
6.7
50.0
mcd
IF = 10 mA (Figure 13)
3519
10.6
70.0
2
θ1/2
Including Angle
3315
35
Deg.
IF = 10 mA
Between Half
3316
35
See Note 1 (Figure 6)
Luminous Intensity
Points
3415
35
Deg.
IF = 10 mA
3416
35
See Note 1 (Figure 11)
3517
24
Deg.
IF = 10 mA
3519
24
See Note 1 (Figure 16)
λ
PEAK
Peak Wavelength
331X
635
nm
Measurement at Peak
341X
583
(Figure 1)
351X
565
∆λ
1/2
Spectral Line Halfwidth
331X
40
nm
341X
36
351X
28
λ
d
Dominant Wavelength
331X
626
nm
See Note 2 (Figure 1)
341X
585
351X
569
τ
s
Speed of Response
331X
90
ns
341X
90
351X
500
C
Capacitance
331X
11
pF
VF = 0; f = 1 MHz
341X
15
351X
18
R
θ
J-PIN
Thermal Resistance
331X
260
°C/W
Junction to Cathode
341X
Lead
351X
VF
Forward Voltage
331X
1.9
2.4
V
IF = 10 mA (Figure 2)
341X
2.0
2.4
IF = 10 mA (Figure 7)
351X
2.1
2.7
IF = 10 mA (Figure 12)
VR
Reverse Breakdown Volt.
All
5.0
V
IR = 100 µA
η
V
Luminous Efficacy
331X
145
lumens
See Note 3
341X
500
Watt
351X
595
Notes:
1.
θ
1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
2. The dominant wavelength,
λ
d, is derived from the CIE chromaticity diagram and represents the single wavelength which defines the
color of the device.
3. Radiant intensity, Ie, in watts/steradian, may be found from the equation Ie = Ivv, where Iv is the luminous intensity in candelas and
η
v is the luminous efficacy in lumens/watt.


同様の部品番号 - HLMP-3316-I00XX

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3316-I00XX AVAGO-HLMP-3316-I00XX Datasheet
326Kb / 10P
   T-1 3/4 (5mm) High Intensity LED Lamps
More results

同様の説明 - HLMP-3316-I00XX

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HLMA-VH00 HP-HLMA-VH00 Datasheet
151Kb / 6P
   T-13/4 (5 mm), Wide Viewing Angle, High Intensity LED Lamps
logo
Broadcom Corporation.
HLMP-4100 BOARDCOM-HLMP-4100 Datasheet
144Kb / 6P
   T-13/4 (5 mm) Double Heterojunction AlGaAs Very High Intensity Red LED Lamps
HLMP-3301 BOARDCOM-HLMP-3301 Datasheet
263Kb / 11P
   T-13/4 (5 mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-335X HP-HLMP-335X Datasheet
186Kb / 7P
   T-13/4 (5 mm) Low Profile LED Lamps
logo
Broadcom Corporation.
HLMP-3351 BOARDCOM-HLMP-3351 Datasheet
340Kb / 9P
   T-13/4 (5 mm) Low Profile LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3351 AVAGO-HLMP-3351 Datasheet
340Kb / 9P
   T-13/4 (5 mm) Low Profile LED Lamps
logo
Agilent(Hewlett-Packard...
HLMA-CX00 HP-HLMA-CX00 Datasheet
122Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), High Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-4700 HP-HLMP-4700 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-3707 HP-HLMP-3707 Datasheet
225Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com