データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA5 データシート(PDF) 2 Page - Tyco Electronics

部品番号 CA5
部品情報  Cascadable Amplifier 5 to 500 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

CA5 データシート(HTML) 2 Page - Tyco Electronics

  CA5 Datasheet HTML 1Page - Tyco Electronics CA5 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Cascadable Amplifier
5 to 500 MHz
A5 / SMA5
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
2
Outline Drawing: TO-8
*
Dimensions are inches (millimeters) ±0.015 (0.38) unless otherwise specified.
Typical Performance Curves at +25°C
Outline Drawing: Surface Mount
*
Outline Drawing: SMA Connectorized
*
WEIGHT: 1 gram (0.04 oz.) max
WEIGHT: 1 gram (0.04 oz.) max
WEIGHT: 19 grams (0.67 oz.) max


同様の部品番号 - CA5

メーカー部品番号データシート部品情報
logo
DONG IL TECHNOLOGY LTD.
CA5 DIT-CA5 Datasheet
1Mb / 2P
   EMI/EMC FILTER
logo
Tyco Electronics
CA5-5 MACOM-CA5-5 Datasheet
353Kb / 2P
   Cascadable Amplifier 5 to 500 MHz
CA5-6 MACOM-CA5-6 Datasheet
365Kb / 2P
   Cascadable Amplifier 5 to 600 MHz
logo
M/A-COM Technology Solu...
CA5-6 MA-COM-CA5-6 Datasheet
1Mb / 2P
   Cascadable Amplifier 5 to 600 MHz
CA5-6 MA-COM-CA5-6 Datasheet
646Kb / 3P
   Cascadable Amplifier
More results

同様の説明 - CA5

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
A54 MA-COM-A54 Datasheet
1Mb / 2P
   Cascadable Amplifier 5 to 500 MHz
logo
Tyco Electronics
SMA73 MACOM-SMA73 Datasheet
103Kb / 1P
   5 TO 500 MHz CASCADABLE AMPLIFIER
A76-1 MACOM-A76-1 Datasheet
109Kb / 1P
   5 TO 500 MHZ CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
SMA5-5 MA-COM-SMA5-5 Datasheet
1Mb / 2P
   Cascadable Amplifier 5 to 500 MHz
A73 MA-COM-A73 Datasheet
1Mb / 2P
   Cascadable Amplifier 5 to 500 MHz
A74-2 MA-COM-A74-2 Datasheet
1Mb / 2P
   Cascadable Amplifier 5 to 500 MHz
A74 MA-COM-A74 Datasheet
1Mb / 2P
   Cascadable Amplifier 5 to 500 MHz
EA54-2 MA-COM-EA54-2 Datasheet
125Kb / 2P
   Cascadable Amplifier 5 to 500 MHz
A58 MA-COM-A58 Datasheet
1Mb / 2P
   Cascadable Amplifier 5 to 500 MHz
A59 MA-COM-A59_15 Datasheet
635Kb / 3P
   Cascadable Amplifier 5 to 500 MHz
A54 MA-COM-A54_15 Datasheet
643Kb / 3P
   Cascadable Amplifier 5 to 500 MHz
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com