データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OP17 データシート(PDF) 3 Page - Analog Devices

部品番号 OP17
部品情報  Precision JFET-Input Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

OP17 データシート(HTML) 3 Page - Analog Devices

  OP17 Datasheet HTML 1Page - Analog Devices OP17 Datasheet HTML 2Page - Analog Devices OP17 Datasheet HTML 3Page - Analog Devices OP17 Datasheet HTML 4Page - Analog Devices OP17 Datasheet HTML 5Page - Analog Devices OP17 Datasheet HTML 6Page - Analog Devices OP17 Datasheet HTML 7Page - Analog Devices OP17 Datasheet HTML 8Page - Analog Devices OP17 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. A
–3–
OP15/OP17
Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Offset Voltage
VOS
RS = 50
W
0.4
0.9
mV
Average Input Offset Voltage Drift
1
Without External Trim
TCVOS
25
mV/∞C
With External Trim
TCVOS
RP = 100
W
2
mV/∞C
Input Offset Current
2
IOS
TJ = 125
∞C
0.6
4.0
nA
OP17
TA = 125
∞C, device operating
1.0
8.5
nA
Input Bias Current
2
IB
TJ = 125
∞C
±1.2
±5.0
nA
OP17
TA = 125
∞C, device operating
±2.0
±11
nA
Input Voltage Range
IVR
±10.4
V
Common-Mode Rejection Ratio
CMRR
VCM =
±10.4 V
85
97
dB
Power Supply Rejection Ratio
PSRR
VS =
±10 V to ±18 V
15
57
mV/V
Large Signal Voltage Gain
AVO
RL
≥ 2 kW, VO = ± 10 V
35
120
V/mV
Output Voltage Swing
VO
RL
≥ 10 kW±12
±13
V
NOTES
1Sample tested.
2Input bias current is specified for two different conditions. The T
J = 25
∞C specification is with the junction at ambient temperature; the device operating specification
is with the device operating in a warmed-up condition at 25
∞C ambient. The warmed-up bias current value is correlated to the junction temperature value via the
curves of IB versus TJ and IB versus TA. ADI has a bias current compensation circuit which gives improved bias current over the standard JFET input op amps. I B and
IOS are measured at VCM = 0.
(@ VS =
±15 V, –55 C
£ TA £ 125 C, unless otherwise noted.)
OP15E/OP17E
OP15F/OP17F
OP15G/OP17G
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage
VOS
RS = 50
W
0.3
0.75
0.55
1.5
0.7
3.8
mV
Average Input Offset
Voltage Drift1
Without External Trim TCVOS
25
310
430
mV/∞C
With External Trim
TCVOSn
RP = 100
W
23
4
mV/∞C
Input Offset Current
2
IOS
TJ = 70
∞C
0.04
0.30
0.06
0.45
0.08
0.85
nA
OP15
TA = 70
∞C, Device Operating
0.06
0.55
0.08
0.80
0.10
1.2
nA
TJ = 70
∞C
0.04
0.30
0.06
0.45
0.08
0.85
nA
OP17
TA = 70
∞C, Device Operating
0.07
0.70
0.10
1.1
0.15
1.7
nA
Input Bias Current
2
IB
TJ = 70
∞C
±0.10 ±0.40
±0.12 ±0.60
±0.14 ±0.80 nA
OP15
TA = 70
∞C, Device Operating
±0.13 ±0.75
±0.16 ±1.1
±0.19 ±1.5 nA
TJ = 70
∞C
±0.10 ±0.40
±0.12 ±0.60
±0.14 ±0.80 nA
OP17
TA = 70
∞C, Device Operating
±0.15 ±0.90
±0.20 ±1.4
±0.25 ±2.0 nA
Input Voltage Range
IVR
±10.4
±10.4
±10.25
V
Common-Mode
CMRR
VCM =
±10.4 V
85
98
85
96
dB
Rejection Ratio
VCM =
±10.25 V
80
94
dB
Power Supply
PSRR
VS =
±10 V to ±18 V
13
5713
57
mV/V
Rejection Ratio
VS =
±10 V to ±15 V
20
100
mV/V
Large Signal
AVO
RL
≥ 2 kW
65
200
50
180
35
160
V/mV
Voltage Gain
VO =
±10 V
Output Voltage
VO
RL
≥ 10 kW±12
±13
±12
±13
±12
±13
V
Swing
NOTES
1Sample tested.
2Input bias current is specified for two different conditions. The T
J = 25
∞C specification is with the junction at ambient temperature; the device operating specification
is with the device operating in a warmed-up condition at 25
∞C ambient. The warmed-up bias current value is correlated to the junction temperature value via the
curves of IB versus TJ and IB versus TA. ADI has a bias current compensation circuit which gives improved bias current over the standard JFET input op amps. I B and
IOS are measured at VCM = 0.
ELECTRICAL CHARACTERISTICS
(@ VS =
15 V, 0 C
£ TA £ 70 C for E and F grades, –40 C £ TA £ 85 C for G grades
unless otherwise noted)


同様の部品番号 - OP17

メーカー部品番号データシート部品情報
logo
Analog Devices
OP176 AD-OP176 Datasheet
681Kb / 21P
   Bipolar/JFET, Audio Operational Amplifier
REV. 0
OP176GBC AD-OP176GBC Datasheet
681Kb / 21P
   Bipolar/JFET, Audio Operational Amplifier
REV. 0
OP176GP AD-OP176GP Datasheet
681Kb / 21P
   Bipolar/JFET, Audio Operational Amplifier
REV. 0
OP176GS AD-OP176GS Datasheet
681Kb / 21P
   Bipolar/JFET, Audio Operational Amplifier
REV. 0
OP176GSR AD-OP176GSR Datasheet
681Kb / 21P
   Bipolar/JFET, Audio Operational Amplifier
REV. 0
More results

同様の説明 - OP17

メーカー部品番号データシート部品情報
logo
Analog Devices
OP-16 AD-OP-16_15 Datasheet
793Kb / 14P
   PRECISION JFET INPUT OPERATIONAL AMPLIFIERS
OP-15 AD-OP-15 Datasheet
776Kb / 14P
   PRECISION JFET-INPUT OPERATIONAL AMPLIFIERS
OP-17 AD-OP-17_15 Datasheet
793Kb / 14P
   PRECISION JFET INPUT OPERATIONAL AMPLIFIERS
logo
Linear Integrated Syste...
LF412A LINEAR-LF412A Datasheet
486Kb / 4P
   Dual Precision JFET Input Operational Amplifiers
logo
Linear Technology
LF412A LINER-LF412A_15 Datasheet
492Kb / 4P
   Dual Precision JFET Input Operational Amplifiers
LT1056 LINER-LT1056_15 Datasheet
272Kb / 16P
   Precision, High Speed, JFET Input Operational Amplifiers
LT1055 LINER-LT1055_1 Datasheet
281Kb / 16P
   Precision, High Speed, JFET Input Operational Amplifiers
logo
Analog Devices
ADA4000-1 AD-ADA4000-1_09 Datasheet
420Kb / 16P
   Low Cost, Precision JFET Input Operational Amplifiers
REV. A
logo
Linear Technology
LT1055 LINER-LT1055_15 Datasheet
272Kb / 16P
   Precision, High Speed, JFET Input Operational Amplifiers
OP-15 LINER-OP-15 Datasheet
424Kb / 4P
   Precision, High Speed JFET-Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com