データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IKP15N60T データシート(PDF) 6 Page - Infineon Technologies AG

部品番号 IKP15N60T
部品情報  Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKP15N60T データシート(HTML) 6 Page - Infineon Technologies AG

Back Button IKP15N60T Datasheet HTML 2Page - Infineon Technologies AG IKP15N60T Datasheet HTML 3Page - Infineon Technologies AG IKP15N60T Datasheet HTML 4Page - Infineon Technologies AG IKP15N60T Datasheet HTML 5Page - Infineon Technologies AG IKP15N60T Datasheet HTML 6Page - Infineon Technologies AG IKP15N60T Datasheet HTML 7Page - Infineon Technologies AG IKP15N60T Datasheet HTML 8Page - Infineon Technologies AG IKP15N60T Datasheet HTML 9Page - Infineon Technologies AG IKP15N60T Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
IKP15N60T
TrenchStop Series
q
Power Semiconductors
6
Rev. 2.1 May 06
0A
5A
10A
15A
20A
25A
1ns
10ns
100ns
t
r
t
d(on)
t
f
t
d(off)
10Ω
20Ω
30Ω
40Ω
50Ω
10ns
100ns
t
r
t
d(on)
t
f
t
d(off)
IC, COLLECTOR CURRENT
RG, GATE RESISTOR
Figure 9. Typical switching times as a
function of collector current
(inductive load,
TJ=175°C,
VCE = 400V, VGE = 0/15V, RG = 15Ω,
Dynamic test circuit in Figure E)
Figure 10. Typical switching times as a
function of gate resistor
(inductive load,
TJ = 175°C,
VCE= 400V, VGE = 0/15V, IC = 15A,
Dynamic test circuit in Figure E)
25°C
50°C
75°C
100°C 125°C 150°C
10ns
100ns
t
r
t
d(on)
t
f
t
d(off)
-50°C
0°C
50°C
100°C
150°C
0V
1V
2V
3V
4V
5V
6V
7V
min.
typ.
max.
TJ, JUNCTION TEMPERATURE
TJ, JUNCTION TEMPERATURE
Figure 11. Typical switching times as a
function of junction temperature
(inductive load,
VCE = 400V,
VGE = 0/15V, IC = 15A, RG=15Ω,
Dynamic test circuit in Figure E)
Figure 12. Gate-emitter threshold voltage as
a function of junction temperature
(
IC = 0.21mA)


同様の部品番号 - IKP15N60T

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
IKP15N60T INFINEON-IKP15N60T Datasheet
460Kb / 14P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.2 Sep. 07
IKP15N60T INFINEON-IKP15N60T Datasheet
516Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.5 11.05.2015
IKP15N60T INFINEON-IKP15N60T_07 Datasheet
460Kb / 14P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.2 Sep. 07
IKP15N60T INFINEON-IKP15N60T_15 Datasheet
516Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.5 11.05.2015
More results

同様の説明 - IKP15N60T

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
IHP10T120 INFINEON-IHP10T120 Datasheet
334Kb / 14P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2 Jun-04
IKP10N60T INFINEON-IKP10N60T Datasheet
396Kb / 14P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2 Oct-04
IKW50N60T INFINEON-IKW50N60T Datasheet
416Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.1 Dec-04
IKW75N60T INFINEON-IKW75N60T Datasheet
411Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.4 May 06
IKP04N60T INFINEON-IKP04N60T Datasheet
365Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.2 Dec-04
IKP06N60T INFINEON-IKP06N60T Datasheet
359Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.2 May 06
IKW08T120 INFINEON-IKW08T120 Datasheet
343Kb / 15P
   LOW LOSS DUOPACK - IGBT IN TRENCH AND FIELDSTOP TECHNOLOGY WITH SOFT, FAST RECOVERY ANTI - PARALLEL EMCON HE DIODE
Rev. 1 Oct-03
IKW30N60T INFINEON-IKW30N60T Datasheet
397Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.1 Dev-04
IKA06N60T INFINEON-IKA06N60T Datasheet
354Kb / 14P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2 Oct-04
logo
List of Unclassifed Man...
IKB06N60T ETC-IKB06N60T Datasheet
371Kb / 14P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com