データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ALVCH162601 データシート(PDF) 9 Page - NXP Semiconductors

部品番号 74ALVCH162601
部品情報  18-bit universal bus transceiver with 30 ohm termination resistor; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH162601 データシート(HTML) 9 Page - NXP Semiconductors

Back Button 74ALVCH162601 Datasheet HTML 5Page - NXP Semiconductors 74ALVCH162601 Datasheet HTML 6Page - NXP Semiconductors 74ALVCH162601 Datasheet HTML 7Page - NXP Semiconductors 74ALVCH162601 Datasheet HTML 8Page - NXP Semiconductors 74ALVCH162601 Datasheet HTML 9Page - NXP Semiconductors 74ALVCH162601 Datasheet HTML 10Page - NXP Semiconductors 74ALVCH162601 Datasheet HTML 11Page - NXP Semiconductors 74ALVCH162601 Datasheet HTML 12Page - NXP Semiconductors 74ALVCH162601 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
1999 Oct 14
9
Philips Semiconductors
Product specification
18-bit universal bus transceiver with 30
termination resistor; 3-state
74ALVCH162601
DC CHARACTERISTICS
Over recommended operating conditions; voltages are referenced to GND (ground=0V).
Notes
1. All typical values are measured at Tamb =25 °C.
2. Valid for data inputs of bus hold parts.
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = −40 TO +85 °C
UNIT
VI (V)
OTHER
VCC (V)
MIN.
TYP.(1)
MAX.
VIH
HIGH-level input voltage
2.3 to 2.7 1.7
1.2
V
2.7 to 3.6 2.0
1.5
VIL
LOW-level input voltage
2.3 to 2.7
1.2
0.7
V
2.7 to 3.6
1.5
0.8
VOH
HIGH-level output voltage
VIH or VIL
IO = −100 µA 2.3 to 3.6 VCC − 0.2 VCC
V
IO = −4 mA
2.3
VCC − 0.4 VCC − 0.11 −
IO = −6 mA
2.3
VCC − 0.6 VCC − 0.17 −
IO = −4 mA
2.7
VCC − 0.5 VCC − 0.09 −
IO = −8 mA
2.7
VCC − 0.7 VCC − 0.19 −
IO = −6 mA
3.0
VCC − 0.6 VCC − 0.13 −
IO = −12 mA
3.0
VCC − 1.0 VCC − 0.27 −
VOL
LOW-level output voltage
VIH or VIL
IO = 100 µA
2.3 to 3.6
GND
0.20
V
IO =4mA
2.3
0.07
0.40
IO =6mA
2.3
0.11
0.55
IO =4mA
2.7
0.06
0.40
IO =8mA
2.7
0.13
0.60
IO =6mA
3.0
0.09
0.55
IO =12mA
3.0
0.19
0.80
Il
input leakage current
VCC or
GND
2.3 to 3.6
0.1
5
µA
IOZ
3-state output OFF-state
current
VIH or VIL
VO =VCC or
GND
2.3 to 3.6
0.1
10
µA
ICC
quiescent supply voltage
VCC or
GND
IO = 0
2.3 to 3.6
0.2
40
µA
∆ICC
additional quiescent supply
current given per data I/O
pin with bus hold
VCC − 0.6 IO = 0
2.3 to 3.6
150
750
µA
IBHL
bus hold LOW sustaining
current
0.7(2)
2.3(2)
45
−−
µA
0.8(2)
3.0(2)
75
150
IBHH
bus hold HIGH sustaining
current
1.7(2)
2.3(2)
−45
−µA
2.0(2)
3.0(2)
−75
−175
IBHLO
bus hold LOW overdrive
current
3.6(2)
500
−−
µA
IBHHO
bus hold LOW overdrive
current
3.6(2)
−500
−−
µA


同様の部品番号 - 74ALVCH162601

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74ALVCH162601 NEXPERIA-74ALVCH162601 Datasheet
233Kb / 15P
   18-bit universal bus transceiver with 30 Ω termination resistor; 3-state
Rev. 2 - 13 August 2018
74ALVCH162601DGG NEXPERIA-74ALVCH162601DGG Datasheet
233Kb / 15P
   18-bit universal bus transceiver with 30 Ω termination resistor; 3-state
Rev. 2 - 13 August 2018
logo
Texas Instruments
74ALVCH162601DLG4 TI-74ALVCH162601DLG4 Datasheet
361Kb / 15P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
74ALVCH162601DLRG4 TI-74ALVCH162601DLRG4 Datasheet
361Kb / 15P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
74ALVCH162601GRE4 TI-74ALVCH162601GRE4 Datasheet
361Kb / 15P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

同様の説明 - 74ALVCH162601

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ALVCH162601 PHILIPS-74ALVCH162601_15 Datasheet
104Kb / 20P
   18-bit universal bus transceiver with 30 W termination resistor; 3-state
1999 Oct 14
logo
Nexperia B.V. All right...
74ALVCH162601 NEXPERIA-74ALVCH162601 Datasheet
233Kb / 15P
   18-bit universal bus transceiver with 30 Ω termination resistor; 3-state
Rev. 2 - 13 August 2018
logo
NXP Semiconductors
74ALVCH16601 PHILIPS-74ALVCH16601 Datasheet
86Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVT16601 PHILIPS-74ALVT16601 Datasheet
96Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVCH16600 PHILIPS-74ALVCH16600_15 Datasheet
93Kb / 14P
   18-bit universal bus transceiver (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ALVCH16501 NEXPERIA-74ALVCH16501 Datasheet
253Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 7 - 24 November 2021
74ALVT16601 NEXPERIA-74ALVT16601 Datasheet
233Kb / 21P
   18-bit universal bus transceiver; 3-state
Rev. 03 - 5 July 2005
logo
NXP Semiconductors
74ABT16500C PHILIPS-74ABT16500C Datasheet
88Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Feb 27
logo
Nexperia B.V. All right...
74ALVCH16600 NEXPERIA-74ALVCH16600 Datasheet
210Kb / 17P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 15 January 2018
74ALVCH16601 NEXPERIA-74ALVCH16601 Datasheet
231Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 13 August 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com