データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ALVCH16373 データシート(PDF) 5 Page - NXP Semiconductors

部品番号 74ALVCH16373
部品情報  2.5V/3.3V 16-bit D-type transparent latch 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16373 データシート(HTML) 5 Page - NXP Semiconductors

  74ALVCH16373 Datasheet HTML 1Page - NXP Semiconductors 74ALVCH16373 Datasheet HTML 2Page - NXP Semiconductors 74ALVCH16373 Datasheet HTML 3Page - NXP Semiconductors 74ALVCH16373 Datasheet HTML 4Page - NXP Semiconductors 74ALVCH16373 Datasheet HTML 5Page - NXP Semiconductors 74ALVCH16373 Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16373 Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16373 Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16373 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
Product specification
74ALVCH16373
16-bit D-type transparent latch (3-State)
1999 Sep 20
5
ABSOLUTE MAXIMUM RATINGS
In accordance with the Absolute Maximum Rating System (IEC 134)
Voltages are referenced to GND (ground = 0V)
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VCC
DC supply voltage
–0.5 to +4.6
V
IIK
DC input diode current
VI t0
–50
mA
VI
DC input voltage
For control pins2
–0.5 to +4.6
V
VI
DC in ut voltage
For data inputs2
–0.5 to VCC +0.5
V
IOK
DC output diode current
VO uVCC or VO t 0
"50
mA
VO
DC output voltage
Note 2
–0.5 to VCC +0.5
V
IO
DC output source or sink current
VO = 0 to VCC
"50
mA
IGND, ICC
DC VCC or GND current
"100
mA
Tstg
Storage temperature range
–65 to +150
°C
PTOT
Power dissipation per package
–plastic medium-shrink (SSOP)
–plastic thin-medium-shrink (TSSOP)
For temperature range: –40 to +125
°C
above +55
°C derate linearly with 11.3 mW/K
above +55
°C derate linearly with 8 mW/K
850
600
mW
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
DC ELECTRICAL CHARACTERISTICS
Over recommended operating conditions. Voltage are referenced to GND (ground = 0 V).
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Temp = -40
°C to +85°C
UNIT
MIN
TYP1
MAX
VCC = 1.2V
VCC
V
HIGH level Input voltage
VCC = 1.8V
0.7*VCC
0.9
V
VIH
HIGH level Input voltage
VCC = 2.3 to 2.7V
1.7
1.2
V
VCC = 2.7 to 3.6V
2.0
1.5
VCC = 1.2V
GND
V
LOW level Input voltage
VCC = 1.8V
0.9
0.2*VCC
V
VIL
LOW level Input voltage
VCC = 2.3 to 2.7V
1.2
0.7
V
VCC = 2.7 to 3.6V
1.5
0.8
VCC =1 8to3 6V; V =V or V ; IO = 100µA
VCC 02
VCC
VCC = 1.8 to 3.6V; VI = VIH or VIL; IO = –100µA
VCC*0.2
VCC
VCC = 1.8V; VI = VIH or VIL; IO = –6mA
VCC*0.4
VCC*0.10
VCC = 2.3V; VI = VIH or VIL; IO = –6mA
VCC*0.3
VCC*0.08
VOH
HIGH level output voltage
VCC = 2.3V; VI = VIH or VIL; IO = –12mA
VCC*0.5
VCC*0.17
V
VCC = 2.3V; VI = VIH or VIL; IO = –18mA
VCC*0.6
VCC*0.26
VCC = 2.7V; VI = VIH or VIL; IO = –12mA
VCC*0.5
VCC*0.14
VCC = 3.0V; VI = VIH or VIL; IO = –24mA
VCC*1.0
VCC*0.28


同様の部品番号 - 74ALVCH16373

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74ALVCH16373 FAIRCHILD-74ALVCH16373 Datasheet
95Kb / 7P
   Low Voltage 16-Bit Transparent Latch with Bushold
logo
ON Semiconductor
74ALVCH16373 ONSEMI-74ALVCH16373 Datasheet
143Kb / 12P
   LOW-VOLTAGE 16-BIT TRANSPARENT LATCH WITH BUS HOLD 1.8/2.5/3.3 V
September, 2002 ??Rev. 1
logo
STMicroelectronics
74ALVCH16373 STMICROELECTRONICS-74ALVCH16373 Datasheet
279Kb / 11P
   LOW VOLTAGE CMOS 16-BITD-TYPE LATCH (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
NXP Semiconductors
74ALVCH16373 PHILIPS-74ALVCH16373 Datasheet
128Kb / 18P
   2.5 V/3.3 V 16-bit D-type transparent latch; 3-state
Rev. 6-10 July 2012
logo
Nexperia B.V. All right...
74ALVCH16373 NEXPERIA-74ALVCH16373 Datasheet
238Kb / 14P
   2.5 V/3.3 V 16-bit D-type transparent latch; 3-state
Rev. 8 - 22 November 2021
More results

同様の説明 - 74ALVCH16373

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ALVT16373_3 PHILIPS-74ALVT16373_3_15 Datasheet
116Kb / 12P
   2.5V/3.3V 16-bit transparent D-type latch (3-State)
1999 Oct 18
74ALVT16373 PHILIPS-74ALVT16373 Datasheet
99Kb / 12P
   2.5V/3.3V 16-bit transparent D-type latch 3-State
1999 Oct 18
74LVT16373A PHILIPS-74LVT16373A Datasheet
86Kb / 10P
   3.3V LVT 16-bit transparent D-type latch 3-State
1998 Feb 19
logo
Nexperia B.V. All right...
74ALVT16373 NEXPERIA-74ALVT16373 Datasheet
243Kb / 14P
   16-bit transparent D-type latch; 3-state
Rev. 5 - 14 July 2021
logo
NXP Semiconductors
74LVT573 PHILIPS-74LVT573 Datasheet
99Kb / 12P
   3.3V Octal D-type transparent latch 3-State
1998 Feb 19
logo
Integrated Device Techn...
IDT74LVC16373A IDT-IDT74LVC16373A_15 Datasheet
106Kb / 6P
   3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH
IDT74LVCH162373A IDT-IDT74LVCH162373A Datasheet
223Kb / 6P
   3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH
logo
Texas Instruments
SN74AUC16373 TI-SN74AUC16373 Datasheet
224Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373A TI-SN74LVC16373A_06 Datasheet
329Kb / 15P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16373 TI-SN74ALVCH16373_07 Datasheet
488Kb / 19P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com