データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ALVCH16500 データシート(PDF) 11 Page - NXP Semiconductors

部品番号 74ALVCH16500
部品情報  18-bit universal bus transceiver 3-State
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16500 データシート(HTML) 11 Page - NXP Semiconductors

Back Button 74ALVCH16500 Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16500 Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16500 Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16500 Datasheet HTML 9Page - NXP Semiconductors 74ALVCH16500 Datasheet HTML 10Page - NXP Semiconductors 74ALVCH16500 Datasheet HTML 11Page - NXP Semiconductors 74ALVCH16500 Datasheet HTML 12Page - NXP Semiconductors 74ALVCH16500 Datasheet HTML 13Page - NXP Semiconductors 74ALVCH16500 Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Philips Semiconductors
Product specification
74ALVCH16500
18-bit universal bus transceiver (3-State)
1998 Sep 24
11
TEST CIRCUIT
SWITCH POSITION
PULSE
GENERATOR
RT
VI
D.U.T.
VO
CL
VCC
RL = 500 Ω
Test Circuit for switching times
Open
GND
S1
DEFINITIONS
VCC
VI
< 2.7V
VCC
TEST
S1
tPLH/tPHL
Open
RL = Load resistor
CL = Load capacitance includes jig and probe capacitance
RT = Termination resistance should be equal to ZOUT of pulse generators.
2
< VCC
tPLZ/tPZL
2.7V
2.7–3.6V
tPHZ/tPZH
GND
RL = 500 Ω
2 * VCC
SV00906
Waveform 5. Load circuitry for switching times


同様の部品番号 - 74ALVCH16500

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74ALVCH16500 NEXPERIA-74ALVCH16500 Datasheet
210Kb / 17P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 11 December 2017
74ALVCH16500DGG NEXPERIA-74ALVCH16500DGG Datasheet
210Kb / 17P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 11 December 2017
logo
Texas Instruments
74ALVCH16500DGGRE4 TI1-74ALVCH16500DGGRE4 Datasheet
355Kb / 15P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
74ALVCH16500DGGRG4 TI1-74ALVCH16500DGGRG4 Datasheet
355Kb / 15P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
74ALVCH16500DLG4 TI1-74ALVCH16500DLG4 Datasheet
355Kb / 15P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

同様の説明 - 74ALVCH16500

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ALVCH16601 PHILIPS-74ALVCH16601 Datasheet
86Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVT16601 PHILIPS-74ALVT16601 Datasheet
96Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVCH16600 PHILIPS-74ALVCH16600_15 Datasheet
93Kb / 14P
   18-bit universal bus transceiver (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ALVCH16501 NEXPERIA-74ALVCH16501 Datasheet
253Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 7 - 24 November 2021
74ALVT16601 NEXPERIA-74ALVT16601 Datasheet
233Kb / 21P
   18-bit universal bus transceiver; 3-state
Rev. 03 - 5 July 2005
logo
NXP Semiconductors
74ABT16500C PHILIPS-74ABT16500C Datasheet
88Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Feb 27
logo
Nexperia B.V. All right...
74ALVCH16600 NEXPERIA-74ALVCH16600 Datasheet
210Kb / 17P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 15 January 2018
74ALVCH16601 NEXPERIA-74ALVCH16601 Datasheet
231Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 13 August 2018
logo
NXP Semiconductors
74ALVT16501 PHILIPS-74ALVT16501_05 Datasheet
123Kb / 20P
   18-bit universal bus transceiver; 3-state
Rev. 04-8 August 2005
74ALVCH16501 PHILIPS-74ALVCH16501 Datasheet
86Kb / 13P
   18-bit universal bus transceiver 3-State
1998 Sep 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com